Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA5534DR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SA5534DR
Description  Low-Noise Operational Amplifiers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SA5534DR Datasheet(HTML) 1 Page - Texas Instruments

  SA5534DR Datasheet HTML 1Page - Texas Instruments SA5534DR Datasheet HTML 2Page - Texas Instruments SA5534DR Datasheet HTML 3Page - Texas Instruments SA5534DR Datasheet HTML 4Page - Texas Instruments SA5534DR Datasheet HTML 5Page - Texas Instruments SA5534DR Datasheet HTML 6Page - Texas Instruments SA5534DR Datasheet HTML 7Page - Texas Instruments SA5534DR Datasheet HTML 8Page - Texas Instruments SA5534DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
IN−
COMP/BAL
COMP
OUT
BALANCE
+
IN+
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
NE5534, NE5534A, SA5534, SA5534A
SLOS070D – JULY 1979 – REVISED NOVEMBER 2014
NE5534x, SA5534x Low-Noise Operational Amplifiers
1 Features
3 Description
The NE5534, NE5534A, SA5534, and SA5534A
1
Equivalent Input Noise Voltage
devices are high-performance operational amplifiers
3.5 nV/
√Hz Typ
combining excellent dc and ac characteristics. Some
Unity-Gain Bandwidth 10 MHz Typ
of the features include very low noise, high output-
Common-Mode Rejection Ratio 100 dB Typ
drive capability, high unity-gain and maximum-output-
swing bandwidths, low distortion, and high slew rate.
High DC Voltage Gain 100 V/mV Typ
Peak-to-Peak Output Voltage Swing 32 V Typ
These
operational
amplifiers
are
compensated
internally for a gain equal to or greater than three.
With VCC± = ±18 V and RL = 600 Ω
Optimization of the frequency response for various
High Slew Rate 13 V/
μs Typ
applications can be obtained by use of an external
Wide Supply-Voltage Range ±3 V to ±20 V
compensation
capacitor
between
COMP
and
Low Harmonic Distortion
COMP/BAL. The devices feature input-protection
diodes, output short-circuit protection, and offset-
Offset Nulling Capability
voltage nulling capability with use of the BALANCE
External Compensation Capability
and COMP/BAL pins (see Figure 10).
For the NE5534A and SA5534A devices, a maximum
2 Applications
limit is specified for the equivalent input noise
Audio Preamplifiers
voltage.
Servo Error Amplifiers
Device Information
Medical Equipment
PART NUMBER
PACKAGE (PIN)
BODY SIZE (NOM)
Telephone Channel Amplifiers
NE5534x
SOIC (8)
4.90 mm × 3.91 mm
SOIC (8)
4.90 mm × 3.91 mm
SA5534x
SO (8)
6.20 mm × 5.30 mm
4 Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SA5534DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SA5534DR TI-SA5534DR Datasheet
314Kb / 15P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
SA5534DR TI-SA5534DR Datasheet
459Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
SA5534DR TI-SA5534DR Datasheet
489Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
SA5534DR TI-SA5534DR Datasheet
541Kb / 20P
[Old version datasheet]   Equivalent Input Noise Voltage
SA5534DRE4 TI-SA5534DRE4 Datasheet
459Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
More results

Similar Description - SA5534DR

ManufacturerPart #DatasheetDescription
logo
Rohm
BA14741F ROHM-BA14741F Datasheet
426Kb / 21P
   Low Noise Operational Amplifiers
BA2115FJ ROHM-BA2115FJ Datasheet
1Mb / 29P
   Low Noise Operational Amplifiers
logo
Texas Instruments
NE5534 TI-NE5534_08 Datasheet
489Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534 TI-NE5534 Datasheet
314Kb / 15P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4558F ROHM-BA4558F_09 Datasheet
864Kb / 34P
   Operational Amplifiers: Low Noise
logo
Texas Instruments
NE5534 TI-NE5534_07 Datasheet
459Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4510F-E2 ROHM-BA4510F-E2 Datasheet
963Kb / 49P
   Low Noise Operational Amplifiers
BA4580RF-E2 ROHM-BA4580RF-E2 Datasheet
957Kb / 49P
   Low Noise Operational Amplifiers
BA4560FJ-E2 ROHM-BA4560FJ-E2 Datasheet
581Kb / 44P
   Low Noise Operational Amplifiers
BA2107G ROHM-BA2107G_14 Datasheet
2Mb / 35P
   Low Noise Operational Amplifiers
BA8522RF-E2 ROHM-BA8522RF-E2 Datasheet
690Kb / 26P
   Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com