Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

750-880 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 750-880
Description  PLC - ETHERNET Programmable Fieldbus Controller
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

750-880 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  750-880 Datasheet HTML 1Page - List of Unclassifed Manufacturers 750-880 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
750-880
3
66
PLC - ETHERNET Programmable Fieldbus Controller
32-bit CPU, multitasking
X1
1
8
ON
0: WBM
255: DHCP
X2
I/O
NS
MS
LINK
ACT 1
LINK
ACT 2
ETHERNET
USR
SD
24V 0V
++
01 02
C
D
B
A
0 V
Fieldbus
connection
RJ-45
Address
Fieldbus
connection
RJ-45
Power jumper contacts
Configuration and
programming interface
(with cover open)
Data contacts
Marking area
Supply via
power jumper contacts
24 V
Supply
24 V
0 V
Status
voltage supply
-System
-Power jumper contacts
In conjunction with the WAGO-I/O-SYSTEM, the ETHERNET PLC can be used as
a programmable controller within ETHERNET networks.
The PLC supports all digital, analog, and specialty modules within the 750/753
Series, and is suitable for data rates of 10/100 Mbit/s.
Two ETHERNET interfaces and an integrated switch allow the fieldbus to be wired
in a line topology. This eliminates additional network devices, such as switches or
hubs. Both interfaces support Auto-Negotiation and Auto-MDI(X).
The DIP switch configures the last byte of the IP address and may be used for
IP address assignment.
The PLC supports both MODBUS/TCP and ETHERNET/IP for use in industrial en-
vironments. It also supports a wide variety of standard ETHERNET protocols for
easy integration into IT environments (e.g., HTTP, BootP, DHCP, DNS, SNTP,
SNMP, FTP).
For use in telecontrol applications; the 750-880/025-001 and -002 Controllers
support the IEC 60870-5-101/-103-104, IEC 61850-7, and IEC 61400-25
communication protocols.
An integrated Web server provides the user with configuration options and status
information from the controller.
The controller is programmable according to IEC 61131-3, capable of
multitasking, and features a battery-backed RTC.
1 MB data memory is available.
The 750-880 PLC has a slot for a removable memory card, allowing device pa-
rameters or files (e.g., boot files) to be transferred from one controller to another.
The memory card can be accessed via FTP and be used as an additional drive.
Description
Item No.
Pack.
Unit
ETHERNET Controller
750-880
1
ETHERNET Controller/T
750-880/025-000
1
Extended temperature range: -20 °C ... +60 °C
ETHERNET Controller Telecontrol/T
750-880/025-001
1
Extended temperature range: -20 °C ... +60 °C
ETHERNET-Controller Telecontrol ECO/T
750-880/025-002
1
Extended temperature range: -20 °C ... +60 °C
Accessories
Item No.
Pack.
Unit
SD memory card, 2 GB
758-879/000-001
1
WAGO-I/O-PRO V2.3, RS-232 kit
759-333
1
Miniature WSB Quick marking system
plain
248-501
5
with marking
see Section 11
Approvals
Conformity marking
1
Korea Certification
(750-880, 750-880/025-000,
750-880/025-001)
Marine applications (versions upon request)
ABS, BV, DNV, GL, KR, LR, NKK, PRS, RINA
r UL 508
r ANSI/ISA 12.12.01
Class I, Div. 2, Grp. ABCD, T4
4 TÜV 07 ATEX 554086 X
I M2 Ex d I Mb,
II 3 G Ex nA IIC T4 Gc,
II 3 D Ex tc IIIC T135°C Dc
Permissible ambient temperature 0 °C ... +60 °C
IECEx TUN 09.0001 X
Ex d I Mb,
Ex nA IIC T4 Gc,
Ex tc IIIC T135°C Dc
Permissible ambient temperature 0 °C ... +60 °C
System Data
No. of controllers connected to Master
limited by ETHERNET specification
Transmission medium
Twisted Pair S-UTP
100 Ω, Cat 5;
Max. line length: 100 m
Baud rate
10/100 Mbit/s
Transmission performance
Class D acc. to EN 50173
Buscoupler connection
2 x RJ-45
Protocols
750-880/025-001 and -002
EtherNet/IP, MODBUS/TCP (UDP), HTTP,
BootP, DHCP, DNS, SNTP, FTP, SNMP
IEC 60870-5-101/-103/-104,
IEC 61850-7, IEC 61400-25
Programming
WAGO-I/O-PRO V2.3
IEC 61131-3
IL, LD, FBD (CFC), ST, FC
SD card slot
Push-push mechanism, sealable cover lid
Type of memory card
SD and SDHC up to 32 GB (All
guaranteed properties are only valid in
connection with the WAGO 758-879/
000-001 memory card.)
WAGO Kontakttechnik GmbH & Co. KG
Subject to design changes
05.01.2015
Postfach 2880 - D-32385 Minden
Hansastr. 27 - D-32423 Minden
Tel.: +49(0)571/887-0
E-Mail: info@wago.com
Fax: +49(0)571/887-169
www.wago.com


Similar Part No. - 750-880

ManufacturerPart #DatasheetDescription
logo
WAGO Kontakttechnik Gmb...
750-880-025-000 WAGO-750-880-025-000 Datasheet
750Kb / 15P
   Controller ETHERNET; 3rd Generation; SD Card Slot; Ext. Temperature
750-880-025-001 WAGO-750-880-025-001 Datasheet
726Kb / 15P
   Controller ETHERNET; 3rd Generation; SD Card Slot; Telecontrol
750-880-025-002 WAGO-750-880-025-002 Datasheet
750Kb / 15P
   Controller ETHERNET; 3rd Generation; SD Card Slot; Telecontrol
750-880-040-000 WAGO-750-880-040-000 Datasheet
652Kb / 15P
   Controller ETHERNET; 3rd Generation; SD Card Slot; Extreme
750-880-040-001 WAGO-750-880-040-001 Datasheet
705Kb / 15P
   Controller ETHERNET; 3rd Generation; SD Card Slot
More results

Similar Description - 750-880

ManufacturerPart #DatasheetDescription
logo
WAGO Kontakttechnik Gmb...
750-342 WAGO-750-342 Datasheet
598Kb / 14P
   Fieldbus Coupler ETHERNET; 1st Generation
logo
Omron Electronics LLC
CP1L-L14DT-D OMRON-CP1L-L14DT-D Datasheet
3Mb / 36P
   High Performing Programmable Controller with Embedded Ethernet
logo
WAGO Kontakttechnik Gmb...
750-352-040-000 WAGO-750-352-040-000 Datasheet
654Kb / 13P
   Fieldbus Coupler ETHERNET; 3rd Generation; Extreme
logo
Weidmuller
1334920000 WEIDMULLER-1334920000 Datasheet
682Kb / 5P
   Remote I/O fieldbus coupler, IP20, Ethernet, EtherNet/IP
1550550000 WEIDMULLER-1550550000 Datasheet
344Kb / 4P
   Remote I/O fieldbus coupler, IP20, Ethernet, EtherNet/IP
2661310000 WEIDMULLER-2661310000 Datasheet
442Kb / 4P
   Remote I/O fieldbus coupler, IP20, Ethernet
November 4, 2021
logo
Cirrus Logic
CS8920 CIRRUS-CS8920 Datasheet
1Mb / 66P
   Ethernet Controller
logo
Weidmuller
1334910000 WEIDMULLER-1334910000 Datasheet
729Kb / 6P
   Remote I/O fieldbus coupler, IP20, Ethernet, EtherCAT
1334940000 WEIDMULLER-1334940000 Datasheet
533Kb / 5P
   Remote I/O fieldbus coupler, IP20, Ethernet, POWERLINK
logo
Advantech Co., Ltd.
EKI-1242EIMS ADVANTECH-EKI-1242EIMS Datasheet
257Kb / 2P
   Modbus RTU/TCP to Ethernet/IP Fieldbus Gateway
17-Jan-2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com