Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS321IDBVT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TS321IDBVT
Description  Low-Power Single Operational Amplifier
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS321IDBVT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TS321IDBVT Datasheet HTML 2Page - Texas Instruments TS321IDBVT Datasheet HTML 3Page - Texas Instruments TS321IDBVT Datasheet HTML 4Page - Texas Instruments TS321IDBVT Datasheet HTML 5Page - Texas Instruments TS321IDBVT Datasheet HTML 6Page - Texas Instruments TS321IDBVT Datasheet HTML 7Page - Texas Instruments TS321IDBVT Datasheet HTML 8Page - Texas Instruments TS321IDBVT Datasheet HTML 9Page - Texas Instruments TS321IDBVT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
0
5
10
15
20
25
±50
±25
0
25
50
75
100
125
Temperature (C)
Vcc = 15V
C001
±45
±40
±35
±30
±25
±20
±15
±10
±5
0
±50
±25
0
25
50
75
100
125
Temperature (C)
Vcc = 15V
C001
0.0
0.5
1.0
1.5
2.0
2.5
0.01
0.1
1
10
IOL (mA)
-40C
25C
125C
C001
0.0
0.5
1.0
1.5
2.0
2.5
±50
±25
0
25
50
75
100
125
Temperature (C)
Iout = 3mA
Iout = 15mA
C001
0
5
10
15
20
25
30
35
40
45
±50
±25
0
25
50
75
100
125
Temperature (C)
Vcc = 5V
C001
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
±50
±25
0
25
50
75
100
125
Temperature (C)
Vcc = 5V
Vcc = 30V
C001
TS321
SLOS489C – DECEMBER 2005 – REVISED APRIL 2015
www.ti.com
7.6 Typical Characteristics
Figure 1. Input Current vs Temperature
Figure 2. Supply Current vs Temperature
Figure 3. Output Sinking Characteristics
Figure 4. Output Sourcing Characteristics
Figure 5. Short Circuit Current to Supply (1)
Figure 6. Short Circuit Current to Ground
(1)
Short circuits from outputs to VCC can cause excessive heating and eventual destruction.
6
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: TS321


Similar Part No. - TS321IDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS321IDBVT TI-TS321IDBVT Datasheet
259Kb / 8P
[Old version datasheet]   LOW-POWER SINGLE OPERATIONAL AMPLIFIER
TS321IDBVT TI-TS321IDBVT Datasheet
368Kb / 11P
[Old version datasheet]   LOW-POWER SINGLE OPERATIONAL AMPLIFIER
TS321IDBVTE4 TI-TS321IDBVTE4 Datasheet
259Kb / 8P
[Old version datasheet]   LOW-POWER SINGLE OPERATIONAL AMPLIFIER
TS321IDBVTE4 TI-TS321IDBVTE4 Datasheet
368Kb / 11P
[Old version datasheet]   LOW-POWER SINGLE OPERATIONAL AMPLIFIER
TS321IDBVTG4 TI-TS321IDBVTG4 Datasheet
368Kb / 11P
[Old version datasheet]   LOW-POWER SINGLE OPERATIONAL AMPLIFIER
More results

Similar Description - TS321IDBVT

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2130 NJRC-NJM2130 Datasheet
143Kb / 3P
   LOW POWER SINGLE OPERATIONAL AMPLIFIER
logo
BCD Semiconductor Manuf...
AS321 BCDSEMI-AS321 Datasheet
218Kb / 11P
   LOW POWER SINGLE OPERATIONAL AMPLIFIER
logo
Texas Instruments
TL343IDBVRG4 TI1-TL343IDBVRG4 Datasheet
663Kb / 11P
[Old version datasheet]   SINGLE LOW-POWER OPERATIONAL AMPLIFIER
TS321 TI-TS321_10 Datasheet
368Kb / 11P
[Old version datasheet]   LOW-POWER SINGLE OPERATIONAL AMPLIFIER
TS321 TI-TS321 Datasheet
259Kb / 8P
[Old version datasheet]   LOW-POWER SINGLE OPERATIONAL AMPLIFIER
TL343 TI-TL343_06 Datasheet
124Kb / 8P
[Old version datasheet]   SINGLE LOW-POWER OPERATIONAL AMPLIFIER
TL343 TI-TL343 Datasheet
114Kb / 7P
[Old version datasheet]   SINGLE LOW-POWER OPERATIONAL AMPLIFIER
logo
TECH PUBLIC Electronics...
LM321SN3T1G TECHPUBLIC-LM321SN3T1G Datasheet
1Mb / 6P
   LOW POWER SINGLE OPERATIONAL AMPLIFIER
2021.6.15
logo
STMicroelectronics
TS321 STMICROELECTRONICS-TS321_05 Datasheet
184Kb / 12P
   Low Power Single Operational Amplifier
logo
Taiwan Semiconductor Co...
TS321 TSC-TS321 Datasheet
291Kb / 6P
   Low Power Single Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com