Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC4558DE4 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # RC4558DE4
Description  Dual General-Purpose Operational Amplifier
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RC4558DE4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button RC4558DE4 Datasheet HTML 5Page - Texas Instruments RC4558DE4 Datasheet HTML 6Page - Texas Instruments RC4558DE4 Datasheet HTML 7Page - Texas Instruments RC4558DE4 Datasheet HTML 8Page - Texas Instruments RC4558DE4 Datasheet HTML 9Page - Texas Instruments RC4558DE4 Datasheet HTML 10Page - Texas Instruments RC4558DE4 Datasheet HTML 11Page - Texas Instruments RC4558DE4 Datasheet HTML 12Page - Texas Instruments RC4558DE4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
OUT
IN+
IN−
VCC−
VCC+
RC4558
www.ti.com
SLOS073G – MARCH 1976 – REVISED OCTOBER 2014
7 Detailed Description
7.1 Overview
The RC4558 device is a dual general-purpose operational amplifier, with each half electrically similar to the
μA741, except that offset null capability is not provided.
The high common-mode input voltage range and the absence of latch-up make this amplifier ideal for voltage-
follower applications. The device is short-circuit protected, and the internal frequency compensation ensures
stability without external components.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Unity-Gain Bandwidth
The unity-gain bandwidth is the frequency up to which an amplifier with a unity gain may be operated without
greatly distorting the signal. The RC4558 device has a 3-MHz unity-gain bandwidth.
7.3.2 Common-Mode Rejection Ratio
The common-mode rejection ratio (CMRR) of an amplifier is a measure of how well the device rejects unwanted
input signals common to both input leads. It is found by taking the ratio of the change in input offset voltage to
the change in the input voltage, then converting to decibels. Ideally the CMRR is infinite, but in practice,
amplifiers are designed to have it as high as possible. The CMRR of the RC4558 device is 90 dB.
7.3.3 Slew Rate
The slew rate is the rate at which an operational amplifier can change its output when there is a change on the
input. The RC4558 device has a 1.7 V/
μs slew rate.
7.4 Device Functional Modes
The RC4558 device is powered on when the supply is connected. Each of these devices can be operated as a
single supply operational amplifier or dual supply amplifier depending on the application.
Copyright © 1976–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: RC4558


Similar Part No. - RC4558DE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RC4558DE4 TI-RC4558DE4 Datasheet
1Mb / 16P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIER
RC4558DE4 TI-RC4558DE4 Datasheet
1Mb / 19P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIER
More results

Similar Description - RC4558DE4

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1458 NEC-UPC1458 Datasheet
306Kb / 10P
   GENERAL PURPOSE DUAL OPERATIONAL AMPLIFIER
logo
Taiwan Semiconductor Co...
TS4558 TSC-TS4558_07 Datasheet
408Kb / 7P
   Dual General Purpose Operational Amplifier
logo
Texas Instruments
MC1558 TI1-MC1558 Datasheet
109Kb / 4P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIER
MC1558-DIE TI1-MC1558-DIE Datasheet
109Kb / 4P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIER
logo
Taiwan Semiconductor Co...
TS4558 TSC-TS4558_08 Datasheet
149Kb / 7P
   Dual General Purpose Operational Amplifier
logo
NXP Semiconductors
NE4558 PHILIPS-NE4558 Datasheet
85Kb / 5P
   Dual general-purpose operational amplifier
August 31, 1994
logo
Renesas Technology Corp
PC1458 RENESAS-PC1458_15 Datasheet
355Kb / 11P
   GENERAL PURPOSE DUAL OPERATIONAL AMPLIFIER
logo
Texas Instruments
RC4558 TI-RC4558_10 Datasheet
1Mb / 19P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIER
logo
Taiwan Semiconductor Co...
TS4558 TSC-TS4558 Datasheet
123Kb / 5P
   Dual General Purpose Operational Amplifier
logo
Texas Instruments
RC4558 TI-RC4558_06 Datasheet
1Mb / 16P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com