Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPV521 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LPV521
Description  RRIO, CMOS Input, Operational Amplifier
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPV521 Datasheet(HTML) 1 Page - Texas Instruments

  LPV521 Datasheet HTML 1Page - Texas Instruments LPV521 Datasheet HTML 2Page - Texas Instruments LPV521 Datasheet HTML 3Page - Texas Instruments LPV521 Datasheet HTML 4Page - Texas Instruments LPV521 Datasheet HTML 5Page - Texas Instruments LPV521 Datasheet HTML 6Page - Texas Instruments LPV521 Datasheet HTML 7Page - Texas Instruments LPV521 Datasheet HTML 8Page - Texas Instruments LPV521 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
SUPPLY VOLTAGE (V)
800
700
600
500
400
300
200
100
0
1
2
3
4
5
6
125°C
85°C
25°C
-40°C
VCM = VS ± 0.3V
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LPV521
SNOSB14D – AUGUST 2009 – REVISED DECEMBER 2014
LPV521 NanoPower, 1.8-V, RRIO, CMOS Input, Operational Amplifier
1 Features
3 Description
The LPV521 is a single nanopower 552-nW amplifier
1
For VS = 5 V, Typical Unless Otherwise Noted
designed for ultra long life battery applications. The
Supply Current at VCM = 0.3 V 400 nA (Max)
operating voltage range of 1.6 V to 5.5 V coupled
Operating Voltage Range 1.6 V to 5.5 V
with typically 351 nA of supply current make it well
suited
for
RFID
readers
and
remote
sensor
Low TCVOS 3.5 µV/°C (Max)
nanopower
applications.
The
device
has
input
VOS 1 mV (Max)
common
mode
voltage
0.1
V
over
the
rails,
Input Bias Current 40 fA
guaranteed TCVOS and voltage swing to the rail
output performance. The LPV521 has a carefully
PSRR 109 dB
designed
CMOS
input
stage
that
outperforms
CMRR 102 dB
competitors with typically 40 fA IBIAS currents. This
Open-Loop Gain 132 dB
low input current significantly reduces IBIAS and IOS
errors
introduced
in
megohm
resistance,
high
Gain Bandwidth Product 6.2 kHz
impedance photodiode, and charge sense situations.
Slew Rate 2.4 V/ms
The LPV521 is a member of the PowerWise™ family
Input Voltage Noise at f = 100 Hz 255 nV/
√Hz
and has an exceptional power-to-performance ratio.
Temperature Range
−40°C to 125°C
The
wide
input
common
mode
voltage
range,
guaranteed 1 mV VOS and 3.5 µV/°C TCVOS enables
2 Applications
accurate and stable measurement for both high-side
and low-side current sensing.
Wireless Remote Sensors
Powerline Monitoring
EMI protection was designed into the device to
reduce sensitivity to unwanted RF signals from cell
Power Meters
phones or other RFID readers.
Battery Powered Industrial Sensors
The LPV521 is offered in the 5-pin SC70 package.
Micropower Oxygen sensor and Gas Sensor
Active RFID Readers
Device Information(1)
Zigbee Based Sensors for HVAC Control
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Sensor Network Powered by Energy Scavenging
LPV521
SC70 (5)
2.00 mm x 1.25 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Nanopower Supply Current
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LPV521

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LPV521 NSC-LPV521 Datasheet
1Mb / 22P
   Nanopower, 1.8V, RRIO, CMOS Input, Operational Amplifier
logo
Texas Instruments
LPV521 TI-LPV521 Datasheet
1Mb / 29P
[Old version datasheet]   LPV521 Nanopower, 1.8V, RRIO, CMOS Input, Operational Amplifier
LPV521 TI1-LPV521 Datasheet
1Mb / 34P
[Old version datasheet]   NanoPower, 1.8-V, RRIO, CMOS Input, Operational Amplifier
logo
National Semiconductor ...
LPV521MG NSC-LPV521MG Datasheet
1Mb / 22P
   Nanopower, 1.8V, RRIO, CMOS Input, Operational Amplifier
logo
Texas Instruments
LPV521MG TI-LPV521MG Datasheet
1Mb / 29P
[Old version datasheet]   LPV521 Nanopower, 1.8V, RRIO, CMOS Input, Operational Amplifier
More results

Similar Description - LPV521

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LPV521 NSC-LPV521 Datasheet
1Mb / 22P
   Nanopower, 1.8V, RRIO, CMOS Input, Operational Amplifier
logo
Texas Instruments
LPV542 TI1-LPV542 Datasheet
1Mb / 29P
[Old version datasheet]   RRIO CMOS Operational Amplifier
TLV521 TI1-TLV521 Datasheet
1Mb / 27P
[Old version datasheet]   TLV521 NanoPower, 350nA, RRIO, CMOS Input, Operational Amplifier
LPV521 TI1-LPV521_16 Datasheet
1Mb / 34P
[Old version datasheet]   NanoPower, 1.8-V, RRIO, CMOS Input, Operational Amplifier
LPV521MGX TI-LPV521MGX Datasheet
1Mb / 29P
[Old version datasheet]   LPV521 Nanopower, 1.8V, RRIO, CMOS Input, Operational Amplifier
LPV521 TI-LPV521_15 Datasheet
1Mb / 33P
[Old version datasheet]   LPV521 NanoPower, 1.8-V, RRIO, CMOS Input, Operational Amplifier
LMV841 TI-LMV841_15 Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
logo
National Semiconductor ...
LMV841 NSC-LMV841_09 Datasheet
1Mb / 22P
   CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
LMV841_0710 NSC-LMV841_0710 Datasheet
1Mb / 20P
   CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
logo
Analog Devices
AD8657 AD-AD8657_11 Datasheet
677Kb / 24P
   18 V, Precision, Micropower CMOS RRIO Operational Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com