Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV821M7X Datasheet(PDF) 8 Page - Texas Instruments

Part # LMV821M7X
Description  Single/Dual/Quad Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV821M7X Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMV821M7X Datasheet HTML 4Page - Texas Instruments LMV821M7X Datasheet HTML 5Page - Texas Instruments LMV821M7X Datasheet HTML 6Page - Texas Instruments LMV821M7X Datasheet HTML 7Page - Texas Instruments LMV821M7X Datasheet HTML 8Page - Texas Instruments LMV821M7X Datasheet HTML 9Page - Texas Instruments LMV821M7X Datasheet HTML 10Page - Texas Instruments LMV821M7X Datasheet HTML 11Page - Texas Instruments LMV821M7X Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
LMV821-N, LMV822-N, LMV822-N-Q1, LMV824-N, LMV824-N-Q1
SNOS032H – AUGUST 1999 – REVISED APRIL 2014
www.ti.com
DC Electrical Characteristics 5V (continued)
Unless otherwise specified, all limits guaranteed for TJ = 25°C. V
+ = 2.7V, V = 0V, V
CM = 1.0V, VO = 1.35V and RL > 1 MΩ.
Temperature extremes are
−40°C ≤ TJ ≤ 85°C for LMV821/822/824, and −40°C ≤ TJ ≤ 125°C for LMV822-Q1/LMV824-
Q1/LMV824I.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(1)
(2)
(1)
Input Offset Voltage
TCVOS
1
μV/°C
Average Drift
40
100
IB
Input Bias Current
nA
Over Temperature
150
0.5
30
IOS
Input Offset Current
nA
Over Temperature
50
0V
≤ VCM ≤ 4.0V
72
90
Common Mode
CMRR
dB
Rejection Ratio
0V
≤ VCM ≤ 4.0V, Over Temperature
70
1.7V
≤ V+ ≤ 4V, V- = 1V, VO = 0V, VCM = 0V
85
75
LMV821/822/824/824-Q1/824I
Positive Power
+PSRR
Supply Rejection
1.7V
≤ V+ ≤ 4V, V- = 1V, VO = 0V, VCM = 0V
dB
70
Ratio
LMV821/822/824/824-Q1/824I, Over Temperature
LMV822-Q1
75
85
-1.0V
≤ V- ≤ -3.3V, V+ = 1.7V, VO = 0V, VCM = 0V
73
85
LMV821/822/824/824-Q1/824I
Negative Power
−PSRR
Supply Rejection
-1.0V
≤ V- ≤ -3.3V, V+ = 1.7V, VO = 0V, VCM = 0V
dB
70
Ratio
LMV821/822/824/824-Q1/824I
LMV822-Q1
73
85
For CMRR
≥ 50dB
-0.3
-0.2
V
Input Common-Mode
VCM
Voltage Range
4.2
4.3
V
Sourcing, RL = 600Ω to 1.35V,
VO = 1.35V to 2.2V;
95
105
LMV821/822/824
Sourcing, RL = 600Ω to 1.35V,
dB
VO = 1.35V to 2.2V;
90
LMV821/822/824, Over Temperature
LMV822-Q1/LMV824-Q1/LMV824I
95
105
Sinking, RL = 600Ω to 1.35V,
VO = 1.35V to 0.5V
95
105
LMV821/822/824
Sinking, RL = 600Ω to 1.35V,
VO = 1.35V to 0.5V
90
dB
LMV821/822/824, Over Temperature
LMV824I
95
105
LMV824I, Over Temperature
82
Large Signal Voltage
AV
Gain
LMV822-Q1/LMV824-Q1
95
105
Sourcing, RL =2kΩ to 1.35V,
VO = 1.35V to 2.2V;
95
105
LMV821/822/824
Sourcing, RL =2kΩ to 1.35V,
dB
VO = 1.35V to 2.2V;
90
LMV821/822/824, Over Temperature
LMV822-Q1/LMV824-Q1/LMV824I
95
105
Sinking, RL = 2kΩ to 1.35V,
VO = 1.35V to 0.5V
95
105
LMV821/822/824
Sinking, RL = 2kΩ to 1.35V,
dB
VO = 1.35V to 0.5V
90
LMV821/822/824, Over Temperature
LMV822-Q1/LMV824-Q1/LMV824I
95
105
8
Submit Documentation Feedback
Copyright © 1999–2014, Texas Instruments Incorporated
Product Folder Links: LMV821-N LMV822-N LMV822-N-Q1 LMV824-N LMV824-N-Q1


Similar Part No. - LMV821M7X

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV821M7X NSC-LMV821M7X Datasheet
1Mb / 24P
   Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps
logo
Texas Instruments
LMV821M7X TI1-LMV821M7X Datasheet
1Mb / 26P
[Old version datasheet]   Single/ LMV822 Dual/ LMV824 Quad Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps
LMV821M7X TI1-LMV821M7X Datasheet
2Mb / 37P
[Old version datasheet]   LMV821-N/LMV822-N/LMV822-N-Q1/LMV824/LMV824-N-Q1 Single/Dual/Quad Low Voltage
LMV821M7XNOPB TI1-LMV821M7XNOPB Datasheet
2Mb / 37P
[Old version datasheet]   LMV821-N/LMV822-N/LMV822-N-Q1/LMV824/LMV824-N-Q1 Single/Dual/Quad Low Voltage
More results

Similar Description - LMV821M7X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV821-N TI-LMV821-N_15 Datasheet
2Mb / 46P
[Old version datasheet]   LMV82x Single/Dual/Quad Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps
LMV821 TI1-LMV821 Datasheet
1Mb / 26P
[Old version datasheet]   Single/ LMV822 Dual/ LMV824 Quad Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps
logo
National Semiconductor ...
LMV821 NSC-LMV821 Datasheet
1Mb / 24P
   Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps
logo
Maxim Integrated Produc...
LMX321 MAXIM-LMX321 Datasheet
489Kb / 13P
   Single/Dual/Quad, General-Purpose, Low-Voltage, Rail-to-Rail Output Op Amps
LMX321 MAXIM-LMX321_06 Datasheet
509Kb / 15P
   Single/Dual/Quad, General-Purpose, Low-Voltage, Rail-to-Rail Output Op Amps
Rev 1; 10/06
MAX410 MAXIM-MAX410_08 Datasheet
325Kb / 16P
   Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps
Rev 5; 10/08
MAX410 MAXIM-MAX410 Datasheet
461Kb / 12P
   Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps
19-4194; Rev 2; 11/96
logo
NXP Semiconductors
LM124 PHILIPS-LM124 Datasheet
136Kb / 7P
   Low power quad op amps
1995 Nov 27
logo
Linear Technology
LTC6241 LINER-LTC6241_15 Datasheet
430Kb / 32P
   Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
LTC6242 LINER-LTC6242_15 Datasheet
430Kb / 32P
   Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com