Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV931MFX Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LMV931MFX
Description  Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV931MFX Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMV931MFX Datasheet HTML 2Page - Texas Instruments LMV931MFX Datasheet HTML 3Page - Texas Instruments LMV931MFX Datasheet HTML 4Page - Texas Instruments LMV931MFX Datasheet HTML 5Page - Texas Instruments LMV931MFX Datasheet HTML 6Page - Texas Instruments LMV931MFX Datasheet HTML 7Page - Texas Instruments LMV931MFX Datasheet HTML 8Page - Texas Instruments LMV931MFX Datasheet HTML 9Page - Texas Instruments LMV931MFX Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
LMV931-N, LMV931-N-Q1
LMV932-N, LMV932-N-Q1, LMV934-N, LMV934-N-Q1
SNOS993O – NOVEMBER 2001 – REVISED DECEMBER 2014
www.ti.com
DC Electrical Characteristics 1.8 V (continued)
Unless otherwise specified, all limits specified for TJ = 25°C. V
+ = 1.8 V, V = 0 V, V
CM = V
+/2, V
O = V
+/2 and R
L > 1 MΩ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(1)
RL = 600 Ω to 0.9 V
25°C
1.65
1.72
VIN = ±100 mV
0.077
0.105
V
Output Swing
Full Range
1.63
0.173
VO
LMV932-N-Q1 (Dual)
RL = 2 kΩ to 0.9 V
25°C
1.75
1.77
LMV934-N-Q1 (Quad)
VIN = ±100 mV
0.024
0.035
V
Full Range
1.74
0.055
Sourcing, VO = 0 V
25°C
4
8
mA
VIN = 100 mV
Full Range
3.3
IO
Output Short Circuit Current(3)
Sinking, VO = 1.8 V
25°C
7
9
mA
VIN = −100 mV
Full Range
5
(3)
Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in
exceeding the maximum allowed junction temperature of 150°C. Output currents in excess of 45 mA over long term may adversely
affect reliability.
6.7 AC Electrical Characteristics 1.8 V
Unless otherwise specified, all limits specified for TJ = 25°C. V
+ = 1.8 V, V = 0 V, V
CM = V
+/2, V
O = V
+/2 and R
L > 1 MΩ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(1)
SR
Slew Rate
See (2).
0.35
V/
μs
GBW
Gain-Bandwidth Product
1.4
MHz
Φm
Phase Margin
67
deg
Gm
Gain Margin
7
dB
en
Input-Referred Voltage Noise
f = 10 kHz, VCM = 0.5 V
60
nV/
√Hz
in
Input-Referred Current Noise
f = 10 kHz
0.08
pA/
√Hz
f = 1 kHz, AV = +1
0.023%
THD
Total Harmonic Distortion
RL = 600 Ω, VIN = 1 VPP
Amplifier-to-Amplifier Isolation
See(3)
123
dB
(1)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration.
(2)
Connected as voltage follower with input step from Vto V+. Number specified is the slower of the positive and negative slew rates.
(3)
Input referred, RL = 100 kΩ connected to V
+/2. Each amplifier excited in turn with 1 kHz to produce V
O = 3 VPP (For Supply Voltages <3
V, VO = V
+).
6
Submit Documentation Feedback
Copyright © 2001–2014, Texas Instruments Incorporated
Product Folder Links: LMV931-N LMV931-N-Q1 LMV932-N LMV932-N-Q1 LMV934-N LMV934-N-Q1


Similar Part No. - LMV931MFX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV931MFX NSC-LMV931MFX Datasheet
625Kb / 19P
   1.8V, RRIO Operational Amplifiers
logo
Texas Instruments
LMV931MFX TI-LMV931MFX Datasheet
1Mb / 31P
[Old version datasheet]   LMV931-N/LMV931-N-Q1/LMV932-N/LMV932-N-Q1/LMV934-N/LMV934-N-Q1 Single/Dual/Quad 1.8V, RRIO Operational Amplifiers
LMV931MFX TI1-LMV931MFX Datasheet
1Mb / 31P
[Old version datasheet]   LMV931-N/LMV931-N-Q1/LMV932-N/LMV932-N-Q1/LMV934-N/LMV934-N-Q1 Single/Dual/Quad 1.8V, RRIO Operational Amplifiers
LMV931MFX/NOPB TI-LMV931MFX/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   LMV931-N/LMV931-N-Q1/LMV932-N/LMV932-N-Q1/LMV934-N/LMV934-N-Q1 Single/Dual/Quad 1.8V, RRIO Operational Amplifiers
LMV931MFX/NOPB TI1-LMV931MFX/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   LMV931-N/LMV931-N-Q1/LMV932-N/LMV932-N-Q1/LMV934-N/LMV934-N-Q1 Single/Dual/Quad 1.8V, RRIO Operational Amplifiers
More results

Similar Description - LMV931MFX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV932-N-Q1 TI-LMV932-N-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LMV93x-N/-N-Q1 Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
LMV931-N-Q1 TI-LMV931-N-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LMV93x-N/-N-Q1 Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
LMV934-N-Q1 TI-LMV934-N-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LMV93x-N/-N-Q1 Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
logo
Intersil Corporation
ISL28114 INTERSIL-ISL28114 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
ISL28114 INTERSIL-ISL28114_11 Datasheet
1Mb / 22P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28114 RENESAS-ISL28114 Datasheet
1Mb / 23P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Intersil Corporation
ISL28133 INTERSIL-ISL28133 Datasheet
1Mb / 20P
   Single, Dual, and Quad Micropower, Zero-Drift, RRIO Operational Amplifiers
ISL28130CHZ-T7 INTERSIL-ISL28130CHZ-T7 Datasheet
864Kb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
February 13, 2014
ISL28130 INTERSIL-ISL28130_11 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
ISL28130_1012 INTERSIL-ISL28130_1012 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com