Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV721M7X Datasheet(PDF) 4 Page - Texas Instruments

Part # LMV721M7X
Description  10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV721M7X Datasheet(HTML) 4 Page - Texas Instruments

  LMV721M7X Datasheet HTML 1Page - Texas Instruments LMV721M7X Datasheet HTML 2Page - Texas Instruments LMV721M7X Datasheet HTML 3Page - Texas Instruments LMV721M7X Datasheet HTML 4Page - Texas Instruments LMV721M7X Datasheet HTML 5Page - Texas Instruments LMV721M7X Datasheet HTML 6Page - Texas Instruments LMV721M7X Datasheet HTML 7Page - Texas Instruments LMV721M7X Datasheet HTML 8Page - Texas Instruments LMV721M7X Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
LMV721-N, LMV722-N
SNOS414I – AUGUST 1999 – REVISED AUGUST 2013
www.ti.com
5V DC Electrical Characteristics (continued)
Unless otherwise specified, all limits specified for TJ = 25°C. V
+ = 5V, V= 0V, V
CM = V
+/2, V
O = V
+/2 and R
L > 1 MΩ.
Boldface limits apply at the temperature extremes.
Parameter
Test Conditions
Typ (1)
Limit (2)
Units
AV
Large Signal Voltage Gain
RL = 600Ω
87
80
dB
VO = 0.75V to 4.80V
70
min
RL = 2kΩ,
94
85
dB
VO = 0.70V to 4.90V,
70
min
VO
Output Swing
RL = 600Ω to V
+/2
4.882
4.840
V
4.815
min
0.134
0.190
V
0.215
max
RL = 2kΩ to V
+/2
4.952
4.930
V
4.905
min
0.076
0.110
V
0.135
max
I O
Output Current
Sourcing, VO = 0V
52.6
25.0
mA
VIN(diff) = ±0.5V
12.0
min
Sinking, VO = 5V
23.7
15.0
mA
VIN(diff) = ±0.5V
8.5
min
I S
Supply Current
LMV721-N
1.03
1.4
1.7
mA
max
LMV722
2.01
2.4
2.8
5V AC Electrical Characteristics
Unless otherwise specified, all limits specified for TJ = 25°C. V
+ = 5V, V= 0V, V
CM = V
+/2, V
O = V
+/2 and R
L > 1 MΩ.
Boldface limits apply at the temperature extremes.
Parameter
Test Conditions
Typ (1)
Units
SR
Slew Rate
(2)
5.25
V/
μs
GBW
Gain-Bandwidth Product
10.0
MHz
Φm
Phase Margin
72
Deg
Gm
Gain Margin
−11
dB
en
Input-Related Voltage Noise
f = 1 kHz
8.5
nV/
√Hz
in
Input-Referred Current Noise
f = 1 kHz
0.2
pa/
√Hz
THD
Total Harmonic Distortion
f = 1kHz, AV = 1
0.001
%
RL = 600Ω, VO = 1 VPP
(1)
Typical Values represent the most likely parametric norm.
(2)
Connected as voltage follower with 1V step input. Number specified is the slower of the positive and negative slew rate.
4
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LMV721-N LMV722-N


Similar Part No. - LMV721M7X

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV721M7X NSC-LMV721M7X Datasheet
459Kb / 15P
   10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
logo
Texas Instruments
LMV721M7X TI1-LMV721M7X Datasheet
966Kb / 18P
[Old version datasheet]   10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
LMV721M7X TI-LMV721M7X Datasheet
1Mb / 25P
[Old version datasheet]   LMV721-N/LMV722 10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
More results

Similar Description - LMV721M7X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV721 TI1-LMV721 Datasheet
966Kb / 18P
[Old version datasheet]   10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
logo
National Semiconductor ...
LMV721 NSC-LMV721 Datasheet
459Kb / 15P
   10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
LMV721 NSC-LMV721_06 Datasheet
927Kb / 15P
   10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
logo
Texas Instruments
LMV721M5X TI-LMV721M5X Datasheet
1Mb / 25P
[Old version datasheet]   LMV721-N/LMV722 10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
logo
Intersil Corporation
HA-5101 INTERSIL-HA-5101_03 Datasheet
556Kb / 10P
   10MHz, Low Noise, Operational Amplifiers
HA-5101 INTERSIL-HA-5101 Datasheet
534Kb / 10P
   10MHz, Low Noise, Operational Amplifiers
logo
Renesas Technology Corp
HA-5101 RENESAS-HA-5101 Datasheet
563Kb / 10P
   10MHz, Low Noise, Operational Amplifiers
May 2003
logo
Unisonic Technologies
LM833 UTC-LM833 Datasheet
149Kb / 5P
   DUAL OPERATIONAL AND LOW VOLTAGE NOISE AMPLIFIER
LM833 UTC-LM833_15 Datasheet
149Kb / 5P
   DUAL OPERATIONAL AND LOW VOLTAGE NOISE AMPLIFIER
logo
Texas Instruments
LMV722-Q1 TI1-LMV722-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   10-MHz Low-Noise, Low-Voltage Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com