Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMH7210A0AL4604 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HMH7210A0AL4604
Description  Uncompromising enterprise-class reliability and quality
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HMH7210A0AL4604 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HMH7210A0AL4604 Datasheet HTML 1Page - List of Unclassifed Manufacturers HMH7210A0AL4604 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DATA SHEET
Designed with the Customer
in Mind
At the core of its design, the Ha10 leverages the proven
and mature HelioSeal platform to deliver an unmatched
Watt/TB power footprint, ideal for ultra-dense scale-
out storage systems, with uncompromising product
reliability, necessary for private and public cloud
enterprise applications.
By combining host-managed SMR with HelioSeal,
Ha10 offers a 25% increase in capacity compared to
drives using perpendicular magnetic recording (PMR)
technology, while delivering a highly predictable,
highly reliable performance unseen in any other SMR
implementation. Because host-managed SMR enforces
the sequentiality of all incoming data and also provides
control at the host level, customers can now intelligently
tier their storage from hot-to-cold while maintaining a
consistent performance profile regardless of packet size,
number of data streams, or workload.
Active archive applications need maximum capacity,
low $/TB, and high data quality with consistent,
reliable performance as a secondary requirement. Ha10
meets all these needs and also delivers enterprise-
class characteristics for bit error rate, drive speed and
rotational vibration specifications.
Ultrastar® Archive Ha10
Highlights
• Industry’s first enterprise-grade 10TB1 capacity hard drive
• Combines HelioSeal and host-managed SMR to deliver
25% capacity improvement
• Purpose-built for new market category of Active
Archive applications
• Consistent, predictable performance for true enterprise
experience
• Uncompromising enterprise-class reliability and quality
• 2M hour MTBF2 rating and 5-year warranty
Applications/Environments
• Active Archive
• Big Data or Bulk Storage
• Cloud Storage
• Social Media
• Content Libraries, Streaming Media and Digital Media
Assets
• Online Back-up, Replication
• Compliance, Audits, Regulatory Records
3.5-INCH ACTIVE ARCHIVE ENTERPRISE HARD DISK DRIVES
Beyond Create and Modify:
Purpose-built for Active Archive
As the world’s first enterprise-class 10TB HDD, HGST
launches Ultrastar Archive Ha10 to address the emerging
Active Archive segment in the capacity enterprise space.
Optimized for highest capacity at the lowest TCO, the
Ha10 provides unprecedented capacity leadership by
harnessing two core complementary technologies—
HelioSeal® and host-managed shingled magnetic
recording (SMR)—to deliver uncompromising quality and
reliable performance.
Preparing to use Host-Managed
SMR
Ultrastar Archive drives are designed specifically for
Active Archive environments and will not work as drop-in
replacements for traditional capacity enterprise drives.
To take advantage of the capacity and predictable
performance of host-managed SMR benefits, customers
will need to modify their end application or kernel space
to interface with new command sets, and data streams
must be sequentialized for writing to the drive. The
investments made in software changes will also help
enable future host-based SMR solutions, and provide a
path to future recording technologies.
10TB host-managed SMR
for Active Archive workload
Features & Benefits
Feature / Function
Benefits
Technology
• HelioSeal® technology
• Host-managed SMR
• 25% boost in capacity, while delivering predictable, consistent performance for
enterprise applications.
Capacity
10TB
Highest enterprise-grade storage capacity for Active Archive applications
Power Efficiency
• Unprecedented Watts/TB
• Advanced Power Management technology
• 20% improvement in Watts/TB over Ultrastar He8
• Additional power savings with instant-on capability
Reliability
(Enterprise Grade)
• 2M hour MTBF
• 5-year warranty
• 1 in 1015 unrecoverable bit error rate
• Rotational Vibration Safeguard (12.5 rad/s2 specification)
• 600,000 Load/Unload Cycle
• Lower AFR over product life provides for appreciable TCO savings
• Best-in-class warranty to match enterprise-grade quality
• SMR with no compromise to data quality and bit integrity
• Ideal for multi-drive, ultra-dense systems. Works in existing chassis designs.
• Ideal for true Active Archive applications
Performance
• 7200 RPM
• 157MB/s sustained read transfer rate
• Conventional zones
• Enterprise-grade performance for enterprise applications
• Consistent, predictable Active Archive workload performance
• Dedicated zones for meta data management
Security
Self-encrypting Drive (SED) options
Encrypts and safeguards data, providing security and ease of redeployment
Ready for Ultrastar Archive?
To learn more about what’s required to get the capacity,
predictable performance, and total-cost-of-ownership
(TCO) advantages of host-managed SMR drives in your
data center, contact your HGST sales representative or
visit hgst.com/10TBnow.


Similar Part No. - HMH7210A0AL4604

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
HMH EATON-HMH Datasheet
742Kb / 1P
   1/4" x various length and SFE in-line fuse holder
HMH EATON-HMH Datasheet
271Kb / 1P
   Automotive fast-acting glass fuse
logo
Hi-Sincerity Mocroelect...
HMH2369 HSMC-HMH2369 Datasheet
43Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
logo
Fairchild Semiconductor
HMHA2801 FAIRCHILD-HMHA2801 Datasheet
533Kb / 9P
   HALF PITCH MINI-FLAT PACKAGE 4-PIN OPTOCOUPLERS
HMHA2801 FAIRCHILD-HMHA2801 Datasheet
510Kb / 9P
   Half Pitch Mini-Flat Package 4-Pin Optocouplers
More results

Similar Description - HMH7210A0AL4604

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP96C141BF TOSHIBA-TMP96C141BF Datasheet
390Kb / 48P
   Quality And Reliability Assurance / Handling Precautions
logo
Seoul Semiconductor
SWW0CS10B SEOUL-SWW0CS10B Datasheet
1Mb / 23P
   High reliability and High quality of light
SWW0CS10A SEOUL-SWW0CS10A Datasheet
1Mb / 23P
   High reliability and High quality of light
SWW0CQ10A SEOUL-SWW0CQ10A Datasheet
894Kb / 23P
   High reliability and High quality of light
SWW0CD10B SEOUL-SWW0CD10B Datasheet
1Mb / 23P
   High reliability and High quality of light
SWW0CT10A SEOUL-SWW0CT10A Datasheet
1Mb / 23P
   High reliability and High quality of light
SWW0CD10A SEOUL-SWW0CD10A Datasheet
1Mb / 23P
   High reliability and High quality of light
SWW0CS07S SEOUL-SWW0CS07S Datasheet
829Kb / 23P
   High reliability and High quality of light
logo
Panasonic Battery Group
UP-RW1220P1 PANASONICBATTERY-UP-RW1220P1 Datasheet
145Kb / 1P
   High quality and reliability Exceptional deep discharge recovery
UP-RW1245P1 PANASONICBATTERY-UP-RW1245P1 Datasheet
149Kb / 1P
   High quality and reliability Exceptional deep discharge recovery
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com