Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD-PA500TU3 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HD-PA500TU3
Description  high performance portable hard drive featuring the revolutionary Thunderbolt technology.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HD-PA500TU3 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HD-PA500TU3 Datasheet HTML 1Page - List of Unclassifed Manufacturers HD-PA500TU3 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SPECIFICATIONS
©2013 BUFFALO INC. All rights reserved. BUFFALO and BUFFALO logo are either trademarks or registered trademarks of MELCO HOLDINGS INC. MiniStation is a trademark of BUFFALO INC. Microsoft
Windows and Windows logo are either registered trademarks or trademarks of Microsoft Corporation in the United States and/or other countries. Mac OS is a trademark of Apple Inc., registered in the U.S. and
other countries. The names and logos of other companies mentioned herein belong to their respective owners.
MODELS
BOX CONTENTS
INTERNAL HARD DRIVES
Number of Drives
1
Hard Drive Sizes
500 GB, 1 TB
THUNDERBOLT INTERFACE
Number of Ports
1
Interface Speeds
Max. 10 Gbps
USB INTERFACE
Standard Compliance
USB 3.0 / USB 2.0
Connector
Micro B Type
Number of Ports
1
Interface Speeds
Max. 5 Gbps (USB 3.0)
Max. 480 Mbps (USB 2.0)
OTHER
Dimensions (W x H x D in.)
3.17 x 5.12 x 0.91
Weight (oz.)
9.28
Power Supply
DC 5 V (Bus-powered)
Client OS Support*
Thunderbolt: Mac OS® X 10.6 or later
USB: Windows® 8 (32-bit/64-bit), Windows® 7 (32-bit/64-bit), Windows Vista®
(32-bit/64-bit), Windows® XP, Mac OS® X 10.5 - 10.7
HD-PA500TU3, HD-PA1.0TU3
MiniStation Thunderbolt, Thunderbolt Cable (19.7 in), USB 3.0
Cable (19.7 in), Warranty Statement
24/7 TECH SUPPORT | 3 YEAR WARRANTY
(866) 752-6210 | USA & Canada Only
* Internal hard drive is pre-formatted as HSF+ but can be reformatted as FAT32 or NTFS for use with Windows OS
††
MiniStation Thunderbolt does not have a Thunderbolt pass-through port so it must be the last device on a daisy-chain.
Data rate, features and performance may vary based on the configuration of your system and other factors.
1 TB= 1,000,000,000,000 Bytes. Actual data throughput and range will vary depending upon network conditions
and environmental factors, including volume of network tra c, building materials and construction, and network overhead.
P E R F O R M A N C E M AT T E R S
HD-PATU3
MiniStationThunderbolt
Thunderbolt technology o ers unparalleled interface
speeds up to 10 Gbps for lightning-fast transfers!
USB o ers universal plug and play connectivity and
interface speeds up to 5 Gbps in USB 3.0 mode
www.BualoAmericas.com
Thunderbolt technology o ers
the fastest interface speeds
available, raising the bar on
how you transfer, store and
transport data. Delivering speeds up to an
amazing 10 Gbps, it is
2X FASTER than
USB 3.0, ideal for creative professionals
and multimedia enthusiasts.
You can also daisy-chain up to six
Thunderbolt devices to maximize use
of a single port††.


Similar Part No. - HD-PA500TU3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HD-PCF500U3B ETC2-HD-PCF500U3B Datasheet
2Mb / 2P
   MiniStation portable USB 3.0 slim HDDs
HD-PCF500U3W ETC2-HD-PCF500U3W Datasheet
2Mb / 2P
   MiniStation portable USB 3.0 slim HDDs
HD-PCFU3 ETC2-HD-PCFU3 Datasheet
2Mb / 2P
   MiniStation portable USB 3.0 slim HDDs
HD-PCTU3 ETC2-HD-PCTU3 Datasheet
396Kb / 2P
   Portable USB 3.0 Storage for PC and Mac
HD-PNT1.0U3 ETC2-HD-PNT1.0U3 Datasheet
1Mb / 2P
   USB 3.0 Portable Hard Drive with Data Encryption, Shock Protection
More results

Similar Description - HD-PA500TU3

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
HV610 A-DATA-HV610 Datasheet
626Kb / 2P
   DashDrive HV610 Portable Hard Drive
HD710 A-DATA-HD710 Datasheet
811Kb / 1P
   DashDrive Dura HD710 Portable Hard Drive
HE720 A-DATA-HE720 Datasheet
553Kb / 2P
   DashDrive Elite HE720 Portable Hard Drive
logo
List of Unclassifed Man...
HD-PZU3V2 ETC2-HD-PZU3V2 Datasheet
394Kb / 2P
   Ruggedized, Secure Portable USB 3.0 Hard Drive
logo
SMSC Corporation
LAN9131 SMSC-LAN9131 Datasheet
323Kb / 2P
   High-Performance Network Multimedia Processing Engine, Featuring RipStream Technology
logo
Infineon Technologies A...
SPW11N80C3 INFINEON-SPW11N80C3_11 Datasheet
509Kb / 10P
   New revolutionary high voltage technology
Rev. 2.91 2011-09-27
logo
National Semiconductor ...
LP3910SQ-AN NSC-LP3910SQ-AN Datasheet
7Mb / 60P
   Power Management IC for Hard Drive Based Portable Media Players
logo
List of Unclassifed Man...
HD-PNTU3 ETC2-HD-PNTU3 Datasheet
1Mb / 2P
   USB 3.0 Portable Hard Drive with Data Encryption, Shock Protection
logo
Texas Instruments
LP3910 TI1-LP3910 Datasheet
2Mb / 72P
[Old version datasheet]   Power Management IC for Hard-Drive-Based Portable Media Players
logo
OSRAM GmbH
641115W12VBA OSRAM-641115W12VBA Datasheet
121Kb / 4P
   Hard-glass technology
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com