Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M37640E8FS Datasheet(PDF) 9 Page - Mitsubishi Electric Semiconductor

Part # M37640E8FS
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37640E8FS Datasheet(HTML) 9 Page - Mitsubishi Electric Semiconductor

Back Button M37640E8FS Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M37640E8FS Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M37640E8FS Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M37640E8FS Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M37640E8FS Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M37640E8FS Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M37640E8FS Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M37640E8FS Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M37640E8FS Datasheet HTML 13Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 96 page
background image
Ver 1.4
MITSUBISHI MICROCOMPUTERS
7640 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
9
1.12 PROCESSOR MODES
The operation modes are described below. The memory
maps for the first three modes are shown in Figure 1.8.
Single chip mode is normally entered after reset. How-
ever, if the MCU has a CNVss pin, holding this pin high
will cause microprocessor mode to be entered after re-
set. After the reset sequence has completed, the mode
can be changed with software by modifying the value of
bits 0 and 1 of CPMA. However, while CNVss is high,
bit 1 of CPMA is “1” and cannot be changed.
Single Chip
Mode
Memory
Expansion Mode
Microprocessor
Mode
CPMA, CPMB and
Int Registers
P0 - P3
Internal RAM
(Zero Page)
Internal RAM
Inaccessible Area
Reserved Area
ROM
Interrupt Vectors
Reserved Area
0000
0007
0008
000F
0010
006F
0070
00FF
0100
046F
0470
7FFF
8000
807F
8080
FFC9
FFCA
FFFB
FFFC
FFFF
CPMA, CPMB and
Int Registers
External Memory
Internal RAM
(Zero Page)
Internal RAM
External Memory
Reserved Area
ROM
Interrupt Vectors
Reserved Area
0000
0007
0008
000F
0010
006F
0070
00FF
0100
046F
0470
7FFF
8000
807F
8080
FFC9
FFCA
FFFB
FFFC
FFFF
CPMA, CPMB and
Int Registers
External Memory
Internal RAM
(Zero Page)
Internal RAM
External Memory
0000
0007
0008
000F
0010
006F
0070
00FF
0100
046F
0470
FFFF
SFR
SFR
SFR
Fig. 1.8. Operation Modes Memory Maps


Similar Part No. - M37640E8FS

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37640E8FP MITSUBISHI-M37640E8FP Datasheet
1Mb / 172P
   SINGLE-CHIP 8-BIT CMOS MICROCONTROLLER
More results

Similar Description - M37640E8FS

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com