Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENR0560 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # ENR0560
Description  This specification defines the performance characteristics of a single-phase 600 watt power supply
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ENR0560 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  ENR0560 Datasheet HTML 1Page - List of Unclassifed Manufacturers ENR0560 Datasheet HTML 2Page - List of Unclassifed Manufacturers ENR0560 Datasheet HTML 3Page - List of Unclassifed Manufacturers ENR0560 Datasheet HTML 4Page - List of Unclassifed Manufacturers ENR0560 Datasheet HTML 5Page - List of Unclassifed Manufacturers ENR0560 Datasheet HTML 6Page - List of Unclassifed Manufacturers ENR0560 Datasheet HTML 7Page - List of Unclassifed Manufacturers ENR0560 Datasheet HTML 8Page - List of Unclassifed Manufacturers ENR0560 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Enhance Electronics Co.,LTD
______________________________________________________________________________________
Product Specification
F3. Protection Circuits
3.1 Over-power protection
The power supply will be shutdown and latch off when output power at 105~150% of rated DC output.
3.2 Over current protection
In an over current fault occurs,the supply will latch all DC outputs into a shutdown state for
+3.3V or +5V or +12V1,+12V2.
Parameter
Min.
Max.
Unit
+3.3V
23
60
A
+5V
23
60
A
+12V1
46
80
A
+12V2
46
80
A
3.3 Over voltage protection
In an over voltage fault occurs, the supply will latch all DC outputs into a shutdown
state.The supply shall provide latch mode over voltage protection as defined right.
Parameter
Min.
Max.
Unit
+3.3V
5
V
+5V
7
V
+12V
16.5
V
3.4 Short circuit
The power supply shall shutdown and latch off for shorting +3.3V, +5V, -5V, +12V1,+12V2,
-12V rails. The main output short circuit of any impedance shall less than 0.1 ohms.
The maximum short circuit current in any outputs shall not exceed 240VA.
NOTES: 5Vsb will be auto-recovery when the fault removed.
F4. Controls and Signal
4.1 Timing Requirements
Figure 2 is a reference for signal timing for main power connector signals and rails.
Figure 2. PS-OK Timing Sequence
AUDIT:__________李復新_________CHECK:________________________DESIGN:__________李海燕________
ENR0560 SPEC REV: 3.0
4 OF 9
2013-04-15


Similar Part No. - ENR0560

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
ENR1 RADIOMETRIX-ENR1 Datasheet
437Kb / 13P
   12.5kHz Channel VHF TX / RX
More results

Similar Description - ENR0560

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DHS-B9090-44 DELTA-DHS-B9090-44 Datasheet
1Mb / 10P
   THIS SPECIFICATION DEFINES MECHANICAL CHARACTERISTICS OF THE HEATSINK
DHS-B9292-04A DELTA-DHS-B9292-04A Datasheet
1Mb / 10P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE HEATSINK
DHS-B9090-11A DELTA-DHS-B9090-11A Datasheet
1Mb / 10P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE HEATSINK
AFB1224LE DELTA-AFB1224LE Datasheet
1Mb / 8P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE FAN HEATSINK
AFB1248VHE-TP18 DELTA-AFB1248VHE-TP18 Datasheet
855Kb / 9P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE FAN HEATSINK
AFB1512H-A DELTA-AFB1512H-A Datasheet
1Mb / 8P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE FAN HEATSINK
AFB0712SHX02 DELTA-AFB0712SHX02 Datasheet
484Kb / 10P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE FAN HEATSINK
AFB0824HH-T500 DELTA-AFB0824HH-T500 Datasheet
793Kb / 8P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE FAN HEATSINK
AFB0912H-TA50 DELTA-AFB0912H-TA50 Datasheet
784Kb / 8P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE FAN HEATSINK
AFB0924VH-R00 DELTA-AFB0924VH-R00 Datasheet
872Kb / 9P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE FAN HEATSINK
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com