Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS1117S Datasheet(PDF) 10 Page - Alpha Industries

Part # AS1117S
Description  800mA Low Dropout Regulator SCSI-II Active Terminator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

AS1117S Datasheet(HTML) 10 Page - Alpha Industries

Back Button AS1117S Datasheet HTML 3Page - Alpha Industries AS1117S Datasheet HTML 4Page - Alpha Industries AS1117S Datasheet HTML 5Page - Alpha Industries AS1117S Datasheet HTML 6Page - Alpha Industries AS1117S Datasheet HTML 7Page - Alpha Industries AS1117S Datasheet HTML 8Page - Alpha Industries AS1117S Datasheet HTML 9Page - Alpha Industries AS1117S Datasheet HTML 10Page - Alpha Industries AS1117S Datasheet HTML 11Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Alpha Semiconductor Inc. 1031 Serpentine Lane. Pleasanton, CA 94568 Tel: (925) 417-1391 Fax: (925) 417-1390
Rev. 9/14/99
AS1117
PACKAGE DRAWING
TO-252-3L (R)
4
3
2
1
E
b
2
-A-
L
2
D
L
3
L
1
b
1
e
-C-
e1
D
1
E
1
BACK VIEW A-A
TERM 4
C
.010
M
A M
3 PLCS
-B-
A
A
1
C
1
c
8
A
A
SEATING
PLANE
H
L
5. D1 & E1 Establishes A Minimum Mounting Surface for Terminal 4.
NOTES
1. Refer To Applicable Symbol List.
2. Dimensions And Tolerancing Per Ansi Y14.5m - 1982.
3. Lead Dimension Uncontrolled in L
3 .
4. Tab Contour Optional Within Dim. b
2 & L2 And E1 & D1
6. L is the Termal Length for Soldering.
7. Controlling Dimension: Inch
8. 2 Mils Suggested For Postive Contact At Mounting.
b
MIN
MAX
MIN
MAX
A
0.086
0.094
2.184
2.3876
A1
0.035
0.045
0.889
1.143
b
0.025
0.035
0.635
0.889
b1
0.300
0.045
7.620
1.143
b2
0.205
0.215
5.207
5.461
4
c
0.018
0.023
0.457
0.5842
c1
0.018
0.023
0.457
0.5842
D
0.235
0.245
5.969
6.223
D1
0.170
-
4.318
-
4,5
E
0.250
0.265
6.350
6.731
E1
0.170
-
4.318
-
4,5
e
e1
H
0.370
0.410
9.398
10.414
L
0.020
-
0.508
-
6
L1
0.025
0.040
0.635
1.016
L2
0.035
0.050
0.889
1.270
4
L3
0.045
0.060
1.143
1.524
3
4.572
S
Y
M
B
O
L
0.098
MM
2.489
0.180
N
O
T
E
INCHES


Similar Part No. - AS1117S

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1117 AMSCO-AS1117 Datasheet
1Mb / 24P
   64 LED Driver for Mobile Applications with Error Detection
AS1117-BQFT AMSCO-AS1117-BQFT Datasheet
1Mb / 24P
   64 LED Driver for Mobile Applications with Error Detection
More results

Similar Description - AS1117S

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CLM1117 CALOGIC-CLM1117 Datasheet
47Kb / 4P
   800mA Low Dropout Regulator SCSI-II Active Terminator
logo
Micrel Semiconductor
MIC5204 MICREL-MIC5204_02 Datasheet
40Kb / 8P
   SCSI-II Active Terminator
logo
ON Semiconductor
MC34268 ONSEMI-MC34268 Datasheet
115Kb / 8P
   SCSI-2 Active Terminator Regulator
April, 2000 ??Rev. 1
logo
Micrel Semiconductor
MIC5204 MICREL-MIC5204 Datasheet
28Kb / 4P
   SCSI-II Active Terminator Preliminary Information
logo
Micro Linear Corporatio...
ML6509 MICRO-LINEAR-ML6509 Datasheet
232Kb / 10P
   Active SCSI Terminator
logo
Texas Instruments
UC5602 TI-UC5602 Datasheet
361Kb / 6P
[Old version datasheet]   SCSI Active Terminator
UC5601 TI1-UC5601_15 Datasheet
389Kb / 9P
[Old version datasheet]   SCSI Active Terminator
logo
Rohm
BH9595FP-Y ROHM-BH9595FP-Y Datasheet
69Kb / 6P
   SCSI active terminator
logo
Texas Instruments
UC5601 TI-UC5601 Datasheet
314Kb / 6P
[Old version datasheet]   SCSI Active Terminator
logo
Panasonic Semiconductor
AN8612NSR PANASONIC-AN8612NSR Datasheet
56Kb / 5P
   SCSI Active Terminator IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com