Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMTH4007SPD-13 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMTH4007SPD-13
Description  40V 175C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMTH4007SPD-13 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMTH4007SPD-13 Datasheet HTML 1Page - Diodes Incorporated DMTH4007SPD-13 Datasheet HTML 2Page - Diodes Incorporated DMTH4007SPD-13 Datasheet HTML 3Page - Diodes Incorporated DMTH4007SPD-13 Datasheet HTML 4Page - Diodes Incorporated DMTH4007SPD-13 Datasheet HTML 5Page - Diodes Incorporated DMTH4007SPD-13 Datasheet HTML 6Page - Diodes Incorporated DMTH4007SPD-13 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMTH4007SPD
Document number: DS37359 Rev. 3 - 2
2 of 7
www.diodes.com
November 2015
© Diodes Incorporated
DMTH4007SPD
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
40
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 6)
TC = +25°C
(Note 9)
TC = +100°C
ID
45
A
38.1
Continuous Drain Current (Note 5)
TA = +25°C
TA = +70°C
ID
14.2
11.9
A
Pulsed Drain Current (10µs pulse, duty cycle = 1%)
IDM
90
A
Maximum Continuous Body Diode Forward Current (Note 6)
IS
34
A
Avalanche Current, L = 0.1mH
IAS
20
A
Avalanche Energy, L = 0.1mH
EAS
89
mJ
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 5)
TA = +25°C
PD
2.6
W
Thermal Resistance, Junction to Ambient (Note 5)
RθJA
57
°C/W
Total Power Dissipation (Note 6)
TC = +25°C
PD
37.5
W
Thermal Resistance, Junction to Case (Note 6)
RθJC
4
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +175
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 6)
Drain-Source Breakdown Voltage
BVDSS
40
V
VGS = 0V, ID = 1mA
Zero Gate Voltage Drain Current
IDSS
1
µA
VDS = 32V, VGS = 0V
Gate-Source Leakage
IGSS
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 6)
Gate Threshold Voltage
VGS(th)
2
4
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS(ON)
7.5
8.6
m
Ω
VGS = 10V, ID = 17A
Diode Forward Voltage
VSD
0.85
V
VGS = 0V, IS = 17A
DYNAMIC CHARACTERISTICS (Note 7)
Input Capacitance
Ciss
2,026
pF
VDS = 30V, VGS = 0V,
f = 1MHz
Output Capacitance
Coss
702
pF
Reverse Transfer Capacitance
Crss
84.8
pF
Gate Resistance
Rg
0.46
Ω
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge
Qg
41.9
nC
VDS = 30V, ID = 20A, VGS = 10V
Gate-Source Charge
Qgs
10
nC
Gate-Drain Charge
Qgd
11.5
nC
Turn-On Delay Time
tD(on)
7
ns
VDD = 30V, VGS = 10V,
ID = 20A, RG = 3Ω
Turn-On Rise Time
tr
11.5
ns
Turn-Off Delay Time
tD(off)
15.6
ns
Turn-Off Fall Time
tf
8.8
ns
Body Diode Reverse Recovery Time
trr
29.9
nS
IF = 20A, di/dt = 100A/μs
Body Diode Reverse Recovery Charge
Qrr
23
nC
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz. copper, with thermal bias to bottom layer 1inch square copper plate.
6. Thermal resistance from junction to soldering point (on the exposed drain pad).
7. Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to product testing.
9. Package limited.


Similar Part No. - DMTH4007SPD-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMTH4007SPDQ DIODES-DMTH4007SPDQ Datasheet
493Kb / 8P
   40V 175C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH4007SPDQ-13 DIODES-DMTH4007SPDQ-13 Datasheet
493Kb / 8P
   40V 175C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMTH4007SPD-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMTH4007SPDQ DIODES-DMTH4007SPDQ Datasheet
493Kb / 8P
   40V 175C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH4004SPS DIODES-DMTH4004SPS Datasheet
431Kb / 7P
   40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH4007SPS DIODES-DMTH4007SPS Datasheet
396Kb / 8P
   40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH4004LK3 DIODES-DMTH4004LK3 Datasheet
455Kb / 7P
   40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH4004SCTB DIODES-DMTH4004SCTB Datasheet
701Kb / 6P
   40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMNH4006SK3 DIODES-DMNH4006SK3 Datasheet
652Kb / 7P
   40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH4004LPS DIODES-DMTH4004LPS Datasheet
559Kb / 6P
   40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH4004SPS DIODES-DMTH4004SPS_17 Datasheet
530Kb / 7P
   40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH4007SK3 DIODES-DMTH4007SK3 Datasheet
393Kb / 7P
   40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMNH4011SK3 DIODES-DMNH4011SK3 Datasheet
545Kb / 6P
   40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com