Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMT8012LK3-13 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMT8012LK3-13
Description  80V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMT8012LK3-13 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMT8012LK3-13 Datasheet HTML 1Page - Diodes Incorporated DMT8012LK3-13 Datasheet HTML 2Page - Diodes Incorporated DMT8012LK3-13 Datasheet HTML 3Page - Diodes Incorporated DMT8012LK3-13 Datasheet HTML 4Page - Diodes Incorporated DMT8012LK3-13 Datasheet HTML 5Page - Diodes Incorporated DMT8012LK3-13 Datasheet HTML 6Page - Diodes Incorporated DMT8012LK3-13 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMT8012LK3
Document number: DS37918 Rev. 2 - 2
2 of 7
www.diodes.com
July 2015
© Diodes Incorporated
DMT8012LK3
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
80
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 5) VGS = 10V
TC = +25°C
TC = +100°C
ID
44
28
A
Maximum Continuous Body Diode Forward Current (Note 5)
IS
3
A
Pulsed Drain Current (10µs Pulse, Duty Cycle = 1%)
IDM
60
A
Avalanche Current, L=0.1mH
IAS
11.6
A
Avalanche Energy, L=0.1mH
EAS
10.2
mJ
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 5)
PD
2.7
W
Thermal Resistance, Junction to Ambient (Note 5)
RθJA
47
°C/W
Total Power Dissipation (Note 6)
PD
50
W
Thermal Resistance, Junction to Case (Note 6)
RθJC
2.5
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
80
-
-
V
VGS = 0V, ID = 1mA
Zero Gate Voltage Drain Current
IDSS
-
-
1
μA
VDS = 64V, VGS = 0V
Gate-Source Leakage
IGSS
-
-
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(TH)
1
-
3
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS(ON)
-
12
17
m
VGS = 10V, ID = 12A
-
18.2
22
VGS = 4.5V, ID = 6A
Diode Forward Voltage
VSD
-
0.9
1.2
V
VGS = 0V, IS = 25A
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
-
1,949
-
pF
VDS = 40V, VGS = 0V,
f = 1MHz
Output Capacitance
Coss
-
177
-
Reverse Transfer Capacitance
Crss
-
10
-
Gate Resistance
Rg
-
0.7
-
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge (VGS = 4.5V)
Qg
-
15
-
nC
VDS = 40V, ID = 12A
Total Gate Charge (VGS = 10V)
Qg
-
34
-
Gate-Source Charge
Qgs
-
6
-
Gate-Drain Charge
Qgd
-
4.5
-
Turn-On Delay Time
tD(ON)
-
4.9
-
ns
VDD = 40V, VGS = 10V,
ID = 12A, RG = 1.6Ω
Turn-On Rise Time
tR
-
3.8
-
Turn-Off Delay Time
tD(OFF)
-
16.5
-
Turn-Off Fall Time
tF
-
3.5
-
Body Diode Reverse Recovery Time
tRR
-
30.2
-
ns
IF = 12A, di/dt = 100A/μs
Body Diode Reverse Recovery Charge
Qrr
-
34.6
-
nC
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with 1-inch square copper plate.
6. Device mounted on infinite heat sink and measured by thermal couple attached on bottom heat sink of package.
7. Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to product testing.


Similar Part No. - DMT8012LK3-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMT8012LK3-13 DIODES-DMT8012LK3-13 Datasheet
508Kb / 7P
   80V N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMT8012LK3-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMT8012LSS DIODES-DMT8012LSS Datasheet
538Kb / 7P
   80V N-CHANNEL ENHANCEMENT MODE MOSFET
DMT8008LFG DIODES-DMT8008LFG Datasheet
415Kb / 7P
   80V N-CHANNEL ENHANCEMENT MODE MOSFET
September 2019 Rev. 2 - 2
logo
Pan Jit International I...
PSMP055N08NS1 PANJIT-PSMP055N08NS1 Datasheet
575Kb / 7P
   80V N-Channel Enhancement Mode MOSFET
April 6,2022 PSMP055N08NS1-REV.00
logo
Diodes Incorporated
DMT8008SPS DIODES-DMT8008SPS Datasheet
382Kb / 7P
   80V N-CHANNEL ENHANCEMENT MODE MOSFET
January 2019 Rev. 3 - 2
DMT8012LK3 DIODES-DMT8012LK3_17 Datasheet
508Kb / 7P
   80V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJU60N08 PANJIT-PJU60N08 Datasheet
333Kb / 8P
   80V N-Channel Enhancement Mode MOSFET
January 16,2017-REV.00
logo
Diodes Incorporated
DMT8012LPS DIODES-DMT8012LPS_17 Datasheet
554Kb / 7P
   80V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PSMB032N08NS1 PANJIT-PSMB032N08NS1 Datasheet
672Kb / 7P
   80V N-Channel Enhancement Mode MOSFET
April 6,2022 PSMB032N08NS1-REV.00
PSMP032N08NS1 PANJIT-PSMP032N08NS1 Datasheet
579Kb / 7P
   80V N-Channel Enhancement Mode MOSFET
April 6,2022 PSMP032N08NS1-REV.00
logo
Diodes Incorporated
DMT8012LPS DIODES-DMT8012LPS Datasheet
569Kb / 7P
   80V N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com