Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

27C64A-90N Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 27C64A-90N
Description  64K-bit CMOS EPROM(8K x 8)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

27C64A-90N Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 27C64A-90N Datasheet HTML 6Page - NXP Semiconductors 27C64A-90N Datasheet HTML 7Page - NXP Semiconductors 27C64A-90N Datasheet HTML 8Page - NXP Semiconductors 27C64A-90N Datasheet HTML 9Page - NXP Semiconductors 27C64A-90N Datasheet HTML 10Page - NXP Semiconductors 27C64A-90N Datasheet HTML 11Page - NXP Semiconductors 27C64A-90N Datasheet HTML 12Page - NXP Semiconductors 27C64A-90N Datasheet HTML 13Page - NXP Semiconductors 27C64A-90N Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image


Similar Part No. - 27C64A-90N

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
27C64 MICROCHIP-27C64 Datasheet
126Kb / 10P
   64K (8K x 8) CMOS EPROM
2004
27C64-12/L MICROCHIP-27C64-12/L Datasheet
126Kb / 10P
   64K (8K x 8) CMOS EPROM
2004
27C64-12/P MICROCHIP-27C64-12/P Datasheet
126Kb / 10P
   64K (8K x 8) CMOS EPROM
2004
27C64-12/SO MICROCHIP-27C64-12/SO Datasheet
126Kb / 10P
   64K (8K x 8) CMOS EPROM
2004
27C64-12I/L MICROCHIP-27C64-12I/L Datasheet
126Kb / 10P
   64K (8K x 8) CMOS EPROM
2004
More results

Similar Description - 27C64A-90N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
27HC641 PHILIPS-27HC641 Datasheet
273Kb / 8P
   64K BIT CMOS EPROM (8K X 8)
November 12 1990
logo
Microchip Technology
27C64 MICROCHIP-27C64 Datasheet
126Kb / 10P
   64K (8K x 8) CMOS EPROM
2004
27LV64 MICROCHIP-27LV64 Datasheet
62Kb / 10P
   64K (8K x 8) Low-Voltage CMOS EPROM
2004
27LV64 MICROCHIP-27LV64 Datasheet
128Kb / 10P
   64K (8K x 8) Low-Voltage CMOS EPROM
2004
logo
Macronix International
MX27L512 MCNIX-MX27L512 Datasheet
760Kb / 14P
   512K-BIT [64K x 8] CMOS EPROM
logo
STMicroelectronics
M2764A STMICROELECTRONICS-M2764A Datasheet
109Kb / 10P
   NMOS 64K (8K x 8) UV EPROM
March 1995
logo
Renesas Technology Corp
7164S RENESAS-7164S Datasheet
213Kb / 12P
   CMOS Static RAM 64K (8K x 8-Bit)
Jul.30.20
logo
Integrated Device Techn...
IDT7164S IDT-IDT7164S Datasheet
104Kb / 9P
   CMOS STATIC RAM 64K (8K x 8-BIT)
IDT7164S IDT-IDT7164S_07 Datasheet
108Kb / 11P
   CMOS Static RAM 64K (8K x 8-Bit)
5962-3829407MXA IDT-5962-3829407MXA Datasheet
280Kb / 10P
   CMOS Static RAM 64K (8K x 8-Bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com