Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z86E3116FEE Datasheet(PDF) 11 Page - Zilog, Inc.

Part # Z86E3116FEE
Description  Z8 4K OTP Microcontroller
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86E3116FEE Datasheet(HTML) 11 Page - Zilog, Inc.

Back Button Z86E3116FEE Datasheet HTML 7Page - Zilog, Inc. Z86E3116FEE Datasheet HTML 8Page - Zilog, Inc. Z86E3116FEE Datasheet HTML 9Page - Zilog, Inc. Z86E3116FEE Datasheet HTML 10Page - Zilog, Inc. Z86E3116FEE Datasheet HTML 11Page - Zilog, Inc. Z86E3116FEE Datasheet HTML 12Page - Zilog, Inc. Z86E3116FEE Datasheet HTML 13Page - Zilog, Inc. Z86E3116FEE Datasheet HTML 14Page - Zilog, Inc. Z86E3116FEE Datasheet HTML 15Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 66 page
background image
Z86E30/E31/E40
Zilog
Z8 4K OTP Microcontroller
DS97Z8X0500
P R E L I M I N A R Y
11
1
Figure 12. EPROM Programming Mode
28-Pin PLCC Pin Configuration
25
19
5
11
18
12
26
4
28-Pin PLCC
1
XXX
XXX
XXX
XXX
XXX
XXX
XXX
XXX
XXX
XXX
XXX
XXX
XXX
XXX
D1
D0
A3
VSS
A2
A1
A0
A5
A6
A7
VCC
NC
/CE
/OE
Table 8. 28-Pin EPROM
Pin Identification*
Pin #
Symbol
Function
Direction
1-3
D5-D7
Data 5,6,7
In/Output
4-7
A4-A7
Address 4,5,6,7
Input
8VCC
Power Supply
9
NC
No connection
10
/CE
Chip Select
Input
11
/OE
Output Enable
Input
12
EPM
EPROM Prog.
Mode
Input
13
VPP
Prog. Voltage
Input
14-15
A8-A9
Address 8,9
Input
16
A11
Address 11
Input
17
A10
Address 10
Input
18
/PGM
Prog. Mode
Input
19-21
A0-A2
Address 0,1,2
Input
22
VSS
Ground
23
A3
Address 3
Input
24-28
D0-D4
Data 0,1,2,3,4
In/Output
Notes:
*Pin Identification and Configuration identical on DIP and
Cerdip Window Lid style packages.


Similar Part No. - Z86E3116FEE

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86E3116PEC ZILOG-Z86E3116PEC Datasheet
751Kb / 64P
   Z8 4K OTP MICROCONTROLLER
Z86E3116PSC ZILOG-Z86E3116PSC Datasheet
751Kb / 64P
   Z8 4K OTP MICROCONTROLLER
Z86E3116PSG ZILOG-Z86E3116PSG Datasheet
1Mb / 348P
   Z86E3016PSG
Z86E3116SEC ZILOG-Z86E3116SEC Datasheet
751Kb / 64P
   Z8 4K OTP MICROCONTROLLER
Z86E3116SSC ZILOG-Z86E3116SSC Datasheet
751Kb / 64P
   Z8 4K OTP MICROCONTROLLER
More results

Similar Description - Z86E3116FEE

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86E4016PSG ZILOG-Z86E4016PSG Datasheet
5Mb / 64P
   Z8 4K OTP MICROCONTROLLER
Z86E3116SSG ZILOG-Z86E3116SSG Datasheet
751Kb / 64P
   Z8 4K OTP MICROCONTROLLER
Z86E64 ZILOG-Z86E64 Datasheet
91Kb / 12P
   CMOS Z8 OTP Microcontroller
Z86E23 ZILOG-Z86E23 Datasheet
71Kb / 6P
   CMOS Z8 OTP MICROCONTROLLER
Z86E22 ZILOG-Z86E22 Datasheet
276Kb / 10P
   CMOS Z8 OTP MICROCONTROLLER
Z86E21 ZILOG-Z86E21 Datasheet
162Kb / 12P
   CMOS Z8 OTP MICROCONTROLLER
Z86E02SL1925 ZILOG-Z86E02SL1925 Datasheet
75Kb / 18P
   CMOS Z8 OTP MICROCONTROLLER
Z86E33 ZILOG-Z86E33 Datasheet
45Kb / 10P
   CMOS Z8 OTP Microcontrollers
Z86E0412PEG ZILOG-Z86E0412PEG Datasheet
833Kb / 45P
   CMOS Z8 OTP MICROCONTROLLERS
Z86E0412PSG1866 ZILOG-Z86E0412PSG1866 Datasheet
833Kb / 45P
   CMOS Z8 OTP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com