Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMN6069SFG Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN6069SFG
Description  60V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN6069SFG Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN6069SFG Datasheet HTML 1Page - Diodes Incorporated DMN6069SFG Datasheet HTML 2Page - Diodes Incorporated DMN6069SFG Datasheet HTML 3Page - Diodes Incorporated DMN6069SFG Datasheet HTML 4Page - Diodes Incorporated DMN6069SFG Datasheet HTML 5Page - Diodes Incorporated DMN6069SFG Datasheet HTML 6Page - Diodes Incorporated DMN6069SFG Datasheet HTML 7Page - Diodes Incorporated DMN6069SFG Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DMN6069SFG
Document number: DS37821 Rev. 3 - 2
2 of 8
www.diodes.com
September 2015
© Diodes Incorporated
DMN6069SFG
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
60
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 6) VGS = 10V
Steady
State
TA = +25°C
TA = +70°C
ID
5.6
4.5
A
Steady
State
TC = +25°C
TC = +70°C
ID
18
14.5
A
Pulsed Drain Current (380µs Pulse, Duty Cycle = 1%)
IDM
25
A
Maximum Continuous Body Diode Forward Current (Note 6)
IS
2.5
A
Avalanche Current (Note 7) L = 0.1mH
IAS
12
A
Repetitive Avalanche Energy (Note 7) L = 0.1mH
EAS
7.2
mJ
Thermal Characteristics
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 5)
PD
0.93
W
Thermal Resistance, Junction to Ambient (Note 5)
Steady State
RθJA
134
°C/W
t<10s
82
Total Power Dissipation (Note 6)
PD
2.4
W
Thermal Resistance, Junction to Ambient (Note 6)
Steady State
RθJA
53
°C/W
t<10s
33
Thermal Resistance, Junction to Case
RθJC
5
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes:
5. Device mounted on FR-4 PC board, with minimum recommended pad layout, single sided.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with thermal bias to bottom layer 1inch square copper plate.
7. IAS and EAS ratings are based on low frequency and duty cycles to keep TJ = +25°C.


Similar Part No. - DMN6069SFG

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN6069SFG DIODES-DMN6069SFG Datasheet
433Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI
DMN6069SFGQ DIODES-DMN6069SFGQ Datasheet
527Kb / 8P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMN6069SFGQ-13 DIODES-DMN6069SFGQ-13 Datasheet
527Kb / 8P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMN6069SFGQ-7 DIODES-DMN6069SFGQ-7 Datasheet
527Kb / 8P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMN6069SFG DIODES-DMN6069SFG_16 Datasheet
433Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI
More results

Similar Description - DMN6069SFG

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN6A08E6 ZETEX-ZXMN6A08E6 Datasheet
850Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN6A07F ZETEX-ZXMN6A07F Datasheet
1Mb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
2N7002DW PANJIT-2N7002DW_14 Datasheet
155Kb / 5P
   60V N-Channel Enhancement Mode MOSFET
2N7002W PANJIT-2N7002W_14 Datasheet
159Kb / 6P
   60V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMN6A08E6 DIODES-ZXMN6A08E6 Datasheet
657Kb / 8P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
2N7002FN3 PANJIT-2N7002FN3 Datasheet
96Kb / 3P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2N7002 TSC-TSM2N7002 Datasheet
129Kb / 3P
   60V N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJP6000 PANJIT-PJP6000 Datasheet
127Kb / 4P
   60V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN6040SVT-7 DIODES-DMN6040SVT-7 Datasheet
205Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
2N7002DW PANJIT-2N7002DW_1 Datasheet
164Kb / 5P
   60V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMT69M8LSS DIODES-DMT69M8LSS_17 Datasheet
387Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com