Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMN62D0UDW Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DMN62D0UDW
Description  DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN62D0UDW Datasheet(HTML) 5 Page - Diodes Incorporated

  DMN62D0UDW Datasheet HTML 1Page - Diodes Incorporated DMN62D0UDW Datasheet HTML 2Page - Diodes Incorporated DMN62D0UDW Datasheet HTML 3Page - Diodes Incorporated DMN62D0UDW Datasheet HTML 4Page - Diodes Incorporated DMN62D0UDW Datasheet HTML 5Page - Diodes Incorporated DMN62D0UDW Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DMN62D0UDW
Document number: DS38029 Rev. 1 - 2
5 of 6
www.diodes.com
July 2015
© Diodes Incorporated
DMN62D0UDW
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version.
SOT363
Dim
Min
Max
Typ
A1
0.00
0.10
0.05
A2
0.90
1.00
1.00
b
0.10
0.30
0.25
c
0.10
0.22
0.11
D
1.80
2.20
2.15
E
2.00
2.20
2.10
E1
1.15
1.35
1.30
e
0.650 BSC
F
0.40
0.45
0.425
L
0.25
0.40
0.30
a
All Dimensions in mm
0.001
0.01
0.1
1
1E-06
1E-05
0.0001
0.001
0.01
0.1
1
10
100
1000
t1, PULSE DURATION TIME (sec)
Figure 13. Transient Thermal Resistance
RθJA (t)=r(t) * RθJA
RθJA=405℃/W
Duty Cycle, D=t1 / t2
D=Single Pulse
D=0.005
D=0.01
D=0.02
D=0.05
D=0.1
D=0.3
D=0.5
D=0.7
D=0.9
e
D
L
E1
b
E
F
A2
A1
c
a


Similar Part No. - DMN62D0UDW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN62D0UDW DIODES-DMN62D0UDW Datasheet
545Kb / 7P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMN62D0UDW-13 DIODES-DMN62D0UDW-13 Datasheet
545Kb / 7P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMN62D0UDW-7 DIODES-DMN62D0UDW-7 Datasheet
545Kb / 7P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMN62D0UDWQ DIODES-DMN62D0UDWQ Datasheet
545Kb / 7P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
January 2020 Rev. 2 - 2
DMN62D0UDWQ-13 DIODES-DMN62D0UDWQ-13 Datasheet
545Kb / 7P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
January 2020 Rev. 2 - 2
More results

Similar Description - DMN62D0UDW

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM7312 ANPEC-APM7312 Datasheet
118Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN7002D SYNC-POWER-SPN7002D Datasheet
258Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
logo
Taiwan Semiconductor Co...
TSM4410D TSC-TSM4410D Datasheet
164Kb / 5P
   Dual N-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM9966 ANPEC-APM9966 Datasheet
151Kb / 12P
   Dual N-Channel Enhancement Mode MOSFET
APM7322K ANPEC-APM7322K Datasheet
117Kb / 10P
   Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
2N7002DW DIODES-2N7002DW_15 Datasheet
217Kb / 5P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMG4800LSD DIODES-DMG4800LSD_15 Datasheet
249Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMN601DMK DIODES-DMN601DMK_16 Datasheet
513Kb / 7P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
logo
GUANGDONG HOTTECH INDUS...
8205A HOTTECH-8205A Datasheet
821Kb / 2P
   Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN2040LSD DIODES-DMN2040LSD Datasheet
158Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMG8822UTS DIODES-DMG8822UTS Datasheet
156Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com