Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

54ABT574 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54ABT574
Description  Octal D-Type Flip-Flop with TRI-STATE Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ABT574 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button 54ABT574 Datasheet HTML 2Page - National Semiconductor (TI) 54ABT574 Datasheet HTML 3Page - National Semiconductor (TI) 54ABT574 Datasheet HTML 4Page - National Semiconductor (TI) 54ABT574 Datasheet HTML 5Page - National Semiconductor (TI) 54ABT574 Datasheet HTML 6Page - National Semiconductor (TI) 54ABT574 Datasheet HTML 7Page - National Semiconductor (TI) 54ABT574 Datasheet HTML 8Page - National Semiconductor (TI) 54ABT574 Datasheet HTML 9Page - National Semiconductor (TI) 54ABT574 Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
AC Loading
DS100208-4
*Includes jig and probe capacitance
FIGURE 1. Standard AC Test Load
DS100208-6
FIGURE 2. V
M = 1.5V
Input Pulse Requirements
Amplitude
Rep. Rate
t
w
t
r
t
f
3.0V
1 MHz
500 ns
2.5 ns
2.5 ns
FIGURE 3. Test Input Signal Requirements
DS100208-8
FIGURE 4. Propagation Delay Waveforms for
Inverting and Non-Inverting Functions
DS100208-5
FIGURE 5. Propagation Delay,
Pulse Width Waveforms
DS100208-7
FIGURE 6. TRI-STATE Output HIGH
and LOW Enable and Disable Times
DS100208-9
FIGURE 7. Setup Time, Hold Time
and Recovery Time Waveforms
www.national.com
8


Similar Part No. - 54ABT574

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ABT573 NSC-54ABT573 Datasheet
404Kb / 12P
   Octal D-Type Latch with TRI-STATE Outputs
54ABT573E-QML NSC-54ABT573E-QML Datasheet
404Kb / 12P
   Octal D-Type Latch with TRI-STATE Outputs
54ABT573J-QML NSC-54ABT573J-QML Datasheet
404Kb / 12P
   Octal D-Type Latch with TRI-STATE Outputs
54ABT573W-QML NSC-54ABT573W-QML Datasheet
404Kb / 12P
   Octal D-Type Latch with TRI-STATE Outputs
More results

Similar Description - 54ABT574

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F574DM NSC-54F574DM Datasheet
169Kb / 8P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
54FCT574 NSC-54FCT574 Datasheet
145Kb / 7P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
54ABT374 NSC-54ABT374 Datasheet
334Kb / 12P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
DM74LS564 NSC-DM74LS564 Datasheet
109Kb / 4P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
54AC574 NSC-54AC574 Datasheet
166Kb / 10P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
54ACT564 NSC-54ACT564 Datasheet
131Kb / 8P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
54F374DM NSC-54F374DM Datasheet
175Kb / 8P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
54F534DM NSC-54F534DM Datasheet
170Kb / 8P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
54FCT374 NSC-54FCT374 Datasheet
147Kb / 7P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
74ACT534 NSC-74ACT534 Datasheet
165Kb / 8P
   Octal D Flip-Flop with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com