Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAJC107M035BNJV Datasheet(PDF) 7 Page - AVX Corporation

Part # TAJC107M035BNJV
Description  General purpose SMT chip tantalum series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAJC107M035BNJV Datasheet(HTML) 7 Page - AVX Corporation

  TAJC107M035BNJV Datasheet HTML 1Page - AVX Corporation TAJC107M035BNJV Datasheet HTML 2Page - AVX Corporation TAJC107M035BNJV Datasheet HTML 3Page - AVX Corporation TAJC107M035BNJV Datasheet HTML 4Page - AVX Corporation TAJC107M035BNJV Datasheet HTML 5Page - AVX Corporation TAJC107M035BNJV Datasheet HTML 6Page - AVX Corporation TAJC107M035BNJV Datasheet HTML 7Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
42
MAY 2014
TAJ Series
Low Profile
RATINGS & PART NUMBER REFERENCE
Rated
Rated
Category
Category
DCL
DF
ESR
100kHz RMS Current (mA)
AVX
Case
Capacitance
Voltage
Temperature Voltage
Temperature
(μA)
%
Max. (Ω)
MSL
25ºC
85ºC
125ºC
Part No.
Size
(μF)
(V)
(ºC)
(V)
(ºC)
Max.
Max.
@ 100kHz
TAJT334*050#NJ
T
0.33
50
85
33
125
0.5
4
11
1
85
77
34
TAJS474*050#NJ
S
0.47
50
85
33
125
0.5
4
9.5
1
83
74
33
TAJT474*050#NJ
T
0.47
50
85
33
125
0.5
4
9.5
1
92
83
37
TAJW105*050#NJ
W
1
50
85
33
125
0.5
6
4.4
1
143
129
57
TAJW155*050#NJ
W
1.5
50
85
33
125
0.8
6
3.1
1
170
153
68
TAJW225*050#NJ
W
2.2
50
85
33
125
1.1
8
2.5
1
190
171
76
TAJY335*050#NJ
Y
3.3
50
85
33
125
1.7
4
1.5
11)
289
260
115
TAJY475*050#NJ
Y
4.7
50
85
33
125
2.4
6
1.2
11)
323
290
129
TAJY685*050#NJ
Y
6.8
50
85
33
125
3.4
6
0.9
11)
373
335
149
QUALIFICATION TABLE
TEST
TAJ low profile series (Temperature range -55ºC to +125ºC)
Condition
Characteristics
Visual examination
no visible damage
DCL
1.25 x initial limit
Endurance
ΔC/C
within ±10% of initial value
DF
initial limit
Visual examination
no visible damage
DCL
initial limit
Humidity
ΔC/C
within ±10% of initial value
DF
1.2 x initial limit
+20ºC
-55ºC
+20ºC
+85ºC
+125ºC +20ºC
Temperature
DCL
IL*
n/a
IL*
10 x IL* 12.5 x IL*
IL*
Stability
ΔC/C
n/a
+0/-10%
±5%
+10/-0% +12/-0% ±5%
DF
IL*
1.5 x IL*
IL*
1.5 x IL*
2 x IL*
IL*
Visual examination
no visible damage
Surge
DCL
initial limit
Voltage
ΔC/C
within ±5% of initial value
DF
initial limit
Determine after application of rated voltage for 2000
+48/-0 hours at 85±2ºC and then leaving 1-2 hours at
room temperature. Also determine of 125ºC tempera-
ture, category voltage for 2000 +48/-0 hours and
then leaving 1-2 hours at room temperature. Power
supply impedance to be ≤0.1Ω/V.
Determine after storage without applied voltage
at 65±2ºC and 95±2% relative humidity for 500
hours and then recovery 1-2 hours at room
temperature.
Test temperature: 125ºC+3/0ºC
Test voltage: Category voltage at 125ºC
Surge voltage: 1.3 x category voltage at 125ºC
Series protection resistance 1000±100Ω
Discharge resistance: 1000Ω
Number of cycles: 1000x
Cycle duration: 6 min; 30 sec charge,
5 min 30 sec discharge
Step
Temperature°C
Duration(min)
1
+20±2
15
2
-55+0/-3
15
3
+20±2
15
4
+85+3/-0
15
5
+125+3/-0
15
6
+20±2
15
*Initial Limit


Similar Part No. - TAJC107M035BNJV

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAJC107M035BNJV AVX-TAJC107M035BNJV Datasheet
120Kb / 5P
   TAJ Series
TAJC107M035BNJV AVX-TAJC107M035BNJV Datasheet
110Kb / 5P
   Low Profile
More results

Similar Description - TAJC107M035BNJV

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAJA106M010RNJ AVX-TAJA106M010RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJB107M006RNJ AVX-TAJB107M006RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJD107M010RNJ AVX-TAJD107M010RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJD686K016RNJ AVX-TAJD686K016RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJA225M016RNJ AVX-TAJA225M016RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJC225K050RNJ AVX-TAJC225K050RNJ Datasheet
238Kb / 12P
   General purpose SMT chip tantalum series
TAJA334M035RNJ AVX-TAJA334M035RNJ Datasheet
238Kb / 12P
   General purpose SMT chip tantalum series
TAJD107K010RNJ AVX-TAJD107K010RNJ Datasheet
238Kb / 12P
   General purpose SMT chip tantalum series
TAJA226K006RNJ AVX-TAJA226K006RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJD106K035RNJ AVX-TAJD106K035RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJB226M006RNJ AVX-TAJB226M006RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com