Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X4003M8I Datasheet(PDF) 8 Page - Intersil Corporation

Part # X4003M8I
Description  CPU Supervisor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X4003M8I Datasheet(HTML) 8 Page - Intersil Corporation

Back Button X4003M8I Datasheet HTML 4Page - Intersil Corporation X4003M8I Datasheet HTML 5Page - Intersil Corporation X4003M8I Datasheet HTML 6Page - Intersil Corporation X4003M8I Datasheet HTML 7Page - Intersil Corporation X4003M8I Datasheet HTML 8Page - Intersil Corporation X4003M8I Datasheet HTML 9Page - Intersil Corporation X4003M8I Datasheet HTML 10Page - Intersil Corporation X4003M8I Datasheet HTML 11Page - Intersil Corporation X4003M8I Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
FN8113.2
June 30, 2008
Serial Start Condition
All commands are preceded by the start condition, which is a
HIGH to LOW transition of SDA when SCL is HIGH. The
device continuously monitors the SDA and SCL lines for the
start condition and will not respond to any command until
this condition has been met. See Figure 7.
Serial Stop Condition
All communications must be terminated by a stop condition,
which is a LOW to HIGH transition of SDA when SCL is
HIGH. The stop condition is also used to place the device
into the Standby power mode after a read sequence. A stop
condition can only be issued after the transmitting device
has released the bus. See Figure 7.
Serial Acknowledge
Acknowledge is a software convention used to indicate
successful data transfer. The transmitting device, either
master or slave, will release the bus after transmitting eight
bits. During the ninth clock cycle, the receiver will pull the
SDA line LOW to acknowledge that it received the eight bits
of data. Refer to Figure 8.
The device will respond with an acknowledge after
recognition of a start condition and the correct contents of
the slave address byte. Acknowledge bits are also provided
by the X4003/4005 after correct reception of the control
register address byte, after receiving the byte written to the
control register and after the second slave address in a read
question (see Figures 9 and 10).
Serial Write Operations
Slave Address Byte
Following a start condition, the master must output a slave
address byte. This byte consists of several parts:
• a device type identifier that is always ‘1011’.
• two bits of ‘0’.
• one bit of the slave command byte is a R/W bit. The R/W
bit of the slave address byte defines the operation to be
SCL
SDA
START
STOP
FIGURE 7. VALID START AND STOP CONDITIONS
DATA OUTPUT
FROM
TRANSMITTER
DATA OUTPUT
FROM RECEIVER
8
1
9
START
ACKNOWLEDGE
SCL FROM
MASTER
FIGURE 8. ACKNOWLEDGE RESPONSE FROM RECEIVER
0
SLAVE
ADDRESS
BYTE
ADDRESS
DATA
A
C
K
A
C
K
A
C
K
SDA BUS
SIGNALS
FROM THE
SLAVE
SIGNALS
FROM THE
MASTER
1
0
0
1
1
0
11
1
1
1
1
1
1
1
FIGURE 9. WRITE CONTROL REGISTER SEQUENCE
X4003, X4005


Similar Part No. - X4003M8I

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X4003M8I XICOR-X4003M8I Datasheet
378Kb / 18P
   CPU Supervisor
logo
Intersil Corporation
X4003M8I INTERSIL-X4003M8I Datasheet
266Kb / 17P
   CPU Supervisor
X4003M8I INTERSIL-X4003M8I Datasheet
276Kb / 18P
   CPU Supervisor
logo
Renesas Technology Corp
X4003M8I RENESAS-X4003M8I Datasheet
692Kb / 16P
   CPU Supervisor
logo
Intersil Corporation
X4003M8I INTERSIL-X4003M8I Datasheet
332Kb / 16P
   CPU Supervisor
June 30, 2008
More results

Similar Description - X4003M8I

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X4003 INTERSIL-X4003 Datasheet
266Kb / 17P
   CPU Supervisor
X4003-05 INTERSIL-X4003-05 Datasheet
332Kb / 16P
   CPU Supervisor
June 30, 2008
X5001 INTERSIL-X5001_06 Datasheet
305Kb / 20P
   CPU Supervisor
X5001 INTERSIL-X5001 Datasheet
275Kb / 18P
   CPU Supervisor
logo
Xicor Inc.
X5001 XICOR-X5001 Datasheet
100Kb / 19P
   CPU Supervisor
X4003 XICOR-X4003 Datasheet
378Kb / 18P
   CPU Supervisor
logo
Renesas Technology Corp
X4003 RENESAS-X4003 Datasheet
692Kb / 16P
   CPU Supervisor
logo
Intersil Corporation
X4003 INTERSIL-X4003_06 Datasheet
276Kb / 18P
   CPU Supervisor
logo
Renesas Technology Corp
X5001 RENESAS-X5001 Datasheet
789Kb / 20P
   CPU Supervisor
logo
Texas Instruments
BQ4847 TI-BQ4847_07 Datasheet
247Kb / 6P
[Old version datasheet]   RTC Module With CPU Supervisor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com