Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAJC107K035SNJV Datasheet(PDF) 2 Page - AVX Corporation

Part # TAJC107K035SNJV
Description  General purpose SMT chip tantalum series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAJC107K035SNJV Datasheet(HTML) 2 Page - AVX Corporation

  TAJC107K035SNJV Datasheet HTML 1Page - AVX Corporation TAJC107K035SNJV Datasheet HTML 2Page - AVX Corporation TAJC107K035SNJV Datasheet HTML 3Page - AVX Corporation TAJC107K035SNJV Datasheet HTML 4Page - AVX Corporation TAJC107K035SNJV Datasheet HTML 5Page - AVX Corporation TAJC107K035SNJV Datasheet HTML 6Page - AVX Corporation TAJC107K035SNJV Datasheet HTML 7Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MAY 2014
37
TAJ Series
Low Profile
Capacitance
Rated voltage DC (V
R) to 85°C
μF
Code
2.5V (e)
4V (G)
6.3V (J)
10V (A)
16V (C)
20V (D)
25V (E)
35V (V)
50V (T)
0.10
104
R/S
R/S
S
0.15
154
R/S
R
R/S
S
0.22
224
R/S
R
R/S
P/R/S
0.33
334
R/S
R
R/S
P/R(M)/S/T
0.47
474
R/S
R/S
R/S/T
S/T
0.68
684
R/S
R/S/T
R/S
P/S/T
1.0
105
R/S
R/S/T
R/S/T
P/R/S
P/S/T
W
1.5
155
R/S
R/S
R/S
P/R/S/T
P/S/T
T
W
2.2
225
R/S
R/S
R/S
R/S/T
P/R/S/T
T
T
W
3.3
335
R/S
R/S
R/S/T
R/S/T
T
T/W
W
Y
4.7
475
R
R/S
R/S/T
R/S/T
K/P/S/T
T
T/W
W
Y
6.8
685
R
R/S/T
R/S/T
P/R/S/T
S/T
T
W
Y
Y
10
106
R/S
R/S/T
P/R/S/T
K/P/R(M)/S/T
T/W
W
W
X/Y
15
156
R
R/S/T
K/P/R/S/T
S/T/W
T(M)/W
W
Y
Y
22
226
P/R
K/P/R/S/T
K/P(M)/S/T/W
T/W
W
W/Y
Y
Y
33
336
K/P/S
K/P(M)/S/T/W
T/W
W
W/Y
X/Y
Y
47
476
P(M)/S
T/W
T/W
H/W/Y
W/X/Y
X/Y
Y
68
686
T
T/W
W
W/Y
F/X/Y
Y
100
107
T/W
T(M)/W
W/Y
W/X/Y
F(M)/Y
150
157
T(M)/W
W/Y
W/X/Y
F/X(M)/Y
Y(M)
220
227
W/Y
W/X/Y
F/X/Y
Y
330
337
W(M)/Y
F/X/Y
Y
470
477
F/Y
Y
Y
680
687
Y
Y(M)
1000
108
Y(M)
CAPACITANCE AND RATED VOLTAGE RANGE
(LETTER DENOTES CASE SIZE)
Released codes (M tolerance only)
Engineering samples - please contact manufacturer
*Codes under development - subject to change
Note: Voltage ratings are minimum values. AVX reserves the right to supply higher
ratings in the same case size, to the same reliability standards.


Similar Part No. - TAJC107K035SNJV

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAJC107K035SNJV AVX-TAJC107K035SNJV Datasheet
120Kb / 5P
   TAJ Series
TAJC107K035SNJV AVX-TAJC107K035SNJV Datasheet
110Kb / 5P
   Low Profile
More results

Similar Description - TAJC107K035SNJV

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAJA106M010RNJ AVX-TAJA106M010RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJB107M006RNJ AVX-TAJB107M006RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJD107M010RNJ AVX-TAJD107M010RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJD686K016RNJ AVX-TAJD686K016RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJA225M016RNJ AVX-TAJA225M016RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJC225K050RNJ AVX-TAJC225K050RNJ Datasheet
238Kb / 12P
   General purpose SMT chip tantalum series
TAJA334M035RNJ AVX-TAJA334M035RNJ Datasheet
238Kb / 12P
   General purpose SMT chip tantalum series
TAJD107K010RNJ AVX-TAJD107K010RNJ Datasheet
238Kb / 12P
   General purpose SMT chip tantalum series
TAJA226K006RNJ AVX-TAJA226K006RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJD106K035RNJ AVX-TAJD106K035RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJB226M006RNJ AVX-TAJB226M006RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com