Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

14001-00630100 Datasheet(PDF) 1 Page - AAEON Technology

Part # 14001-00630100
Description  tpm support
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

14001-00630100 Datasheet(HTML) 1 Page - AAEON Technology

  14001-00630100 Datasheet HTML 1Page - AAEON Technology 14001-00630100 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
10-65
Note: All specifications are subject to change without notice.
10
Features
Specifications
Micro-ATX with Intel® 6th Generation Core™ Processor, DDR4 DRAM, USB x 14 & iAMT Support
IMBM-Q170A
Optional Accessories
Part Number
Description
1709100330
USB 2.0 cable (9P, 330MM, p=2.54mm, w/bracket)
170910020K
USB 2.0 cable (9P, 200MM, p=2.54mm, w/o bracket)
175921156B
CPU Cooler (2-Ball, Push-pin Type)
1759200172
CPU Cooler (2-Ball, Screw with Retention Plate)
TBD
TPM Module
6th Gen. Intel® Core™ LGA1151 Processor
DDR4 DRAM Support, 2133 MHz, Max. 64GB
Three Independent Display: HDMI x 2, DVI-I Port x 1
Dual Intel® Gigabit Ethernet, iAMT Support
USB 3.0 Port x 10, USB 2.0 Port x 4
TPM Support
Packing List
14001-00630100
SATA 6G Cable (7P, 180; 90, 500mm 2 in 1)
14001-00400100
COM Port Cable (9P, 260mm, p=2.54mm w/bracket)
I/O Shield
Product CD
IMBM-Q170A
System
Processor
Intel® 6th Generation(Skylake-S) Core™ i7/i5/i3/Pentium®/ Celeron® 14nm
LGA1151 Socket Processor
Chipset
Intel® Q170 Express Chipset
Memory
288-pin DIMM x 4, max. 64GB, DDR4 2133/1867 MHz, non-ECC, un-buffered
memory, Dual channel memory architecture
I/O Chipset
NCT6791D, F81216HD
Ethernet
LAN 1: Intel® PHY i219LM Giga LAN (support Intel® AMT 11.0) x 1
LAN 2: Intel® i211AT Giga LAN x 1, RJ-45 x 2
Audio
Realtek® ALC887 (Colay with ALC886)
TPM
20-1 PIN header for TPM1.2/FW3.19
Expansion Slots
PCIe 3.0/2.0[x16] Slot x 1, PCIe 3.0/2.0[x4] Slot(open edge) x 1, PCIe 3.0/2.0[x1]
Slot (open edge) x 1, PCI x 1
BIOS
128M bit Flash ROM x 1, AMI BIOS
H/W Monitor
Temperature Monitor on CPU/Chassis, Voltage Monitor on Vcore/5V/3.3V/12V,
Fan Monitor on CPU/Chassis
WatchDog Timer
1~255 steps by software program
Smart Fan Control
CPU Fan/ Chassis Fan x 2
Wake On LAN/ PXE
Yes (WOL/PXE)
Power State
S3, S4, S5
Graphics
Graphics Chipset
Intel® HD Graphics
Graphics Multi Display
DVI-D+HDMI, HDMI+HDMI, VGA+HDMI, DVI-D+HDMI+HDMI,
VGA+HDMI+HDMI
VGA
Up to 1920 x 1200 @60Hz
DVI
Up to 1920 x 1200 @60Hz
HDMI
HDMI 1.4 up to 4096 x 2160 @24Hz
Display Port
LVDS
eDP
Backlight Control
Environement & Power & ME
Battery
Lithium battery
Power Requirement
24-pin ATX connector x 1, 8 pin ATX 12V Power connector x 1
Power Compliance
Compliant with EuP/ ErP
Operating Temperature
32°F ~ 140°F (0°C ~ 60°C)
Storage Temperature
-40°F ~ 185°F (-40°C ~ 85°C)
Operating Humidity
0% ~ 90% RH, non-condensing
Certificate
CE & FCC Class A
Form Factor
Micro-ATX Form Factor, 9.6” x 9.6” (244mm x 244mm)
Weight
1.76 lb (0.8 Kg)
MTBF (Hours)
Back Panel I/O Ports
USB
USB 3.0 ports x 10
Display I/O
DVI-I x 1, HDMI x 2
Audio I/O
Audio Jack x 3: Line-in, Mic-in, Line-out
LAN I/O
LAN (RJ-45) port x 2
Serial Port
RS-232/422/485 DB-9 connector x 1 (COM1, supports 5/12V on RI pin)
PS/2 Port
PS/2 Combo Port (Keyboard & Mouse) x 1
Others
Internal I/O Connectors
Storage
SATA3 (6.0Gb/s) port x 6, Supports RAID 0/1/5/10
USB
USB 2.0 port x 2 connectors support additional USB port x 4
Display I/O
Audio I/O
Speaker header x 1 (Line-out)
Serial Port
RS-232 header x 5
PS/2 Port
Parallel Port
DIO
8-bit Digital I/O interface x 1 (In/Out programmable)
FAN
CPU Fan connector(s) (4-pin) x 1, Chassis Fan connector(s) (4-pin) x 2
Others
Front panel header x 1, Clear CMOS jumper x 1, TPM header x 1, BIOS flash
header (2[x4]P p=1.27mm) x 1, Chassis Intrusion x 1
OS
OS Support
Windows® 7 32/64-bit, Windows® 8.1 64-bit, Windows® 10 64-bit, ,Linux
Fedora 64bit
COM x 4
DDR 4 RAM
Slot x 4, up
to 64GB
6th Gen.
Intel® Core™
LGA1151
Processor
PS/2 Combo
HDMI x 2
COM x 1
LAN x 2
USB 3.0 x 2
Line-in
PCI x 1
DIO x 1
RS-232 x 1
TPM Header
USB 2.0 x 4
Q170 PCH
SATA 6.0 Gb/s x 6
PCI-E [x1] x 1
PCI-E [x4] x 1
PCI-E [x16] x 1
Line-out
Mic-in
DVI-I x 1
USB 3.0 x 6


Similar Part No. - 14001-00630100

ManufacturerPart #DatasheetDescription
logo
STEGO Elektrotechnik Gm...
14001.0-00 STEGO-14001.0-00 Datasheet
151Kb / 1P
   SEMICONDUCTOR HEATER
19.03.2019
logo
Motorola, Inc
14001B MOTOROLA-14001B Datasheet
327Kb / 11P
   B-Suffix Series CMOS Gates
More results

Similar Description - 14001-00630100

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
IMBM-Q87A AAEON-IMBM-Q87A Datasheet
461Kb / 2P
   tpm support
GENE-BT06 AAEON-GENE-BT06 Datasheet
334Kb / 2P
   supports tpm
logo
Infineon Technologies A...
SLB9660TPM1.2 INFINEON-SLB9660TPM1.2 Datasheet
487Kb / 23P
   OPTIGA™ TPM
Revision 1.2 2018-09-21
SLB9673TPM2.0 INFINEON-SLB9673TPM2.0 Datasheet
564Kb / 22P
   OPTIGA™ TPM
Revision 1.1 2022-07-08
logo
Axiomtek Co., Ltd.
IMB208 AXIOMTEK-IMB208 Datasheet
216Kb / 1P
   TPM 1.2 supported
logo
Infineon Technologies A...
SLB9672TPM2.0 INFINEON-SLB9672TPM2.0 Datasheet
517Kb / 21P
   OPTIGA™ TPM
Revision 1.0 2022-01-20
logo
Axiomtek Co., Ltd.
IMB206 AXIOMTEK-IMB206 Datasheet
218Kb / 1P
   TPM supported
logo
STMicroelectronics
ST19WP18 STMICROELECTRONICS-ST19WP18 Datasheet
48Kb / 5P
   Trusted Platform Module (TPM)
ST19NP18-TPM STMICROELECTRONICS-ST19NP18-TPM Datasheet
82Kb / 5P
   Trusted Platform Module (TPM)
logo
Axiomtek Co., Ltd.
MANO831 AXIOMTEK-MANO831 Datasheet
274Kb / 1P
   TPM 1.2 supported
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com