Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1702151201 Datasheet(PDF) 2 Page - AAEON Technology

Part # 1702151201
Description  gigabit ethernet
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

1702151201 Datasheet(HTML) 2 Page - AAEON Technology

  1702151201 Datasheet HTML 1Page - AAEON Technology 1702151201 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
10-26
www.aaeon.com
Note: All specifications are subject to change without notice.
Block Diagram
Dimension
Unit: mm
Part Number
CPU
RAM
Fan/Fanless
Display
Storage
LVDS
LAN
USB
RS-232 RS-232/422/485
Expansion Slot
Power
Temp.
TF-EMB-QM77-A10-OSP
Socket SODIMM
Fan
VGA/ DVI-D/ LVDS/ DP x 2
SATA2 x 2, SATA3 x 2,
CFast™ x 1
24b, 2CH
GbE x 2
10
1
1
Mini-PCIe x 1,
PCI-E [x16] x 1,
Mini-Card x 1
+12V/DC
0°C ~ 60°C
TF-EMB-QM77-A10-01-OSP
Socket SODIMM
Fan
VGA/ DVI-D/ LVDS/ DP/ HDMI
SATA2 x 2, SATA3 x 2,
CFast™ x 1
24b, 2CH
GbE x 2
10
1
1
Mini-PCIe x 1,
PCI-E [x16] x 1,
Mini-Card x 1
+12V/DC
0°C ~ 60°C
Packing List
Ordering Information
17592QM672
CPU Cooler 4P, 60mm x 60mm x 26.5mm
Optional Accessories
EMB-QM77
Intel® Cougar
Point
Intel® Panther
Point
PCH QM77
Intel® Processor
Ivy Bridge
PEG
PCI-E x16
Channel A
DDR3 SODIMM x1 1600/1333MHz
DMI
VGA
Channel B
FDI
2 x SATAIII
10 x USB 2.0
SPI
PCIe
LPC
6 Gpbs
RJ45
4 x USB 3.0
ITE
IT8728F
TPM 1.2 on Board
IMPV7
DVI-D
DP
DDR3 SODIMM x1 1600/1333MHz
LPC
FAN1~2
PS/2
KB/MS
COM1 (w/ 5V, 12V, RS-
232/422/485) & COM2
HW
Monitor
DIO
8-BIT
Watch
dog
HD
Audio
Intel LAN1
WGB2579LM
CFAST
3 Gpbs
Audio
ALC662/892/88
6
Audio
Connector
SPI Flash
PCIe
RJ45
Realtek LAN2
RTL8111E
Dual LVDS 18/24 bit
LVDS
LVDS
2 x SATAII
3 Gpbs
DP or HDMI
Level Shift
Level Shift
Mini card &USB 2.0


Similar Part No. - 1702151201

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
1702151201 AAEON-1702151201 Datasheet
302Kb / 2P
   supports hd display by hdmi
1702151201 AAEON-1702151201 Datasheet
321Kb / 2P
   realtek rtl 8111e
1702151201 AAEON-1702151201 Datasheet
385Kb / 2P
   onboard intel
1702151201 AAEON-1702151201 Datasheet
508Kb / 2P
   Mini-ITX with 8th/9th Generation Intel® Core™ LGA1151 Socket Processor, Max. 65W TDPs, 12V DC Power input
2022/10/27
More results

Similar Description - 1702151201

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
COM-KB AAEON-COM-KB Datasheet
299Kb / 2P
   gigabit ethernet
COM-QM87 AAEON-COM-QM87 Datasheet
320Kb / 2P
   gigabit ethernet
AEC-6612 AAEON-AEC-6612 Datasheet
252Kb / 2P
   gigabit ethernet
EMB-B75A AAEON-EMB-B75A Datasheet
354Kb / 2P
   gigabit ethernet
GENE-BT05 AAEON-GENE-BT05 Datasheet
318Kb / 2P
   gigabit ethernet
GENE-BSW5 AAEON-GENE-BSW5 Datasheet
279Kb / 2P
   gigabit ethernet
FWS-7400 AAEON-FWS-7400 Datasheet
248Kb / 2P
   gigabit ethernet
GENE-A55E AAEON-GENE-A55E Datasheet
274Kb / 2P
   gigabit ethernet
NANOCOM-BT AAEON-NANOCOM-BT Datasheet
275Kb / 2P
   gigabit ethernet
PICO-BT01 AAEON-PICO-BT01 Datasheet
317Kb / 2P
   gigabit ethernet
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com