Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMB-Q87B Datasheet(PDF) 2 Page - AAEON Technology

Part # EMB-Q87B
Description  three independent display
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

EMB-Q87B Datasheet(HTML) 2 Page - AAEON Technology

  EMB-Q87B Datasheet HTML 1Page - AAEON Technology EMB-Q87B Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
10-10
www.aaeon.com
Note: All specifications are subject to change without notice.
Block Diagram
Dimension
Unit: mm
EMB-Q87B
Part Number
Description
1759200172
CPU Cooler (2-Ball, Screw with Retention Plate)
175921156B
CPU Cooler (2-Ball, Push-pin Type)
1700060152
PS/2 cable (6P, 150mm, p=2.00mm)
1709100201
USB 2.0 cable (10P, 200MM, p=2.00mm, w/bracket)
1701100206
COM cable (200MM, p=2.00mm)
Block Diagram
Optional Accessories
Order Information
Part Number
CPU
RAM
Fan/Fanless Display
Storage
LAN
USB
RS-232 RS-232/422/485
Expansion Slot
Power
TPM
Temp.
EMB-Q87B-A10
Socket
SODIMM x 2
Fan
DP x 3
SATA 3,
Full size Mini-Card (Default: mSATA, Jumper Selection) x 1
Half size Mini-Card (Default: PCI-E x 1 & USB, Jumper
Selection) x 1
GbE x 2
USB3.0 x 4
UBS2.0 x 8
1
1
Full size Mini-Card x
1,
Half-Size Mini-Card x
1
12V,
15~24VDC
Onboard
0°C ~ 60°C
Intel®
PCH Q87
Intel® 4th Gen
Core i Series
Processor
Channel A
DDR3 1066/1333/1600
DMI
Channel B
FDI
4 x SATAIII
8 x USB2.0
PCIe
LPC
6 Gbs
PCIe
4 x USB3.0
PCIe
Super I/O
NCT6791D
Display Port 1
Display Port 2
Port B
Port C
DDR3 1066/1333/1600
Debug
Port
CPU_FAN
KB / MS
HW
Monitor
DIO
8-BIT
Watch
dog
Half size Mini card
PCIe
Full size Mini card
USB2.0
USB3.0
CHA_FAN
COM1
COM2
Display Port 3
Port D
RJ-45
Intel LAN1
PHY I217LM
RJ-45
Intel® I210AT
Giga LAN
Audio ALC887
TPM
SLB9655
Line out
Mic in


Similar Part No. - EMB-Q87B

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
EMB-Q87A AAEON-EMB-Q87A Datasheet
354Kb / 2P
   three independent display
More results

Similar Description - EMB-Q87B

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
EMB-Q87A AAEON-EMB-Q87A Datasheet
354Kb / 2P
   three independent display
EMB-Q170A AAEON-EMB-Q170A Datasheet
302Kb / 2P
   three independent display
logo
List of Unclassifed Man...
1672 ETC2-1672 Datasheet
1Mb / 3P
   Three independent outputs
logo
AAEON Technology
EMB-Q170C AAEON-EMB-Q170C Datasheet
469Kb / 2P
   Three Independent Display : VGA x 1, HDMI x 2
ACS-1U01-BT4 AAEON-ACS-1U01-BT4 Datasheet
314Kb / 2P
   dual independent display
logo
List of Unclassifed Man...
CPCI-3510 ETC2-CPCI-3510 Datasheet
511Kb / 2P
   Supports three independent displays
logo
AAEON Technology
EMB-H81B AAEON-EMB-H81B Datasheet
333Kb / 2P
   dual independent display
EMB-KB1 AAEON-EMB-KB1 Datasheet
364Kb / 2P
   dual independent display
EMB-H81A AAEON-EMB-H81A Datasheet
373Kb / 2P
   dual independent display
logo
List of Unclassifed Man...
9130B ETC2-9130B Datasheet
511Kb / 4P
   Three independent and electrically isolated outputs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com