Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1709070800 Datasheet(PDF) 1 Page - AAEON Technology

Part # 1709070800
Description  realtek rtl 8111e
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

1709070800 Datasheet(HTML) 1 Page - AAEON Technology

  1709070800 Datasheet HTML 1Page - AAEON Technology 1709070800 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
10-37
www.aaeon.com
10
Features
Specifications
EMB-CV2
Embedded Motherboard with Intel® Atom™ D2550 B3 Processor
Packing List
Intel® Atom™ D2550 B3 Processor
Intel® ICH10R Chipset
204-Pin Dual-Channel DDR3 1066 MHz SODIMM x 2,
Up to 4 GB
Integrated Intel® Graphics Engine Supports Dual View by
VGA, DVI
Realtek RTL 8111E, Gigabit Ethernet x 2
SATA 3.0 Gb/s x 6
USB2.0 x 8, COM x 2
System
Form Factor
Mini-ITX
Processor
Intel® Atom™ D2550 B3 Processor Dual Core 1.86 GHz
System Memory
204-pin Dual-Channel DDR3 1066 MHz SODIMM x 2, up to 4 GB
Chipset
Intel® ICH10R
I/O Chipset
Winbond W83627DHG-P
Ethernet
Realtek® 8111E, Gigabit Ethernet, RJ-45 x 2
BIOS
AMI BIOS - 32 MB ROM
Wake on LAN
Yes
Watchdog Timer
System Reset: 1~255 steps programmable
H/W Status Monitoring
Supports System temperature, Voltage, and Cooling fan status monitoring
Expansion Interface
PCI-E[x4] x 1
Power Requirement
+12V 4-pin connector x 1
Power Consumption
(Typical)
Intel® Atom™ D25501.86 GHz, DDR3 1333 MHz 2 GB,
1.22A@ +12V/Full loading 14.64W
Board Size
6.7" x 6.7" (170 mm x 170 mm)
Gross Weight
1.32 lb(0.6 kg)
Operation Temperature
32 °F ~ 140 °F (0 °C ~ 60 °C)
Storage Temperature
-40 °F ~ 176 °F (-40 °C ~ 80 °C)
Operation Humidity
0% ~ 90% R/H, non-condensing
MTBF (Hours)
107,000
Display
Chipset
Intel® Atom™ D2550 B3 Processor
Memory
Shared Syste Memory up to 384 MB
Resolution
Up to 1920 x 1200 @60 Hz for VGA
Up to 1920 x 1080 @60 Hz Dual Channel LVDS
Up to 1920 x 1200 @60 Hz for DVI"
Output Interface
VGA, DVI, LVDS
I/O
Storage
SATA 3.0 Gb/s x 6
Serial Port
RS-232 x 1, RS-232/422/485 x 1
Universal Serial Bus
USB 2.0 x 4 with Type A connectors
USB 2.0 x 4 with Pin Headers
Digital I/O
8-bit programmable (4-in/4-out)
PS/2 port
Mini-Din PS/2 K/B and Mouse x 1
Audio
Line-in, Mic-in, Line-out
M20CV10000
(TF)Metal, Sus, I/O Shield, Rev.0.0, EMB-CV1, Kuangying, IOA-02175-01
1709070800
(TF)SATA Cable, 7P Pitch 1.27mm, 80cm, w/Lock
1702151201
(TF)Power Cable, 4P 2.5mm Housing, 15P SATA (F), 12cm, for FWS-2150
9657666600
(TF)Accessory, for All Series Jumper
Product DVD
EMB-CV2
DDR3 1066 SODIMM x 2
SATA2 x 6
PCI-E [x4] x 1
LVDS
Power in 12V DC
COM x 2
VGA
LAN x 2
USB2.0 x 4
DVI
12V DC Jack
Audio


Similar Part No. - 1709070800

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
1709070800 AAEON-1709070800 Datasheet
302Kb / 2P
   supports hd display by hdmi
1709070800 AAEON-1709070800 Datasheet
385Kb / 2P
   onboard intel
More results

Similar Description - 1709070800

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
CORECORDIC-XX ACTEL-CORECORDIC-XX Datasheet
225Kb / 18P
   CoreCORDIC CORDIC RTL Generator
logo
Logic Fruit Technologie...
CPRI-IP LFTECH-CPRI-IP Datasheet
319Kb / 3P
   Master and Slave RTL IP Core
logo
Realtek Semiconductor C...
ALC101 REALTEK-ALC101 Datasheet
383Kb / 28P
   REALTEK/AVANCE LOGIC, INC.
H05U09S REALTEK-H05U09S Datasheet
52Kb / 1P
   Realtek GTS PCI Ethernet Card
logo
List of Unclassifed Man...
RTL8139C ETC-RTL8139C Datasheet
648Kb / 62P
   REALTEK 3.3V SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Realtek Semiconductor C...
ALC202 REALTEK-ALC202 Datasheet
590Kb / 42P
   REALTEK/AVANCE LOGIC, INC. TWO CHANNEL AC??7 AUDIO CODEC
logo
List of Unclassifed Man...
RTL8100B ETC1-RTL8100B Datasheet
657Kb / 58P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8201BL ETC-RTL8201BL Datasheet
335Kb / 29P
   REALTEK SINGLE CHIP SINGLE PORT 10/100M FAST ETHERNET PHYCEIVER RTL8201BL
RTL8029AS ETC2-RTL8029AS Datasheet
578Kb / 41P
   Realtek PCI Full-Duplex Ethernet Controller with built-in SRAM
RTL8208 ETC-RTL8208 Datasheet
546Kb / 40P
   REALTEK SINGLE CHIP OCTAL 10/100 MBPS FAST ETHERNET TRANSCEIVER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com