Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV342MAX Datasheet(PDF) 9 Page - Texas Instruments

Part # LMV342MAX
Description  Shutdown/Dual/Quad General Purpose
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV342MAX Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMV342MAX Datasheet HTML 5Page - Texas Instruments LMV342MAX Datasheet HTML 6Page - Texas Instruments LMV342MAX Datasheet HTML 7Page - Texas Instruments LMV342MAX Datasheet HTML 8Page - Texas Instruments LMV342MAX Datasheet HTML 9Page - Texas Instruments LMV342MAX Datasheet HTML 10Page - Texas Instruments LMV342MAX Datasheet HTML 11Page - Texas Instruments LMV342MAX Datasheet HTML 12Page - Texas Instruments LMV342MAX Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
1k
10k
100k
1M
10M
FREQUENCY (Hz)
-60
-40
-20
0
20
40
60
80
100
PHASE
GAIN
-60
-40
-20
0
20
40
60
80
100
VS = 5V
RL = 600:
RL = 2k:
RL = 100k:
RL = 600:
RL = 2k:
RL = 100k:
1k
10k
100k
1M
10M
FREQUENCY (Hz)
-60
-40
-20
0
20
40
60
80
100
PHASE
GAIN
VS = 5V
RL = 600:
CL = 1000pF
CL = 500pF
CL = 0
CL = 100pF
CL = 1000pF
CL = 500pF
CL = 100pF
CL = 0
-60
-40
-20
0
20
40
60
80
10
0
1k
10k
100k
1M
10M
FREQUENCY (Hz)
-60
-40
-20
0
20
40
60
80
100
PHASE
GAIN
-60
-40
-20
0
20
40
60
80
100
VS = 5V
RL = 2k:
125°C
25°C
-40°C
125°C
-40°C
25°C
1k
10k
100k
1M
10M
FREQUENCY (Hz)
-60
-40
-20
0
20
40
60
80
100
PHASE
GAIN
-60
-40
-20
0
20
40
60
80
100
VS = 2.7V
RL = 600:
RL = 2k:
RL = 100k:
RL = 600:
RL = 2k:
RL = 100k:
0.00
1
0.0
1
0.1
1
10
VO (VPP)
0.01
0.1
1
10
f = 10KHz
RL = 600:
VS = 2.7V, AV = +10
VS = 5V, AV = +10
VS = 5V, AV =
+1
VS = 2.7V, AV = +1
1
10
100
1k
100k
FREQUENCY (Hz)
0.001
0.01
1
10
10k
0.1
AV = +10
AV = +1
VS = 2.7V, VO = 1VPP
VS = 5V, VO = 2.5VPP
VS = 2.7V, VO = 1VPP
VS = 5V, VO = 1VPP
LMV341-N, LMV342-N, LMV344-N
www.ti.com
SNOS990G – APRIL 2002 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
THD+N vs. Frequency
THD+N vs. VOUT
Figure 22.
Figure 23.
Open Loop Frequency Over Temperature
Open Loop Frequency Response
Figure 24.
Figure 25.
Open Loop Frequency Response
Gain and Phase vs. CL
Figure 26.
Figure 27.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMV341-N LMV342-N LMV344-N


Similar Part No. - LMV342MAX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV342MAX NSC-LMV342MAX Datasheet
694Kb / 17P
   Single with Shutdown/Dual/Quad General Purpose, 2.7V, Rail-to-Rail Output, 125째C, Operational Amplifiers
logo
Texas Instruments
LMV342MAX TI1-LMV342MAX Datasheet
1Mb / 20P
[Old version datasheet]   Single with Shutdown/Dual/Quad General Purpose, 2.7V,Rail-to-Rail Output, 125C, Operational Amplifiers
logo
National Semiconductor ...
LMV342MAX NSC-LMV342MAX Datasheet
1Mb / 28P
   Single with Shutdown/Dual/Quad General Purpose, 2.7V,Rail-to-Rail Output, 125째C, Operational Amplifiers
logo
Texas Instruments
LMV342MAX TI1-LMV342MAX Datasheet
1Mb / 35P
[Old version datasheet]   Single Rain-to-Rail Output CMOS Operation Amplifier With Shutdown
LMV342MAX/NOPB TI1-LMV342MAX/NOPB Datasheet
1Mb / 35P
[Old version datasheet]   Single Rain-to-Rail Output CMOS Operation Amplifier With Shutdown
More results

Similar Description - LMV342MAX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV341-N NSC-LMV341-N Datasheet
1Mb / 28P
   Single with Shutdown/Dual/Quad General Purpose, 2.7V,Rail-to-Rail Output, 125째C, Operational Amplifiers
LMV341 NSC-LMV341 Datasheet
694Kb / 17P
   Single with Shutdown/Dual/Quad General Purpose, 2.7V, Rail-to-Rail Output, 125째C, Operational Amplifiers
logo
Texas Instruments
LMV341 TI1-LMV341 Datasheet
1Mb / 20P
[Old version datasheet]   Single with Shutdown/Dual/Quad General Purpose, 2.7V,Rail-to-Rail Output, 125C, Operational Amplifiers
logo
ON Semiconductor
NST3906DP6T5G ONSEMI-NST3906DP6T5G Datasheet
101Kb / 4P
   Dual General Purpose Dual General Purpose
April, 2008 ??Rev. 0
LMV331 ONSEMI-LMV331_17 Datasheet
845Kb / 20P
   Single, Dual, Quad General Purpose, Low Voltage Comparators
June, 2017 ??Rev. 8
LMV331 ONSEMI-LMV331_14 Datasheet
842Kb / 19P
   Single, Dual, Quad General Purpose, Low Voltage Comparators
November, 2014 ??Rev. 7
LMV331 ONSEMI-LMV331 Datasheet
916Kb / 21P
   Single, Dual, Quad General Purpose, Low Voltage Comparators
October, 2009 ??Rev. 3
logo
Motorola, Inc
MMPQ2222 MOTOROLA-MMPQ2222 Datasheet
108Kb / 4P
   Quad General Purpose Transistors
logo
Maxim Integrated Produc...
MAX9092 MAXIM-MAX9092 Datasheet
1Mb / 11P
   General-Purpose, Low-Voltage, Dual/Quad, Tiny Pack Comparators
Rev 0; 7/12
logo
Renesas Technology Corp
ISL28113 RENESAS-ISL28113 Datasheet
1Mb / 23P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com