Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV341MG Datasheet(PDF) 2 Page - Texas Instruments

Part # LMV341MG
Description  Shutdown/Dual/Quad General Purpose
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV341MG Datasheet(HTML) 2 Page - Texas Instruments

  LMV341MG Datasheet HTML 1Page - Texas Instruments LMV341MG Datasheet HTML 2Page - Texas Instruments LMV341MG Datasheet HTML 3Page - Texas Instruments LMV341MG Datasheet HTML 4Page - Texas Instruments LMV341MG Datasheet HTML 5Page - Texas Instruments LMV341MG Datasheet HTML 6Page - Texas Instruments LMV341MG Datasheet HTML 7Page - Texas Instruments LMV341MG Datasheet HTML 8Page - Texas Instruments LMV341MG Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
LMV341-N, LMV342-N, LMV344-N
SNOS990G – APRIL 2002 – REVISED MARCH 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
ESD Tolerance(3)
Machine Model
200V
Human Body Model
2000V
Differential Input Voltage
± Supply Voltage
Supply Voltage (V + -V )
6.0V
Output Short Circuit to V +
See(4)
Output Short Circuit to V
See(5)
Storage Temperature Range
−65°C to 150°C
Junction Temperature(6)
150°C
Mounting Temperature
Infrared or Convection Reflow (20 sec.)
235°C
Wave Soldering Lead Temperature (10 sec.)
260°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and the test
conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
Human Body Model, applicable std. MIL-STD-883, Method 3015.7. Machine Model, applicable std. JESD22-A115-A (ESD MM std. of
JEDEC)Field-Induced Charge-Device Model, applicable std. JESD22-C101-C (ESD FICDM std. of JEDEC).
(4)
Shorting output to V+ will adversely affect reliability.
(5)
Shorting output to V-will adversely affect reliability.
(6)
The maximum power dissipation is a function of TJ(MAX), θJA. The maximum allowable power dissipation at any ambient temperature is
PD = (TJ(MAX) – TA)/ θJA. All numbers apply for packages soldered directly onto a PC Board.
Operating Ratings
(1)
Supply Voltage
2.7V to 5.5V
Temperature Range
−40°C to 125°C
Thermal Resistance (
θ JA)
6-Pin SC70
414°C/W
8-Pin SOIC
190°C/W
8-Pin VSSOP
235°C/W
14-Pin TSSOP
155°C/W
14-Pin SOIC
145°C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and the test
conditions, see the Electrical Characteristics.
2
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LMV341-N LMV342-N LMV344-N


Similar Part No. - LMV341MG

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV341MG NSC-LMV341MG Datasheet
694Kb / 17P
   Single with Shutdown/Dual/Quad General Purpose, 2.7V, Rail-to-Rail Output, 125째C, Operational Amplifiers
logo
Texas Instruments
LMV341MG TI1-LMV341MG Datasheet
1Mb / 20P
[Old version datasheet]   Single with Shutdown/Dual/Quad General Purpose, 2.7V,Rail-to-Rail Output, 125C, Operational Amplifiers
LMV341MG/NOPB TI1-LMV341MG/NOPB Datasheet
1Mb / 35P
[Old version datasheet]   Single Rain-to-Rail Output CMOS Operation Amplifier With Shutdown
logo
National Semiconductor ...
LMV341MGNOPB NSC-LMV341MGNOPB Datasheet
1Mb / 28P
   Single with Shutdown/Dual/Quad General Purpose, 2.7V,Rail-to-Rail Output, 125째C, Operational Amplifiers
LMV341MGX NSC-LMV341MGX Datasheet
694Kb / 17P
   Single with Shutdown/Dual/Quad General Purpose, 2.7V, Rail-to-Rail Output, 125째C, Operational Amplifiers
More results

Similar Description - LMV341MG

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV341-N NSC-LMV341-N Datasheet
1Mb / 28P
   Single with Shutdown/Dual/Quad General Purpose, 2.7V,Rail-to-Rail Output, 125째C, Operational Amplifiers
LMV341 NSC-LMV341 Datasheet
694Kb / 17P
   Single with Shutdown/Dual/Quad General Purpose, 2.7V, Rail-to-Rail Output, 125째C, Operational Amplifiers
logo
Texas Instruments
LMV341 TI1-LMV341 Datasheet
1Mb / 20P
[Old version datasheet]   Single with Shutdown/Dual/Quad General Purpose, 2.7V,Rail-to-Rail Output, 125C, Operational Amplifiers
logo
ON Semiconductor
NST3906DP6T5G ONSEMI-NST3906DP6T5G Datasheet
101Kb / 4P
   Dual General Purpose Dual General Purpose
April, 2008 ??Rev. 0
LMV331 ONSEMI-LMV331_17 Datasheet
845Kb / 20P
   Single, Dual, Quad General Purpose, Low Voltage Comparators
June, 2017 ??Rev. 8
LMV331 ONSEMI-LMV331_14 Datasheet
842Kb / 19P
   Single, Dual, Quad General Purpose, Low Voltage Comparators
November, 2014 ??Rev. 7
LMV331 ONSEMI-LMV331 Datasheet
916Kb / 21P
   Single, Dual, Quad General Purpose, Low Voltage Comparators
October, 2009 ??Rev. 3
logo
Motorola, Inc
MMPQ2222 MOTOROLA-MMPQ2222 Datasheet
108Kb / 4P
   Quad General Purpose Transistors
logo
Maxim Integrated Produc...
MAX9092 MAXIM-MAX9092 Datasheet
1Mb / 11P
   General-Purpose, Low-Voltage, Dual/Quad, Tiny Pack Comparators
Rev 0; 7/12
logo
Renesas Technology Corp
ISL28113 RENESAS-ISL28113 Datasheet
1Mb / 23P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com