Electronic Components Datasheet Search |
|
LM324MTX Datasheet(PDF) 6 Page - Texas Instruments |
|
LM324MTX Datasheet(HTML) 6 Page - Texas Instruments |
6 / 34 page LM124-N, LM224-N LM2902-N, LM324-N SNOSC16D – MARCH 2000 – REVISED JANUARY 2015 www.ti.com Electrical Characteristics: LM124A/224A/324A (continued) V + = 5.0 V, (1), unless otherwise stated LM124A LM224A LM324A PARAMETER TEST CONDITIONS UNIT MIN TYP MAX MIN TYP MAX MIN TYP MAX IOS Drift RS = 0 Ω 10 200 10 200 10 300 pA/°C Input Bias Current IIN(+) or IIN(−) 40 100 40 100 40 200 nA Input Common-Mode V+ = 30 V, 0 0 0 V V+ −2 V+ −2 V+ −2 Voltage Range(4) (LM2902-N, V+ = 26 V) Large Signal V+ = 15 V (VOSwing = 1 V to 11 V), 25 25 15 V/mV Voltage Gain RL ≥ 2 kΩ RL = 2 kΩ 26 26 26 V+ = 30 V Output VOH (LM2902-N, V RL = 10 kΩ 27 28 27 28 27 28 Voltage V+ = 26 V) Swing 5 20 5 20 5 20 mV VOL V+ = 5 V, RL = 10 kΩ VIN + = +1V, Source 10 20 10 20 10 20 VIN − = 0V, V+ = 15V Output VO = 2 V mA Current 10 15 5 8 5 8 VIN − = +1V, Sink VIN + = 0V, V+ = 15V 6.6 Electrical Characteristics: LM124-N/224-N/324-N/2902-N V + = +5.0V, (1), unless otherwise stated LM124-N / LM224-N LM324-N LM2902-N PARAMETER TEST CONDITIONS UNIT MIN TYP MAX MIN TYP MAX MIN TYP MAX Input Offset Voltage TA = 25°C (2) 2 5 2 7 2 7 mV Input Bias Current(3) IIN(+) or IIN(−), VCM = 0 V, TA = 25°C 45 150 45 250 45 250 nA Input Offset Current IIN(+) or IIN(−), VCM = 0 V, TA = 25°C 3 30 5 50 5 50 nA Input Common-Mode Voltage V+ = 30 V, (LM2902-N, V+ = 26V), V+ −1. V+ −1. V+ −1. 0 0 0 V Range(4) 5 5 5 TA = 25°C Over Full Temperature Range RL = ∞ On All Op Amps, 1.5 3 1.5 3 1.5 3 Supply Current mA V+ = 30 V (LM2902-N V+ = 26 V) 0.7 1.2 0.7 1.2 0.7 1.2 V+ = 5 V V+ = 15V, RL≥ 2 kΩ, Large Signal Voltage Gain 50 100 25 100 25 100 V/mV (VO = 1 V to 11 V), TA = 25°C Common-Mode Rejection 70 85 65 85 50 70 dB DC, VCM = 0 V to V + − 1.5 V, T A = 25°C Ratio V+ = 5 V to 30 V (LM2902-N, Power Supply Rejection Ratio 65 100 65 100 50 100 dB V+ = 5 V to 26 V), TA = 25°C Amplifier-to-Amplifier f = 1 kHz to 20 kHz, TA = 25°C −120 −120 −120 dB Coupling(5) (Input Referred) (1) These specifications are limited to −55°C ≤ TA ≤ +125°C for the LM124-N/LM124A. With the LM224-N/LM224A, all temperature specifications are limited to −25°C ≤ TA ≤ +85°C, the LM324-N/LM324A temperature specifications are limited to 0°C ≤ TA ≤ +70°C, and the LM2902-N specifications are limited to −40°C ≤ TA ≤ +85°C. (2) VO ≃ 1.4V, RS = 0 Ω with V + from 5 V to 30 V; and over the full input common-mode range (0 V to V+ − 1.5 V) for LM2902-N, V+ from 5 V to 26 V. (3) The direction of the input current is out of the IC due to the PNP input stage. This current is essentially constant, independent of the state of the output so no loading change exists on the input lines. (4) The input common-mode voltage of either input signal voltage should not be allowed to go negative by more than 0.3 V (at 25°C). The upper end of the common-mode voltage range is V+ − 1.5 V (at 25°C), but either or both inputs can go to 32 V without damage (26 V for LM2902-N), independent of the magnitude of V+. (5) Due to proximity of external components, insure that coupling is not originating via stray capacitance between these external parts. This typically can be detected as this type of capacitance increases at higher frequencies. 6 Submit Documentation Feedback Copyright © 2000–2015, Texas Instruments Incorporated Product Folder Links: LM124-N LM224-N LM2902-N LM324-N |
Similar Part No. - LM324MTX |
|
Similar Description - LM324MTX |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |