Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QS4A105QG8 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # QS4A105QG8
Description  QUICKSWITCH PRODUCTS HIGH-PERFORMANCE CMOS TWO CHANNEL 4PST SWITCH
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

QS4A105QG8 Datasheet(HTML) 5 Page - Integrated Device Technology

  QS4A105QG8 Datasheet HTML 1Page - Integrated Device Technology QS4A105QG8 Datasheet HTML 2Page - Integrated Device Technology QS4A105QG8 Datasheet HTML 3Page - Integrated Device Technology QS4A105QG8 Datasheet HTML 4Page - Integrated Device Technology QS4A105QG8 Datasheet HTML 5Page - Integrated Device Technology QS4A105QG8 Datasheet HTML 6Page - Integrated Device Technology QS4A105QG8 Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
IDTQS4A105
HIGH-PERFORMANCECMOSTWO-CHANNEL4PSTSWITCH
INDUSTRIALTEMPERATURERANGE
TYPICAL CHARACTERISTICS (CONTINUED)
Insertion Loss vs. Frequency
On-Resistance vs. VIN
NOTE:
1. Insertion Loss = 20 log |VO/VS|
Switching Time
TEST CIRCUITS
16
14
12
10
8
0.0
0.5
1.0
1.5
2.0
2.5
3.0
6
4
VIN (Volts)
VCC = 4.75V
18
RON LINK
4
3
2
1
0
1
900M
Freq uen cy (H z)
1G
600M
700M
800M
400M
500M
VCC = 5V
RL = 75Ω
A1-A3
C1-C3
C4
GND
5V
500
Ω
50 pF
Vcc
5V
E2
E1
5V
50
Ω
VIN
QS4A105
CONTROL
INPUT
OUTPUT
3.0V
1.5V
0V
tON(E)
0.3V
tOFF(E)
0.3V
OUTPUT
3.0V
1.5V
0V
CONTROL
INPUT
A4
VOUT


Similar Part No. - QS4A105QG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
QS4A105QG IDT-QS4A105QG Datasheet
100Kb / 7P
   QUICKSWITCH짰 PRODUCTS HIGH-PERFORMANCE CMOS TWO CHANNEL 4PST SWITCH
More results

Similar Description - QS4A105QG8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDTQS4A105 RENESAS-IDTQS4A105 Datasheet
442Kb / 8P
   QUICKSWITCH® PRODUCTS HIGH-PERFORMANCE CMOS TWO CHANNEL 4PST SWITCH
APRIL 2014
logo
Integrated Device Techn...
IDTQS4A105 IDT-IDTQS4A105 Datasheet
73Kb / 7P
   UICKSWITCH PRODUCTS HIGH-PERFORMANCE CMOS TWO CHANNEL 4PST SWITCH
IDTQS4A105 IDT-IDTQS4A105_09 Datasheet
100Kb / 7P
   QUICKSWITCH짰 PRODUCTS HIGH-PERFORMANCE CMOS TWO CHANNEL 4PST SWITCH
IDTQS4A110 IDT-IDTQS4A110 Datasheet
68Kb / 7P
   QUICKSWITCH PRODUCTS HIGH-PERFORMANCE CMOS TWO CHANNEL 5PST SWITCH
logo
Renesas Technology Corp
IDTQS4A110 RENESAS-IDTQS4A110 Datasheet
426Kb / 8P
   QUICKSWITCH® PRODUCTS HIGH-PERFORMANCE CMOS TWO CHANNEL 5PST SWITCH
APRIL 2014
logo
Integrated Device Techn...
IDTQS4A201 IDT-IDTQS4A201 Datasheet
79Kb / 8P
   QUICKSWITCH PRODUCTS HIGH-PERFORMANCE CMOS TWO-BY-TWO ANALOG CROSS POINT SWITCH
IDTQS4A210 IDT-IDTQS4A210 Datasheet
77Kb / 7P
   QUICKSWITCH PRODUCTS HIGH-PERFORMANCE CMOS TWO CHANNEL SP4T MUX/DEMUX
logo
Renesas Technology Corp
IDTQS4A201 RENESAS-IDTQS4A201 Datasheet
419Kb / 9P
   QUICKSWITCH® PRODUCTS HIGH-PERFORMANCE CMOS TWO-BY-TWO ANALOG CROSS POINT SWITCH
APRIL 2014
IDTQS4A210 RENESAS-IDTQS4A210 Datasheet
422Kb / 8P
   QUICKSWITCH® PRODUCTS HIGH-PERFORMANCE CMOS TWO CHANNEL SP4T MUX/DEMUX
APRIL 2014
logo
Integrated Device Techn...
IDTQS4A215 IDT-IDTQS4A215 Datasheet
86Kb / 7P
   QUICKSWITCH PRODUCTS HIGH-PERFORMANCE CMOS SIX CHANNEL SP4T MUX/DEMUX
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com