Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6116SA25TPGI8 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # 6116SA25TPGI8
Description  High-speed access and chip select times
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

6116SA25TPGI8 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button 6116SA25TPGI8 Datasheet HTML 3Page - Integrated Device Technology 6116SA25TPGI8 Datasheet HTML 4Page - Integrated Device Technology 6116SA25TPGI8 Datasheet HTML 5Page - Integrated Device Technology 6116SA25TPGI8 Datasheet HTML 6Page - Integrated Device Technology 6116SA25TPGI8 Datasheet HTML 7Page - Integrated Device Technology 6116SA25TPGI8 Datasheet HTML 8Page - Integrated Device Technology 6116SA25TPGI8 Datasheet HTML 9Page - Integrated Device Technology 6116SA25TPGI8 Datasheet HTML 10Page - Integrated Device Technology 6116SA25TPGI8 Datasheet HTML 11Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
IDT6116SA/LA
CMOS Static RAM 2K (16K x 8-Bit)
Military, Commercial, and Industrial Temperature Ranges
Ordering Information — Military
Ordering Information — Commercial & Industrial
B
TD
D
20
25
35
45
55
70
90
120
150
SA
LA
Military (-55
°C to +125°C)
Compliant to MIL-STD-883, Class B
300 mil CERDIP (D24-1)
600 mil CERDIP (D24-2)
Standard Power
Low Power
6116
Device Type
XX
Power
XXX
Speed
X
Package
X
Process/
Temperature
Range
3089 drw 11
Speed in nanoseconds
Blank
I
TP
SO
15*
20
25
SA
LA
Commercial (0
°C to +70°C)
Industrial (-40
°C to +85°C)
300 mil Plastic DIP (P24-1)
300 mil Small Outline IC, Gull-Wing Bend (SO24-2)
Standard Power
Low Power
6116
Device Type
XX
Power
XXX
Speed
X
Package
X
Process/
Temperature
Range
3089 drw 12
Speed in nanoseconds
*Available in commercial temperature range and standard power only.
X
G
Green
Blank
8
Tube or Tray
Tape and Reel
X


Similar Part No. - 6116SA25TPGI8

ManufacturerPart #DatasheetDescription
logo
3M Electronics
6116 3M-6116 Datasheet
19Kb / 4P
   3M Spray-Bond Adhesive
logo
Heyco.
6116 HEYCO-6116 Datasheet
192Kb / 1P
   Turn-2-Lock Cordset Contacts
logo
Tyco Electronics
6116075-1 MACOM-6116075-1 Datasheet
319Kb / 7P
   Single Port Modular Jacks
6116075-1 MACOM-6116075-1 Datasheet
323Kb / 7P
   Single Port Modular Jacks
6116151-1 MACOM-6116151-1 Datasheet
173Kb / 3P
   Stacked Modular Jacks
More results

Similar Description - 6116SA25TPGI8

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
PYX28HC64 PYRAMID-PYX28HC64 Datasheet
717Kb / 11P
   Access Times of 70, 90, and 120ns Software Data Protection
PYA28HC256 PYRAMID-PYA28HC256 Datasheet
798Kb / 15P
   Access Times of 70, 90 and 120ns Software Data Protection
PYA28C64B PYRAMID-PYA28C64B Datasheet
717Kb / 11P
   Access Times of 150, 200, 250 and 350ns Software Data Protection
logo
Micross Components
AS8SLC128K32 MICROSS-AS8SLC128K32 Datasheet
141Kb / 10P
   Fast Access Times of 10 to 25ns
logo
Pyramid Semiconductor C...
PYA28C256 PYRAMID-PYA28C256 Datasheet
796Kb / 14P
   Access Times of 150, 200, 250 and 350ns Software Data Protection
PYA28C010 PYRAMID-PYA28C010 Datasheet
904Kb / 15P
   Access Times of 120, 150, 200, and 250ns Single 5V짹10% Power Supply
PYA28C16 PYRAMID-PYA28C16 Datasheet
667Kb / 10P
   Access Times of 150, 200, 250 and 350ns Single 5V짹10% Power Supply
logo
Mitsubishi Electric Sem...
M65827FP MITSUBISHI-M65827FP Datasheet
215Kb / 52P
   10-TIMES SPEED CD-DSP
logo
Dialog Semiconductor
SLG7NT4779 DIALOG-SLG7NT4779 Datasheet
441Kb / 7P
   Clock Divider and Chip Select Extender
logo
Renesas Technology Corp
SLG7NT4779V RENESAS-SLG7NT4779V Datasheet
349Kb / 7P
   Clock Divider and Chip Select Extender
February 25, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com