Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6116SA25TPGI8 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # 6116SA25TPGI8
Description  High-speed access and chip select times
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

6116SA25TPGI8 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button 6116SA25TPGI8 Datasheet HTML 3Page - Integrated Device Technology 6116SA25TPGI8 Datasheet HTML 4Page - Integrated Device Technology 6116SA25TPGI8 Datasheet HTML 5Page - Integrated Device Technology 6116SA25TPGI8 Datasheet HTML 6Page - Integrated Device Technology 6116SA25TPGI8 Datasheet HTML 7Page - Integrated Device Technology 6116SA25TPGI8 Datasheet HTML 8Page - Integrated Device Technology 6116SA25TPGI8 Datasheet HTML 9Page - Integrated Device Technology 6116SA25TPGI8 Datasheet HTML 10Page - Integrated Device Technology 6116SA25TPGI8 Datasheet HTML 11Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
IDT6116SA/LA
CMOS Static RAM 2K (16K x 8-Bit)
Military, Commercial, and Industrial Temperature Ranges
AC Electrical Characteristics (VCC = 5V ± 10%, All Temperature Ranges)
NOTES:
1. 0°C to +70°C temperature range only.
2. –55°C to +125°C temperature range only.
3. This parameter guaranteed with AC Load (Figure 2) by device characterization, but is not production tested.
4. The specification for tDH must be met by the device supplying write data to the RAM under all operation conditions. Although tDH and tOW values will vary over voltage
and temperature, the actual tDH will always be smaller than the actual tOW.
AC Electrical Characteristics (VCC = 5V ± 10%, All Temperature Ranges)(con't)
5
4
A
S
6
1
1
6
)
2
(
5
4
A
L
6
1
1
6
)
2
(
5
5
A
S
6
1
1
6
)
2
(
5
5
A
L
6
1
1
6
)
2
(
0
7
A
S
6
1
1
6
)
2
(
0
7
A
L
6
1
1
6
)
2
(
0
9
A
S
6
1
1
6
)
2
(
0
9
A
L
6
1
1
6
)
2
(
0
2
1
A
S
6
1
1
6
)
2
(
0
2
1
A
L
6
1
1
6
)
2
(
0
5
1
A
S
6
1
1
6
)
2
(
0
5
1
A
L
6
1
1
6
)
2
(
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P.
n
i
M.
x
a
M.
n
i
M.
x
a
M.
n
i
M.
x
a
M.
n
i
M.
x
a
M.
n
i
M.
x
a
M.
n
i
M.
x
a
Mt
i
n
U
e
l
c
y
C
e
t
i
r
W
t C
W
e
m
i
T
e
l
c
y
C
e
ti
r
W5
4
_
_
_
_
5
5
_
_
_
_
0
7
_
_
_
_
0
9
_
_
_
_
0
2
1
_
_
_
_
0
5
1
_
_
_
_
s
n
t W
C
e
ti
r
W
-f
o
-
d
n
E
o
t
t
c
e
l
e
S
p
i
h
C0
3
_
_
_
_
0
4
_
_
_
_
0
4
_
_
_
_
5
5
_
_
_
_
0
7
_
_
_
_
0
9
_
_
_
_
s
n
t W
A
e
ti
r
W
-f
o
-
d
n
E
o
t
d
il
a
V
s
s
e
r
d
d
A0
3
_
_
_
_
5
4
_
_
_
_
5
6
_
_
_
_
0
8
_
_
_
_
5
0
1
_
_
_
_
0
2
1
_
_
_
_
s
n
t S
A
e
m
i
T
p
u
-t
e
S
s
s
e
r
d
d
A0
_
_
_
_
5
_
_
_
_
5
1
_
_
_
_
5
1
_
_
_
_
0
2
_
_
_
_
0
2
_
_
_
_
s
n
t P
W
h
t
d
i
W
e
s
l
u
P
e
ti
r
W5
2
_
_
_
_
0
4
_
_
_
_
0
4
_
_
_
_
5
5
_
_
_
_
0
7
_
_
_
_
0
9
_
_
_
_
s
n
t R
W
e
m
i
T
y
r
e
v
o
c
e
R
e
ti
r
W0
_
_
_
_
5
_
_
_
_
5
_
_
_
_
5
_
_
_
_
5
_
_
_
_
0
1
_
_
_
_
s
n
t
Z
H
W
)
3
(
Z
-
h
g
i
H
n
i
t
u
p
t
u
O
o
t
e
ti
r
W
_
_
_
_
5
2
_
_
_
_
0
3
_
_
_
_
5
3
_
_
_
_
0
4
_
_
_
_
0
4
_
_
_
_
0
4s
n
t W
D
p
a
lr
e
v
O
e
m
i
T
e
ti
r
W
o
t
a
t
a
D0
2
_
_
_
_
5
2
_
_
_
_
0
3
_
_
_
_
0
3
_
_
_
_
5
3
_
_
_
_
0
4
_
_
_
_
s
n
t H
D
)
4
(
e
m
i
T
e
ti
r
W
m
o
rf
d
l
o
H
a
t
a
D0
_
_
_
_
5
_
_
_
_
5
_
_
_
_
5
_
_
_
_
5
_
_
_
_
0
1
_
_
_
_
s
n
t W
O
)
4
,
3
(
e
ti
r
W
-f
o
-
d
n
E
m
o
rf
e
v
it
c
A
t
u
p
t
u
O0
_
_
_
_
0
_
_
_
_
0
_
_
_
_
0
_
_
_
_
0
_
_
_
_
0
_
_
_
_
s
n
5
1
l
b
t
9
8
0
3
5
1
A
S
6
1
1
6
)
1
(
0
2
A
S
6
1
1
6
0
2
A
L
6
1
1
6
5
2
A
S
6
1
1
6
5
2
A
L
6
1
1
6
5
3
A
S
6
1
1
6
)
2
(
5
3
A
L
6
1
1
6
)
2
(
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P.
n
i
M.
x
a
M.
n
i
M.
x
a
M.
n
i
M.
x
a
M.
n
i
M.
x
a
Mt
i
n
U
e
l
c
y
C
e
t
i
r
W
t C
W
e
m
i
T
e
l
c
y
C
e
ti
r
W5
1
_
_
_
_
0
2
_
_
_
_
5
2
_
_
_
_
5
3
_
_
_
_
s
n
t W
C
e
ti
r
W
-
f
o
-
d
n
E
o
t
t
c
e
l
e
S
p
i
h
C3
1
_
_
_
_
5
1
_
_
_
_
7
1
_
_
_
_
5
2
_
_
_
_
s
n
t W
A
e
ti
r
W
-
f
o
-
d
n
E
o
t
d
il
a
V
s
s
e
r
d
d
A4
1
_
_
_
_
5
1
_
_
_
_
7
1
_
_
_
_
5
2
_
_
_
_
s
n
t S
A
e
m
i
T
p
u
-
t
e
S
s
s
e
r
d
d
A0
_
_
_
_
0
_
_
_
_
0
_
_
_
_
0
_
_
_
_
s
n
t P
W
h
t
d
i
W
e
s
l
u
P
e
ti
r
W2
1
_
_
_
_
2
1
_
_
_
_
5
1
_
_
_
_
0
2
_
_
_
_
s
n
t R
W
e
m
i
T
y
r
e
v
o
c
e
R
e
ti
r
W0
_
_
_
_
0
_
_
_
_
0
_
_
_
_
0
_
_
_
_
s
n
t
Z
H
W
)
3
(
Z
-
h
g
i
H
n
i
t
u
p
t
u
O
o
t
e
ti
r
W
_
_
_
_
7
_
_
_
_
8
_
_
_
_
6
1
_
_
_
_
0
2s
n
t W
D
p
a
lr
e
v
O
e
m
i
T
e
ti
r
W
o
t
a
t
a
D2
1
_
_
_
_
2
1
_
_
_
_
3
1
_
_
_
_
5
1
_
_
_
_
s
n
t H
D
)
4
(
e
m
i
T
e
ti
r
W
m
o
r
f
d
l
o
H
a
t
a
D0
_
_
_
_
0
_
_
_
_
0
_
_
_
_
0
_
_
_
_
s
n
t W
O
)
4
,
3
(
e
ti
r
W
-
f
o
-
d
n
E
m
o
r
f
e
v
it
c
A
t
u
p
t
u
O0
_
_
_
_
0
_
_
_
_
0
_
_
_
_
0
_
_
_
_
s
n
4
1
l
b
t
9
8
0
3


Similar Part No. - 6116SA25TPGI8

ManufacturerPart #DatasheetDescription
logo
3M Electronics
6116 3M-6116 Datasheet
19Kb / 4P
   3M Spray-Bond Adhesive
logo
Heyco.
6116 HEYCO-6116 Datasheet
192Kb / 1P
   Turn-2-Lock Cordset Contacts
logo
Tyco Electronics
6116075-1 MACOM-6116075-1 Datasheet
319Kb / 7P
   Single Port Modular Jacks
6116075-1 MACOM-6116075-1 Datasheet
323Kb / 7P
   Single Port Modular Jacks
6116151-1 MACOM-6116151-1 Datasheet
173Kb / 3P
   Stacked Modular Jacks
More results

Similar Description - 6116SA25TPGI8

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
PYX28HC64 PYRAMID-PYX28HC64 Datasheet
717Kb / 11P
   Access Times of 70, 90, and 120ns Software Data Protection
PYA28HC256 PYRAMID-PYA28HC256 Datasheet
798Kb / 15P
   Access Times of 70, 90 and 120ns Software Data Protection
PYA28C64B PYRAMID-PYA28C64B Datasheet
717Kb / 11P
   Access Times of 150, 200, 250 and 350ns Software Data Protection
logo
Micross Components
AS8SLC128K32 MICROSS-AS8SLC128K32 Datasheet
141Kb / 10P
   Fast Access Times of 10 to 25ns
logo
Pyramid Semiconductor C...
PYA28C256 PYRAMID-PYA28C256 Datasheet
796Kb / 14P
   Access Times of 150, 200, 250 and 350ns Software Data Protection
PYA28C010 PYRAMID-PYA28C010 Datasheet
904Kb / 15P
   Access Times of 120, 150, 200, and 250ns Single 5V짹10% Power Supply
PYA28C16 PYRAMID-PYA28C16 Datasheet
667Kb / 10P
   Access Times of 150, 200, 250 and 350ns Single 5V짹10% Power Supply
logo
Mitsubishi Electric Sem...
M65827FP MITSUBISHI-M65827FP Datasheet
215Kb / 52P
   10-TIMES SPEED CD-DSP
logo
Dialog Semiconductor
SLG7NT4779 DIALOG-SLG7NT4779 Datasheet
441Kb / 7P
   Clock Divider and Chip Select Extender
logo
Renesas Technology Corp
SLG7NT4779V RENESAS-SLG7NT4779V Datasheet
349Kb / 7P
   Clock Divider and Chip Select Extender
February 25, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com