Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

71V12410TYGI8 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # 71V12410TYGI8
Description  3.3V CMOS Static RAM 1 Meg (128K x 8-Bit) Center Power and Ground Pinout
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

71V12410TYGI8 Datasheet(HTML) 8 Page - Integrated Device Technology

  71V12410TYGI8 Datasheet HTML 1Page - Integrated Device Technology 71V12410TYGI8 Datasheet HTML 2Page - Integrated Device Technology 71V12410TYGI8 Datasheet HTML 3Page - Integrated Device Technology 71V12410TYGI8 Datasheet HTML 4Page - Integrated Device Technology 71V12410TYGI8 Datasheet HTML 5Page - Integrated Device Technology 71V12410TYGI8 Datasheet HTML 6Page - Integrated Device Technology 71V12410TYGI8 Datasheet HTML 7Page - Integrated Device Technology 71V12410TYGI8 Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Datasheet Document History
8
IDT71V124SA, 3.3V CMOS Static RAM
1 Meg (128K x 8-Bit), Center Power & Ground Pinout
Commercial and Industrial Temperature Ranges
11/22/99
Updatedtonewformat
Pg. 1–4, 7 AddedIndustrialTemperaturerangeofferings
Pg. 2
AddedRecommendedOperatingTemperatureandSupplyVoltagetable
Pg. 6
Revised footnotes on Write Cycle No. 1 diagram
Pg. 8
AddedDatasheetDocumentHistory
08/30/00
Pg. 3
Tighten ICC and ISB
Pg. 4
TightenACCharacteristicstOHZ, tOWandtWHZ
08/22/01
Pg. 7
Removed footnote "400-mil SOJ package only offered in 10ns and 12ns speed grade"
11/30/03
Pg. 1,3,7
AddedIndustrialtemperatureoffering10nsspeedgrade
01/30/04
Pg. 7
Added"Restrictedhazardoussubstancedevice"toorderinginformation
2/14/07
Pg. 7
Added H generation die step to data sheet ordering information
10/13/08
Pg. 7
Removed "IDT" from the orderable part number
11/15/10
Pg. 1,3,4,7 Removed 20ns commercial, 10ns & 20ns industrial and also removed HSA offering
03/29/12
Pg. 7
Removed die step indicator from the ordering information
Added tape and reel and green to the ordering information
02/19/13:
Pg. 1
RemovedIDTreferencetofabricationandchangedfastestaccessaddresstimefrom9nsto10ns
for Tech Support:
sramhelp@idt.com
408-284-4532
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
CORPORATE HEADQUARTERS
for SALES:
6024 Silver Creek Valley Road
800-345-7015 or
San Jose, CA 95138
408-284-8200
fax: 408-284-2775
www.idt.com


Similar Part No. - 71V12410TYGI8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
71V124SA RENESAS-71V124SA Datasheet
192Kb / 9P
   3.3V CMOS Static RAM1 Meg (128K x 8-Bit) Center Power & Ground Pinout
Jun.30.20
71V124SA10PHG RENESAS-71V124SA10PHG Datasheet
192Kb / 9P
   3.3V CMOS Static RAM1 Meg (128K x 8-Bit) Center Power & Ground Pinout
Jun.30.20
71V124SA10PHG8 RENESAS-71V124SA10PHG8 Datasheet
192Kb / 9P
   3.3V CMOS Static RAM1 Meg (128K x 8-Bit) Center Power & Ground Pinout
Jun.30.20
71V124SA10PHGI RENESAS-71V124SA10PHGI Datasheet
192Kb / 9P
   3.3V CMOS Static RAM1 Meg (128K x 8-Bit) Center Power & Ground Pinout
Jun.30.20
71V124SA10PHGI8 RENESAS-71V124SA10PHGI8 Datasheet
192Kb / 9P
   3.3V CMOS Static RAM1 Meg (128K x 8-Bit) Center Power & Ground Pinout
Jun.30.20
More results

Similar Description - 71V12410TYGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V124SA IDT-IDT71V124SA Datasheet
81Kb / 8P
   3.3V CMOS Static RAM 1 Meg (128K x 8-Bit) Center Power & Ground Pinout
logo
Renesas Technology Corp
71V124SA RENESAS-71V124SA Datasheet
192Kb / 9P
   3.3V CMOS Static RAM1 Meg (128K x 8-Bit) Center Power & Ground Pinout
Jun.30.20
logo
Integrated Device Techn...
IDT71V124 IDT-IDT71V124 Datasheet
66Kb / 8P
   3.3V CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
logo
Renesas Technology Corp
71124 RENESAS-71124 Datasheet
188Kb / 9P
   CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
Feb.27.20
logo
Integrated Device Techn...
IDT71124 IDT-IDT71124 Datasheet
83Kb / 8P
   CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
logo
Renesas Technology Corp
71024S RENESAS-71024S Datasheet
312Kb / 9P
   CMOS Static RAM 1 Meg (128K x 8-Bit)
Mar. 30.21
logo
Integrated Device Techn...
IDT71024 IDT-IDT71024 Datasheet
68Kb / 8P
   CMOS STATIC RAM 1 MEG (128K x 8-BIT)
71024S15YI IDT-71024S15YI Datasheet
254Kb / 8P
   CMOS Static RAM 1 Meg (128K x 8-Bit)
logo
List of Unclassifed Man...
IDT71024S15YGI ETC2-IDT71024S15YGI Datasheet
254Kb / 8P
   CMOS Static RAM 1 Meg (128K x 8-Bit)
logo
Integrated Device Techn...
IDT71024S70 IDT-IDT71024S70 Datasheet
58Kb / 7P
   CMOS STATIC RAM 1 MEG (128K x 8-BIT)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com