Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7101612YGI8 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 7101612YGI8
Description  CMOS Static RAM 1 Meg (64K x 16-Bit)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7101612YGI8 Datasheet(HTML) 1 Page - Integrated Device Technology

  7101612YGI8 Datasheet HTML 1Page - Integrated Device Technology 7101612YGI8 Datasheet HTML 2Page - Integrated Device Technology 7101612YGI8 Datasheet HTML 3Page - Integrated Device Technology 7101612YGI8 Datasheet HTML 4Page - Integrated Device Technology 7101612YGI8 Datasheet HTML 5Page - Integrated Device Technology 7101612YGI8 Datasheet HTML 6Page - Integrated Device Technology 7101612YGI8 Datasheet HTML 7Page - Integrated Device Technology 7101612YGI8 Datasheet HTML 8Page - Integrated Device Technology 7101612YGI8 Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SEPTEMBER 2013
DSC-3210/11
1
©2013 Integrated Device Technology, Inc.
Features
64K x 16 advanced high-speed CMOS Static RAM
Equal access and cycle times
– Commercial : 12/15/20ns
– Industrial:15/20ns
One Chip Select plus one Output Enable pin
Bidirectional data inputs and outputs directly TTL-
compatible
Low power consumption via chip deselect
Upper and Lower Byte Enable Pins
Commercial and industrial product available in 44-pin
Plastic SOJ package and 44-pin TSOP package
Description
The IDT71016 is a 1,048,576-bit high-speed Static RAM organized
as64Kx16.Itisfabricatedusinghigh-perfomance,high-reliabilityCMOS
technology. Thisstate-of-the-arttechnology,combinedwithinnovative
circuitdesigntechniques,providesacost-effectivesolutionforhigh-speed
memoryneeds.
TheIDT71016hasanoutputenablepinwhichoperatesasfastas7ns,
with address access times as fast as 12ns. All bidirectional inputs and
outputsoftheIDT71016areTTL-compatibleandoperationisfromasingle
5Vsupply. Fullystaticasynchronouscircuitryisused,requiringnoclocks
or refresh for operation.
TheIDT71016ispackagedinaJEDECstandard44-pinPlasticSOJ
and 44-pin TSOP Type II.
Functional Block Diagram
Output
Enable
Buffer
Address
Buffers
Chip
Enable
Buffer
Write
Enable
Buffer
Byte
Enable
Buffers
OE
A0 - A15
Row / Column
Decoders
CS
WE
BHE
BLE
64K x 16
Memory
Array
Sense
Amps
and
Write
Drivers
16
Low
Byte
I/O
Buffer
8
8
8
8
I/O 8
I/O 15
I/O 7
I/O 0
3210 drw 01
High
Byte
I/O
Buffer
,
CMOS Static RAM
1 Meg (64K x 16-Bit)
IDT71016S


Similar Part No. - 7101612YGI8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
71016S RENESAS-71016S Datasheet
201Kb / 10P
   CMOS Static RAM 1 Meg (64K x 16-Bit)
Jun.02.20
logo
Molex Electronics Ltd.
71016S12PHG MOLEX-71016S12PHG Datasheet
41Kb / 1P
   PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
logo
Renesas Technology Corp
71016S12PHG RENESAS-71016S12PHG Datasheet
201Kb / 10P
   CMOS Static RAM 1 Meg (64K x 16-Bit)
Jun.02.20
71016S12PHG8 RENESAS-71016S12PHG8 Datasheet
201Kb / 10P
   CMOS Static RAM 1 Meg (64K x 16-Bit)
Jun.02.20
71016S12YG RENESAS-71016S12YG Datasheet
201Kb / 10P
   CMOS Static RAM 1 Meg (64K x 16-Bit)
Jun.02.20
More results

Similar Description - 7101612YGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71016 IDT-IDT71016 Datasheet
482Kb / 9P
   CMOS Static RAM 1 Meg (64K x 16-Bit)
logo
Renesas Technology Corp
71016S RENESAS-71016S Datasheet
201Kb / 10P
   CMOS Static RAM 1 Meg (64K x 16-Bit)
Jun.02.20
logo
Integrated Device Techn...
IDT71V016SA12PHG IDT-IDT71V016SA12PHG Datasheet
289Kb / 9P
   3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
logo
Renesas Technology Corp
71V016SA RENESAS-71V016SA Datasheet
210Kb / 11P
   3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
Jun.23.20
logo
Integrated Device Techn...
71V016SA10PHG IDT-71V016SA10PHG Datasheet
289Kb / 9P
   3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
IDT71V016 IDT-IDT71V016 Datasheet
80Kb / 9P
   3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
IDT71V016SA IDT-IDT71V016SA Datasheet
100Kb / 9P
   3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
IDT71T016SA IDT-IDT71T016SA Datasheet
109Kb / 9P
   2.5V CMOS Static RAM 1 Meg (64K x 16-Bit)
logo
Pyramid Semiconductor C...
P3C1021 PYRAMID-P3C1021 Datasheet
451Kb / 10P
   HIGH SPEED 64K x 16 (1 MEG) STATIC CMOS RAM
logo
Integrated Device Techn...
IDT7187S IDT-IDT7187S Datasheet
70Kb / 8P
   CMOS STATIC RAM 64K (64K x 1-BIT)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com