Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

71256L25YGI8 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # 71256L25YGI8
Description  CMOS Static RAM 256K (32K x 8-Bit)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

71256L25YGI8 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button 71256L25YGI8 Datasheet HTML 2Page - Integrated Device Technology 71256L25YGI8 Datasheet HTML 3Page - Integrated Device Technology 71256L25YGI8 Datasheet HTML 4Page - Integrated Device Technology 71256L25YGI8 Datasheet HTML 5Page - Integrated Device Technology 71256L25YGI8 Datasheet HTML 6Page - Integrated Device Technology 71256L25YGI8 Datasheet HTML 7Page - Integrated Device Technology 71256L25YGI8 Datasheet HTML 8Page - Integrated Device Technology 71256L25YGI8 Datasheet HTML 9Page - Integrated Device Technology 71256L25YGI8 Datasheet HTML 10Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
IDT71256S/L
CMOS Static RAM 256K (32K x 8-Bit)
Military, Commercial, and Industrial Temperature Ranges
Timing Waveform of Write Cycle No. 1 (WE Controlled Timing)(1,2,4,6)
NOTES:
1. A write occurs during the overlap of a LOW CS and a LOW WE.
2. tWR is measured from the earlier of CS or WE going HIGH to the end of the write cycle.
3. During this period, I/O pins are in the output state so that the input signals must not be applied.
4. If the CS LOW transition occurs simultaneously with or after the WE LOW transition, the outputs remain in a high-impedance state.
5. Transition is measured ±200mV from steady state.
6. If OE is LOW during a WE controlled write cycle, the write pulse width must be the larger of tWP or (tWHZ +tDW) to allow the I/O drivers to turn off and data to be placed
on the bus for the required tDW. If OE is HIGH during a WE controlled write cycle, this requirement does not apply and the minimum write pulse width can be as short
as the specified tWP. For a CS controlled write cycle, OE may be LOW with no degradation to tCW.
Timing Waveform of Write Cycle No. 2 (CS Controlled Timing)(1,2,4)
CS
2946 drw 10
tAW
tWR
tDW
DATAIN
ADDRESS
t WC
WE
t WP
tDH
DATAOUT
tWZ
t
t AS
(5)
(3)
OE
(3)
(6)
OW
tOHZ
(5)
t WR
CS
2946 drw 11
tAW
tDW
DATAIN
ADDRESS
tWC
WE
tCW
tDH2
AS
t
t
(6)


Similar Part No. - 71256L25YGI8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
71256L25YG ETC2-71256L25YG Datasheet
108Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
More results

Similar Description - 71256L25YGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71256SA IDT-IDT71256SA Datasheet
61Kb / 8P
   CMOS STATIC RAM 256K (32K x 8-BIT)
5962-8855206XA IDT-5962-8855206XA Datasheet
289Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
IDT71256SA IDT-IDT71256SA_14 Datasheet
69Kb / 8P
   CMOS Static RAM 256K (32K x 8-Bit)
logo
List of Unclassifed Man...
71256L25YG ETC2-71256L25YG Datasheet
108Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
logo
Renesas Technology Corp
71256SA RENESAS-71256SA Datasheet
191Kb / 9P
   CMOS Static RAM 256K (32K x 8-Bit)
Jun.29.20
logo
Integrated Device Techn...
IDT71256S IDT-IDT71256S Datasheet
78Kb / 9P
   CMOS STATIC RAM 256K (32K x 8-BIT)
IDT71256SA70 IDT-IDT71256SA70 Datasheet
62Kb / 6P
   CMOS STATIC RAM 256K (32K x 8-BIT)
IDT71256SA20PZI IDT-IDT71256SA20PZI Datasheet
260Kb / 8P
   CMOS Static RAM 256K (32K x 8-Bit)
71256SA20TPG IDT-71256SA20TPG Datasheet
260Kb / 8P
   CMOS Static RAM 256K (32K x 8-Bit)
logo
List of Unclassifed Man...
LH51256 ETC1-LH51256 Datasheet
435Kb / 7P
   CMOS 256K (32K X 8) STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com