Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NZD16VMUT5G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NZD16VMUT5G
Description  Zener Voltage Regulators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NZD16VMUT5G Datasheet(HTML) 3 Page - ON Semiconductor

  NZD16VMUT5G Datasheet HTML 1Page - ON Semiconductor NZD16VMUT5G Datasheet HTML 2Page - ON Semiconductor NZD16VMUT5G Datasheet HTML 3Page - ON Semiconductor NZD16VMUT5G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NZD5V1MU Series
www.onsemi.com
3
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted, VF = 1.1 V Max. @ IF = 10 mA for all types)
Device
Device
Marking
Zener Voltage
(Note 1)
Zener Impedance
Leakage Current
QVZ
(mV/k) @ IZT
C
@ VR = 0
f = 1 MHz
VZ (Volts)
@ IZT
ZZT
@ IZT
ZZK @ IZK
IR @ VR
Min
Max
mA
W
W
mA
mA
Volts
Min
Max
pF
NZD2V4MUT5G
D***
2.28
2.52
5
100
1000
1
50
1
−3.5
0
210
NZD2V7MUT5G
E***
2.57
2.84
5
100
1000
1
20
1
−3.5
0
210
NZD3V0MUT5G****
Q*
2.85
3.15
5
100
1000
1
10
1
−3.5
0
210
NZD3V3MUT5G****
F***
3.14
3.47
5
100
1000
1
10
1
−3.5
0
210
NZD3V6MUT5G****
J***
3.42
3.78
5
100
1000
1
10
1
−3.5
0
210
NZD3V9MUT5G****
L
3.71
4.10
5
100
1000
1
5
1
−3.5
−2.5
210
NZD4V3MUT5G****
D**
4.09
4.52
5
100
1000
1
5
1
−3.5
0
210
NZD4V7MUT5G
P
4.47
4.94
5
100
800
0.5
2
1
−3.5
0.2
150
NZD5V1MUT5G
Q
4.85
5.36
5
80
500
0.5
2
1.5
−2.7
1.2
130
NZD5V6MUT5G
R
5.32
5.88
5
60
200
0.5
1
2.5
−2.0
2.5
115
NZD6V2MUT5G
T
5.89
6.51
5
60
100
0.5
1
3.0
0.4
3.7
110
NZD6V8MUT5G****
K***
6.46
7.14
5
40
60
0.5
0.5
3.5
1.2
4.5
105
NZD7V5MUT5G****
L***
7.13
7.88
5
30
60
0.5
0.5
4.0
2.5
5.3
100
NZD8V2MUT5G****
2
7.79
8.61
5
30
60
0.5
0.5
5.0
3.2
6.2
90
NZD9V1MUT5G****
E**
8.65
9.56
5
30
60
0.5
0.5
6.0
3.8
7.0
80
NZD10VMUT5G****
K**
9.50
10.50
5
30
60
0.5
0.1
7.0
4.5
8.0
80
NZD11VMUT5G****
P**
10.45
11.55
5
30
60
0.5
0.1
8.0
5.4
9.0
80
NZD12VMUT5G****
Q**
11.40
12.60
5
30
80
0.5
0.1
9.0
6.0
10
80
NZD13VMUT5G****
R**
12.35
13.65
5
37
80
0.5
0.1
10
7.0
11
75
NZD15VMUT5G****
T**
14.25
15.75
5
42
80
0.5
0.1
11
9.2
13
70
NZD16VMUT5G****
P***
15.20
16.80
5
50
80
0.5
0.1
12
10.4
14
65
NZD18VMUT5G****
Q***
17.10
18.90
5
50
80
0.5
0.1
14
12.4
16
60
NZD20VMUT5G****
2**
19.00
21.00
5
55
100
0.5
0.1
15.4
14.4
18
55
NZD22VMUT5G****
R***
20.90
23.10
5
55
100
0.5
0.1
16.8
15.4
20
55
NZD24VMUT5G****
T***
22.80
25.20
5
70
120
0.5
0.1
18.9
16.8
22
50
*Rotated 90
°.
**Rotated 180
°.
***Rotated 270
°.
****In development. Contact local sales rep for availability.
1. Zener voltage is measured with a pulse test current IZ at an ambient temperature of 25°C.


Similar Part No. - NZD16VMUT5G

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NZD560A FAIRCHILD-NZD560A Datasheet
65Kb / 6P
   NPN Low Saturation Transistor
More results

Similar Description - NZD16VMUT5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMSZ15T3G ONSEMI-MMSZ15T3G Datasheet
157Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 11
MMBZ5234ELT1G ONSEMI-MMBZ5234ELT1G Datasheet
154Kb / 6P
   Zener Voltage Regulators
December, 2011 ??Rev. 7
SZMM3Z3V0T1G ONSEMI-SZMM3Z3V0T1G Datasheet
107Kb / 5P
   Zener Voltage Regulators
January, 2012 ??Rev. 9
MMSZ5V1T3G ONSEMI-MMSZ5V1T3G Datasheet
174Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 11
MM3ZXXXT1G ONSEMI-MM3ZXXXT1G Datasheet
151Kb / 5P
   Zener Voltage Regulators
January, 2012 ??Rev. 9
BZX84C3V3ET1G ONSEMI-BZX84C3V3ET1G Datasheet
173Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 8
SZMM5Z18VT1G ONSEMI-SZMM5Z18VT1G Datasheet
103Kb / 4P
   Zener Voltage Regulators
January, 2014 ??Rev. 12
MMBZ5221BLT1 ONSEMI-MMBZ5221BLT1 Datasheet
72Kb / 6P
   Zener Voltage Regulators
August, 2004 ??Rev. 5
logo
SHENZHEN YONGERJIA INDU...
BZT52C2V4 WINNERJOIN-BZT52C2V4_15 Datasheet
457Kb / 4P
   Zener Voltage Regulators
logo
Leshan Radio Company
LUDZS20BT1G LRC-LUDZS20BT1G_15 Datasheet
136Kb / 5P
   Zener Voltage Regulators
LM3Z8V2T1G LRC-LM3Z8V2T1G_15 Datasheet
106Kb / 6P
   Zener Voltage Regulators
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com