Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NZD7V5MUT5G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NZD7V5MUT5G
Description  Zener Voltage Regulators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NZD7V5MUT5G Datasheet(HTML) 1 Page - ON Semiconductor

  NZD7V5MUT5G Datasheet HTML 1Page - ON Semiconductor NZD7V5MUT5G Datasheet HTML 2Page - ON Semiconductor NZD7V5MUT5G Datasheet HTML 3Page - ON Semiconductor NZD7V5MUT5G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2015
June, 2015 − Rev. 3
1
Publication Order Number:
NZD5V1MU/D
NZD5V1MU Series
Zener Voltage Regulators
200 mW Micro Packaged
This Zener diode is designed to provide voltage regulation
protection and is especially attractive in situations where space is at a
premium. Because of its small size, it is suited for use in mobile
applications.
Specification Features:
Standard Zener Breakdown Voltage Range:
2.4 V to 24 V
Steady State Power Rating of 300 mW
Small Body Outline Dimensions:
0.60 mm x 0.30 mm
Low Body Height: 0.30 mm
ESD Rating of Class 3 (>16 kV) per Human Body Model
These are Pb−Free Devices
Mechanical Characteristics:
MOUNTING POSITION:
Any
QUALIFIED MAX REFLOW TEMPERATURE:
260
°C
Device Meets MSL 1 Requirements
MAXIMUM RATINGS
Rating
Symbol
Max
Unit
IEC 61000−4−2 (ESD)
Contact
Air
±20
±20
kV
Total Device Dissipation FR−5 Board,
(Note 1) @ TA = 25°C
PD
300
mW
Thermal Resistance from
Junction−to−Ambient
RqJA
400
°C/W
Junction and Storage Temperature Range
TJ, Tstg
−55 to
+150
°C
Lead Solder Temperature − Maximum
(10 Second Duration)
TL
260
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
1. FR−5 = 1.0 x 0.75 x 0.62 in.
This document contains information on some products that are still under development.
ON Semiconductor reserves the right to change or discontinue these products without
notice.
1
Cathode
2
Anode
See specific marking information in the device marking
column of the Electrical Characteristics tables starting on
page 3 of this data sheet.
DEVICE MARKING INFORMATION
www.onsemi.com
Device
Package
Shipping†
ORDERING INFORMATION
NZDxxxMUT5G
X3DFN
(Pb−Free)
15000 / Tape &
Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
X3DFN2
CASE 152AF
X
= Specific Device Code
M
= Month Code
MARKING
DIAGRAM
PIN 1
XM


Similar Part No. - NZD7V5MUT5G

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NZD560A FAIRCHILD-NZD560A Datasheet
65Kb / 6P
   NPN Low Saturation Transistor
More results

Similar Description - NZD7V5MUT5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMSZ15T3G ONSEMI-MMSZ15T3G Datasheet
157Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 11
MMBZ5234ELT1G ONSEMI-MMBZ5234ELT1G Datasheet
154Kb / 6P
   Zener Voltage Regulators
December, 2011 ??Rev. 7
SZMM3Z3V0T1G ONSEMI-SZMM3Z3V0T1G Datasheet
107Kb / 5P
   Zener Voltage Regulators
January, 2012 ??Rev. 9
MMSZ5V1T3G ONSEMI-MMSZ5V1T3G Datasheet
174Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 11
MM3ZXXXT1G ONSEMI-MM3ZXXXT1G Datasheet
151Kb / 5P
   Zener Voltage Regulators
January, 2012 ??Rev. 9
BZX84C3V3ET1G ONSEMI-BZX84C3V3ET1G Datasheet
173Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 8
SZMM5Z18VT1G ONSEMI-SZMM5Z18VT1G Datasheet
103Kb / 4P
   Zener Voltage Regulators
January, 2014 ??Rev. 12
MMBZ5221BLT1 ONSEMI-MMBZ5221BLT1 Datasheet
72Kb / 6P
   Zener Voltage Regulators
August, 2004 ??Rev. 5
logo
SHENZHEN YONGERJIA INDU...
BZT52C2V4 WINNERJOIN-BZT52C2V4_15 Datasheet
457Kb / 4P
   Zener Voltage Regulators
logo
Leshan Radio Company
LUDZS20BT1G LRC-LUDZS20BT1G_15 Datasheet
136Kb / 5P
   Zener Voltage Regulators
LM3Z8V2T1G LRC-LM3Z8V2T1G_15 Datasheet
106Kb / 6P
   Zener Voltage Regulators
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com