Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z89323 Datasheet(PDF) 8 Page - Zilog, Inc.

Part # Z89323
Description  16-BIT DIGITAL SIGNAL PROCESSORS
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z89323 Datasheet(HTML) 8 Page - Zilog, Inc.

Back Button Z89323 Datasheet HTML 4Page - Zilog, Inc. Z89323 Datasheet HTML 5Page - Zilog, Inc. Z89323 Datasheet HTML 6Page - Zilog, Inc. Z89323 Datasheet HTML 7Page - Zilog, Inc. Z89323 Datasheet HTML 8Page - Zilog, Inc. Z89323 Datasheet HTML 9Page - Zilog, Inc. Z89323 Datasheet HTML 10Page - Zilog, Inc. Z89323 Datasheet HTML 11Page - Zilog, Inc. Z89323 Datasheet HTML 12Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 61 page
background image
Z89323/373/393
16-BIT DIGITAL SIGNAL PROCESSORS
8
PRELIMINARY
DS95DSP0101 Q4/95
PIN DESCRIPTION (Continued)
Table 4a. 80-Pin QFP Z89323/373 Pin Description
No.
Symbol
Function
Direction
1NC
NoConnection
2
EXT15/P015
ExtData15/Port015
In/Output
3
/EXTEN
ExtEnable
Input
4NC
NoConnection
5
EXT3/P03
ExtData3/Port03
In/Output
6
P32
Port32
Input
7
EXT4/P04
ExtData4/Port04
In/Output
8V
SS
Ground
9V
DD
Power
10
EXT5/P05
ExtData5/Port05
In/Output
11
P13/SOUT
Port13/SerialOutput
In/Output
12
EXT6/P06
ExtData6/Port06
In/Output
13
P14/SS
Port14/SerialSelect
In/Output
14
EXT7/P07
ExtData7/Port07
In/Output
15
P15/SK
Port15/SerialClock
In/Output
16
P27
Port27
In/Output
17
EXT8/P08
ExtData8/Port08
In/Output
18
EXT9/P09
ExtData9/Port09
In/Output
19
V
SS
Ground
20
P33
Port33
Input
21
EXT10/P010
ExtData10/Port010
In/Output
22
V
SS
Ground
23
NC
NoConnection
24
P34
Port34
Output
25
EXT11/P011
ExtData11/Port011
In/Output
26
V
DD
Power
27
VAHI
AnalogHighRef.
Input
28
V
SS
Ground
29
P16/UI0
Port16/UserInput0
In/Output
30
VAL0
AnalogLowRef.
Input
31
P17/UI1
Port17/UserInput1
In/Output
32
ANGND
AnalogGround
Input
33
AN0
A/DInput0
Input
34
AN1
A/DInput1
Input
35
AN2
A/DInput2
Input
36
AN3
A/DInput3
Input
37
V
SS
Ground
38
P21/INT1
Port21/Interrupt1
In/Output
39
ANVCC
AnalogPower
Input
40
V
DD
Power
Input
No.
Symbol
Function
Direction
41
RD//WR
R/WExternalBus
Output
42
P35
Port35
Output
43
NC
NoConnection
44
HALT
HaltExecution
Input
45
EA0
ExtAddress0
Output
46
P36
Port36
Output
47
EA1
ExtAddress1
Output
48
EA2
ExtAddress2
Output
49
NC
NoConnection
50
V
DD
Power
51
P23/UO1
Port23/UserOutput1
In/Output
52
/DS
ExtDataStrobe
Output
53
P24/UO2
Port24/UserOutput2
In/Output
54
CLKI
Clock/CrystalIn
Input
55
CLKO
Clock/CrystalOut
Input
56
P26
Port26
In/Output
57
P22/UO0
Port22/UserOutput0
In/Output
58
P25/UI2
Port25/UserInput2
In/Output
59
WAIT
WaitforExt
Input
60
P37
Port37
Output
61
/RES
Reset
Input
62
V
SS
Ground
63
V
DD
Power
64
NC
NoConnection
65
V
SS
Ground
66
P30
Port30
Input
67
EXT0/P00
ExtData0/Port00
In/Output
68
EXT1/P01
ExtData1/Port01
In/Output
69
EXT2/P02
ExtData2/Port02
In/Output
70
P10/INT2
Port10/Interrupt2
In/Output
71
V
SS
Ground
72
P11/CLKOUT
Port11/ClockOutput
In/Output
73
P12/SIN
Port12/SerialInput
In/Output
74
P20/INT0
Port20/Interrupt0
In/Output
75
EXT12/P012
ExtData12/Port012
In/Output
76
EXT13/P013
ExtData13/Port013
In/Output
77
V
DD
Power
78
EXT14/P014
ExtData14/Port014
In/Output
79
V
SS
Ground
80
P31
Port31
Input


Similar Part No. - Z89323

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z89323 ZILOG-Z89323 Datasheet
865Kb / 60P
   16-BIT DIGITAL SIGNAL PROCESSORS WITH A/D CONVERTER
Z89323 ZILOG-Z89323 Datasheet
166Kb / 4P
   Z89373 ACCESSORY KIT
Z8932301ZEM ZILOG-Z8932301ZEM Datasheet
110Kb / 4P
   Z89373 ACCESSORY KIT
Z8932301ZEM ZILOG-Z8932301ZEM Datasheet
166Kb / 4P
   Z89373 ACCESSORY KIT
Z8932302ZEM ZILOG-Z8932302ZEM Datasheet
110Kb / 4P
   Z89373 ACCESSORY KIT
More results

Similar Description - Z89323

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z89321 ZILOG-Z89321 Datasheet
299Kb / 40P
   16-Bit Digital Signal Processors
Z8932120PSC ZILOG-Z8932120PSC Datasheet
299Kb / 40P
   16-BIT DIGITAL SIGNAL PROCESSORS
logo
NEC
UPD77110 NEC-UPD77110 Datasheet
451Kb / 80P
   16-BIT FIXED-POINT DIGITAL SIGNAL PROCESSORS
logo
Zilog, Inc.
Z89223 ZILOG-Z89223 Datasheet
865Kb / 60P
   16-BIT DIGITAL SIGNAL PROCESSORS WITH A/D CONVERTER
Z8927320VSC ZILOG-Z8927320VSC Datasheet
988Kb / 60P
   16-BIT DIGITAL SIGNAL PROCESSORS WITH A/D CONVERTER
Z8927320VSG ZILOG-Z8927320VSG Datasheet
988Kb / 60P
   16-BIT DIGITAL SIGNAL PROCESSORS WITH A/D CONVERTER
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com