Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVT224ARQZ-REEL Datasheet(PDF) 11 Page - ON Semiconductor

Part # NVT224ARQZ-REEL
Description  Remote Thermal Monitor
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVT224ARQZ-REEL Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NVT224ARQZ-REEL Datasheet HTML 7Page - ON Semiconductor NVT224ARQZ-REEL Datasheet HTML 8Page - ON Semiconductor NVT224ARQZ-REEL Datasheet HTML 9Page - ON Semiconductor NVT224ARQZ-REEL Datasheet HTML 10Page - ON Semiconductor NVT224ARQZ-REEL Datasheet HTML 11Page - ON Semiconductor NVT224ARQZ-REEL Datasheet HTML 12Page - ON Semiconductor NVT224ARQZ-REEL Datasheet HTML 13Page - ON Semiconductor NVT224ARQZ-REEL Datasheet HTML 14Page - ON Semiconductor NVT224ARQZ-REEL Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 58 page
background image
NVT224
http://onsemi.com
11
connected to a common SMBALERT line connected to the
master. If a device’s SMBALERT line goes low, the
following events occur:
1. SMBALERT is pulled low.
2. The master initiates a read operation and sends the
alert response address (ARA = 0001 100). This
general call address must not be used as a specific
device address.
3. The device whose SMBALERT output is low
responds to the alert response address, and the
master reads its device address. The address of the
device is now known and can be interrogated in
the usual way.
4. If more than one device’s SMBALERT output is
low, the one with the lowest device address has
priority in accordance with normal SMBus
arbitration.
5. Once the NVT224 has responded to the alert
response address, the master must read the status
registers, and the SMBALERT is cleared only if
the error condition has gone away.
SMBus Timeout
The NVT224 includes an SMBus timeout feature. If there
is no SMBus activity for 35 ms, the NVT224 assumes that
the bus is locked and releases the bus. This prevents the
device from locking or holding the SMBus expecting data.
Some SMBus controllers cannot handle the SMBus timeout
feature, so it can be disabled.
Configuration Register 1 (0x40)
Bit 6 TODIS = 0; SMBus timeout enabled (default).
Bit 6 TODIS = 1; SMBus timeout disabled.
Virus Protection
To prevent rogue programs or viruses from accessing
critical NVT224 register settings, the lock bit can be set.
Setting Bit 1 of Configuration Register 1 (0x40) sets the lock
bit and locks critical registers. In this mode, certain registers
can no longer be written to until the NVT224 is powered
down and powered up again. For more information on which
registers are locked, see the Register Tables section.
Voltage Measurement Input
The NVT224 has one external voltage measurement
channel. It can also measure its own supply voltage, VCC.
Pin 14 can measure VCCP. The VCC supply voltage
measurement is carried out through the VCC pin (Pin 3). The
VCCP input can be used to monitor a chipset supply voltage
in computer systems.
Analog−to−Digital Converter
All analog inputs are multiplexed into the on−chip,
successive approximation, analog−to−digital converter.
This has a resolution of 10 bits. The basic input range is 0 V
to 2.25 V, but the input has built−in attenuators to allow
measurement of VCCP without any external components. To
allow for the tolerance of the supply voltage, the ADC
produces an output of 3/4 full scale (decimal 768 or 300 hex)
for the nominal input voltage and so has adequate headroom
to deal with overvoltages.
Input Circuitry
The internal structure for the VCCP analog input is shown
in Figure 19. The input circuit consists of an input protection
diode, an attenuator, and a capacitor to form a first−order,
low−pass filter that gives the input immunity to high
frequency noise.
Figure 19. Structure of Analog Inputs
VCCP
17.5kW
52.5kW
35pF
Voltage Measurement Registers
Register 0x21, VCCP Reading = 0x00 default
Register 0x22, VCC Reading = 0x00 default
VCCP Limit Registers
Associated with the VCCP measurement channel is a high
and low limit register. Exceeding the programmed high or
low limit causes the appropriate status bit to be set.
Exceeding either limit can also generate SMBALERT
interrupts.
Register 0x46, VCCP Low Limit = 0x00 default
Register 0x47, VCCP High Limit = 0xFF default
Table 2 shows the input ranges of the analog inputs and
output codes of the 10−bit ADC.
When the ADC is running, it samples and converts a
voltage input in 711
ms and averages 16 conversions to
reduce noise; a measurement takes nominally 11.38 ms.
Extended Resolution Registers
Voltage measurements can be made with higher accuracy
using the extended resolution registers (0x76 and 0x77).
Whenever the extended resolution registers are read, the
corresponding data in the voltage measurement registers is
locked until their data is read. That is, if extended resolution
is required, then the extended resolution register must be
read first, immediately followed by the appropriate voltage
measurement register.
Additional ADC Functions for Voltage Measurements
A number of other functions are available on the NVT224
to offer the system designer increased flexibility.
Turn−Off Averaging
For each voltage measurement read from a value register,
16 readings have been made internally, and the
results averaged, before being placed into the value register.
For instances where faster conversions are needed, setting
Bit 4 of Configuration Register 2 (0x73) turns averaging off.


Similar Part No. - NVT224ARQZ-REEL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NVT2001 PHILIPS-NVT2001 Datasheet
217Kb / 23P
   Bidirectional voltage level translator for open-drain and push-pull applications
Rev. 2-26 October 2011
NVT2001 NXP-NVT2001 Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
NVT2001 NXP-NVT2001 Datasheet
542Kb / 32P
   Bidirectional voltage level translator for open-drain and push-pull applications
Rev. 4.4 - 22 May 2023
NVT2001GM NXP-NVT2001GM Datasheet
542Kb / 32P
   Bidirectional voltage level translator for open-drain and push-pull applications
Rev. 4.4 - 22 May 2023
NVT2001GMZ NXP-NVT2001GMZ Datasheet
542Kb / 32P
   Bidirectional voltage level translator for open-drain and push-pull applications
Rev. 4.4 - 22 May 2023
More results

Similar Description - NVT224ARQZ-REEL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADT7476A ONSEMI-ADT7476A_16 Datasheet
541Kb / 69P
   Remote Thermal Controller and Voltage Monitor
February, 2016 ??Rev. 7
ADT7490 ONSEMI-ADT7490_16 Datasheet
763Kb / 75P
   Remote Thermal Monitor and Fan Controller
January, 2016 ??Rev. 6
ADT7473 ONSEMI-ADT7473_16 Datasheet
624Kb / 73P
   Remote Thermal Monitor and Fan Control
November, 2016 ??Rev. 11
ADT7467 ONSEMI-ADT7467_12 Datasheet
754Kb / 72P
   Remote Thermal Monitor and Fan Controller
May, 2012 ??Rev. 4
ADT7475 ONSEMI-ADT7475_13 Datasheet
539Kb / 58P
   Remote Thermal Monitor and Fan Controller
August, 2018 ??Rev. 8
ADT7460ARQ-REEL ONSEMI-ADT7460ARQ-REEL Datasheet
698Kb / 47P
   Remote Thermal Monitor and Fan Controller
September, 2013 ??Rev. 9
NCT7491 ONSEMI-NCT7491_16 Datasheet
791Kb / 80P
   Remote Thermal Monitor and Fan Controller
June, 2016 ??Rev. 3
ADT7463 ONSEMI-ADT7463_13 Datasheet
732Kb / 50P
   Remote Thermal Controller and Voltage Monitor
May, 2013 ??Rev. 7
ADT7473 ONSEMI-ADT7473_15 Datasheet
627Kb / 73P
   Remote Thermal Monitor and Fan Control
April, 2015 ??Rev. 10
ADT7475 ONSEMI-ADT7475_18 Datasheet
539Kb / 58P
   Remote Thermal Monitor and Fan Controller
August, 2018 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com