Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTSB40200CTT4G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NTSB40200CTT4G
Description  Very Low Forward Voltage Trench-based Schottky Rectifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTSB40200CTT4G Datasheet(HTML) 1 Page - ON Semiconductor

  NTSB40200CTT4G Datasheet HTML 1Page - ON Semiconductor NTSB40200CTT4G Datasheet HTML 2Page - ON Semiconductor NTSB40200CTT4G Datasheet HTML 3Page - ON Semiconductor NTSB40200CTT4G Datasheet HTML 4Page - ON Semiconductor NTSB40200CTT4G Datasheet HTML 5Page - ON Semiconductor NTSB40200CTT4G Datasheet HTML 6Page - ON Semiconductor NTSB40200CTT4G Datasheet HTML 7Page - ON Semiconductor NTSB40200CTT4G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2014
July, 2014 − Rev. 1
1
Publication Order Number:
NTSB40200CT/D
NTSB40200CTG,
NTSJ40200CTG
Very Low Forward Voltage
Trench-based Schottky
Rectifier
Exceptionally Low VF = 0.53 V at IF = 5 A
Features
Fine Lithography Trench−based Schottky Technology for Very Low
Forward Voltage and Low Leakage
Fast Switching with Exceptional Temperature Stability
Low Power Loss and Lower Operating Temperature
Higher Efficiency for Achieving Regulatory Compliance
Low Thermal Resistance
High Surge Capability
These Devices are Pb−Free and Halogen Free/BFR Free
Typical Applications
Switching Power Supplies including Telecom AC to DC Power
Stages, LED Lighting and ATX
High Voltage DC−DC Converters
Freewheeling and OR−ing Diodes
Output Rectifier in Welding Power Supplies
Industrial Automation
Mechanical Characteristics
Case: Epoxy, Molded
Epoxy Meets Flammability Rating UL 94−0 @ 0.125 in
Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
Lead Temperature for Soldering Purposes: 260°C Maximum for
10 sec
This document contains information on some products that are still under development.
ON Semiconductor reserves the right to change or discontinue these products without
notice.
VERY LOW FORWARD
VOLTAGE, LOW LEAKAGE
SCHOTTKY BARRIER
RECTIFIERS 40 AMPERES,
200 VOLTS
1
3
2, 4
http://onsemi.com
PIN CONNECTIONS
See detailed ordering and shipping information in the package
dimensions section on page 6 of this data sheet.
ORDERING INFORMATION
D2PAK
CASE 418B
TO−220FP
CASE 221AH
3
4
1
2


Similar Part No. - NTSB40200CTT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTSB40100CT-1G ONSEMI-NTSB40100CT-1G Datasheet
137Kb / 8P
   Very Low Forward Voltage Trench-based Schottky Rectifier
November, 2014 ??Rev. 1
NTSB40100CTG ONSEMI-NTSB40100CTG Datasheet
137Kb / 8P
   Very Low Forward Voltage Trench-based Schottky Rectifier
November, 2014 ??Rev. 1
NTSB40100CTT4G ONSEMI-NTSB40100CTT4G Datasheet
137Kb / 8P
   Very Low Forward Voltage Trench-based Schottky Rectifier
November, 2014 ??Rev. 1
NTSB40120CT-1G ONSEMI-NTSB40120CT-1G Datasheet
133Kb / 8P
   Very Low Forward Voltage Trench-based Schottky Rectifier
January, 2013 ??Rev. 4
NTSB40120CT-1G ONSEMI-NTSB40120CT-1G Datasheet
117Kb / 8P
   Very Low Forward Voltage Trench-based Schottky Rectifier
September, 2014 ??Rev. 6
More results

Similar Description - NTSB40200CTT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTST30100SG ONSEMI-NTST30100SG Datasheet
128Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
May, 2010 ??Rev. 0
NRTST40H100CT ONSEMI-NRTST40H100CT Datasheet
60Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
May, 2016 ??Rev. 0
NTSV30120CT ONSEMI-NTSV30120CT Datasheet
86Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
September, 2014 ??Rev. 1
NTS245ESF ONSEMI-NTS245ESF Datasheet
112Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
July, 2014 ??Rev. P0
NTS245SF ONSEMI-NTS245SF Datasheet
64Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
September, 2014 ??Rev. 0
NTS10100MFS ONSEMI-NTS10100MFS Datasheet
66Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
April, 2014 ??Rev. 0
NTS12100MFS ONSEMI-NTS12100MFS Datasheet
68Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
April, 2014 ??Rev. 2
NTSJ3080CTG ONSEMI-NTSJ3080CTG Datasheet
128Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
November, 2011 ??Rev. 0
NTSV30100SG ONSEMI-NTSV30100SG Datasheet
103Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
June, 2012 ??Rev. 0
NTSJ30U80CTG ONSEMI-NTSJ30U80CTG Datasheet
128Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
November, 2011 ??Rev. 0
NTST40120CT ONSEMI-NTST40120CT Datasheet
117Kb / 8P
   Very Low Forward Voltage Trench-based Schottky Rectifier
September, 2014 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com