Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC4-6TG2 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # TC4-6TG2
Description  RF to IF Single Downconverting Mixer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

TC4-6TG2 Datasheet(HTML) 1 Page - Integrated Device Technology

  TC4-6TG2 Datasheet HTML 1Page - Integrated Device Technology TC4-6TG2 Datasheet HTML 2Page - Integrated Device Technology TC4-6TG2 Datasheet HTML 3Page - Integrated Device Technology TC4-6TG2 Datasheet HTML 4Page - Integrated Device Technology TC4-6TG2 Datasheet HTML 5Page - Integrated Device Technology TC4-6TG2 Datasheet HTML 6Page - Integrated Device Technology TC4-6TG2 Datasheet HTML 7Page - Integrated Device Technology TC4-6TG2 Datasheet HTML 8Page - Integrated Device Technology TC4-6TG2 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
RF to IF Single Downconverting Mixer
1400MHz to 2500MHz
IDT Zero-Distortion
TM Mixer
1
Rev1 December 2013
IDTF1751NBGI
Datasheet
GENERAL DESCRIPTION
This document describes the specifications for the
IDTF1751 Zero-DistortionTM Midband RF to IF Single
Downconverting Mixer. This device is part of a series of
mixers using lowside or highside LO injection options for
all UTRA frequency bands. See the Part# Matrix for the
detail of all devices in this series.
The F1751 single channel device is designed to operate
with a single 5V supply. It is optimized for operation in
a Multi-mode, Multi-carrier BaseStation Receiver over
the frequency range from 1400MHz to 2500MHz using
either lowside or highside LO. IF frequencies from
50MHz to 500MHz are supported. Nominally, the
device offers +43dBm Output IP3 using HS LO or
+37.5dBm using LS LO with 190mA of ICC.
COMPETITIVE ADVANTAGE
In typical basestation receivers, the RF to IF mixer
dominates the linearity performance for the entire
receive system. The Zero-DistortionTM family of mixers
dramatically improve the maximum signal levels (IM3
tones) that the BTS can withstand at a desired Signal to
Noise Ratio (SNR.) Zero-DistortionTM technology allows
realization of either benefit. In basestation transmitters,
digital pre-distortion (DPD) is employed to improve the
Transmitter performance. By utilizing an ultra-linear
mixer in the DPD RX path, such as the IDTF1751, the
ACLR and/or power consumption of the full Tx system
can be improved significantly. This is because the F1751
can directly drive an ADC through an Anti-Alias filter.
Downstream amplification is not necessary in the DPD
application.
IP3O:  9 dB
Dissipation:
 10%
Allows for higher RF gain
improving Sensitivity
Eliminates the need for an
ADC driver or IF VGA in DPD
linearization path
PART# MATRIX
Part#
RF Range
UTRA bands
IF freq
range
Typ.
Gain
Injection
F
F1
17
70
01
1
6
60
00
0 -- 1
10
06
60
0
5
5,,6
6,,8
8,,1
12
2,,1
13
3,,1
14
4,,1
17
7,,1
1
8
8,,1
19
9,,2
20
0,, 2
26
6
7
70
0 -- 3
30
00
0
1
11
1..8
8
B
Bo
otth
h
F
F1
17
75
51
1
1
14
40
00
0 -- 2
25
50
00
0
1
1,,2
2,,3
3,,4
4,,9
9,,1
10
0,,1
11
1,,
2
21
1,,2
23
3,,2
24
4,,2
25
5,,3
33
3,,3
34
4,,
3
35
5,,3
36
6,,3
37
7,,3
39
9,, 4
40
0
5
50
0 -- 5
50
00
0
1
11
1..8
8
B
Bo
otth
h
F
F1
17
76
63
3
2
20
00
00
0 -- 2
29
90
00
0
7
7,,3
38
8,,4
40
0,,4
41
1
5
50
0 -- 5
50
00
0
1
11
1..7
7
B
Bo
otth
h
FEATURES
Ideal for Multi-Carrier Systems
Lowside or Highside LO
11.8dB Gain
Ultra linear +43dBm IP3O using HS LO or
+37.5 dBm IP3O using LS LO
9.7dB NF
200 Ω output impedance
Wide flat-performance IF BW
Drives ADC directly for DPD applications
Low Power Consumption
5x5 20 pin package
Standby Mode
DEVICE BLOCK DIAGRAM
IFOUT
LO
ISET
Bias
Control
STBY
RF
VCC
ORDERING INFORMATION
IDTF1751NBGI8
0.8 mm height
package
Green
Industrial
Temp range
Tape &
Reel
Omit IDT
prefix
RF product Line


Similar Part No. - TC4-6TG2

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
TC4-6TG2 IDT-TC4-6TG2 Datasheet
1Mb / 25P
   DPD Demodulator for PA Linearization
TC4-6TG2 IDT-TC4-6TG2 Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
TC4-6TG2 IDT-TC4-6TG2 Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
logo
Mini-Circuits
TC4-6TG2 MINI-TC4-6TG2 Datasheet
224Kb / 1P
   RF Transformer
logo
Renesas Technology Corp
TC4-6TG2 RENESAS-TC4-6TG2 Datasheet
1Mb / 27P
   DPD Demodulator for PA Linearization, 1300MHz to 2900MHz
January 21, 2020
More results

Similar Description - TC4-6TG2

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTF1701NBGI IDT-IDTF1701NBGI Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
IDTF1763NBGI IDT-IDTF1763NBGI Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
logo
Renesas Technology Corp
F1100 RENESAS-F1100 Datasheet
1Mb / 18P
   RF to IF Dual Downconverting Mixer
logo
Integrated Device Techn...
F1152NBGI IDT-F1152NBGI Datasheet
1Mb / 20P
   RF to IF Dual Downconverting Mixer
IDTF1178NBGI IDT-IDTF1178NBGI Datasheet
4Mb / 21P
   RF to IF Dual Downconverting Mixer
F1100 IDT-F1100 Datasheet
956Kb / 17P
   RF to IF Dual Downconverting Mixer
F1150NBGI IDT-F1150NBGI Datasheet
1Mb / 26P
   RF to IF Dual Downconverting Mixer
F1102NBGI IDT-F1102NBGI Datasheet
4Mb / 26P
   RF to IF Dual Downconverting Mixer
F1162NBGI IDT-F1162NBGI Datasheet
1Mb / 26P
   RF to IF Dual Downconverting Mixer
logo
Linear Technology
LTC5567 LINER-LTC5567 Datasheet
192Kb / 4P
   300MHz to 4GHz Active Downconverting Mixer with Wideband IF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com