Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

142-0711-821 Datasheet(PDF) 9 Page - Integrated Device Technology

Part # 142-0711-821
Description  6-bit 0.5 dB Digital Step Attenuator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

142-0711-821 Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button 142-0711-821 Datasheet HTML 5Page - Integrated Device Technology 142-0711-821 Datasheet HTML 6Page - Integrated Device Technology 142-0711-821 Datasheet HTML 7Page - Integrated Device Technology 142-0711-821 Datasheet HTML 8Page - Integrated Device Technology 142-0711-821 Datasheet HTML 9Page - Integrated Device Technology 142-0711-821 Datasheet HTML 10Page - Integrated Device Technology 142-0711-821 Datasheet HTML 11Page - Integrated Device Technology 142-0711-821 Datasheet HTML 12Page - Integrated Device Technology 142-0711-821 Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
6-bit 0.5 dB Digital Step Attenuator
100 MHz to 4000 MHz
Glitch-Free
TM Digital Step Attenuator
9
Rev2 April 2013
IDTF1951
DATASHEET
TOCS CONTINUED (-4-)
INL [150 MHz]
INL [900 MHz]
INL [2900 MHz]
INL [400 MHz]
INL [1900 MHz]
Worst Setting INL
-1.50
-1.25
-1.00
-0.75
-0.50
-0.25
0.00
0.25
0
4
8
12
16
20
24
28
-40 degC
25 degC
100 degC
Attenuation Setting (dB)
Attenuation Setting (dB)
Attenuation Setting (dB)
-1.50
-1.25
-1.00
-0.75
-0.50
-0.25
0.00
0.25
0
4
8
12
16
20
24
28
-40 degC
25 degC
100 degC
Attenuation Setting (dB)
Attenuation Setting (dB)
Attenuation Setting (dB)
-1.50
-1.25
-1.00
-0.75
-0.50
-0.25
0.00
0.25
0
4
8
12
16
20
24
28
-40 degC
25 degC
100 degC
Attenuation Setting (dB)
Attenuation Setting (dB)
Attenuation Setting (dB)
-1.50
-1.25
-1.00
-0.75
-0.50
-0.25
0.00
0.25
0
4
8
12
16
20
24
28
-40 degC
25 degC
100 degC
Attenuation Setting (dB)
Attenuation Setting (dB)
Attenuation Setting (dB)
-1.50
-1.25
-1.00
-0.75
-0.50
-0.25
0.00
0.25
0
4
8
12
16
20
24
28
-40 degC
25 degC
100 degC
Attenuation Setting (dB)
Attenuation Setting (dB)
Attenuation Setting (dB)
-4.0
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
100
500
900
1300
1700
2100
2500
2900
3300
3700
-40 degC
25 degC
100 degC
RF Frequency (MHz)
RF Frequency (MHz)


Similar Part No. - 142-0711-821

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
142-0711-821 MICREL-142-0711-821 Datasheet
1Mb / 10P
   TXRX_982_R1 Evaluation Board
logo
Integrated Device Techn...
142-0711-821 IDT-142-0711-821 Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
142-0711-821 IDT-142-0711-821 Datasheet
3Mb / 43P
   Dual Path Highband RF Receiver 1400MHz to 2700MHz
142-0711-821 IDT-142-0711-821 Datasheet
4Mb / 26P
   RF to IF Dual Downconverting Mixer
142-0711-821 IDT-142-0711-821 Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
More results

Similar Description - 142-0711-821

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F1951 IDT-F1951 Datasheet
1Mb / 20P
   6-bit 0.5 dB Digital Step Attenuator
logo
M/A-COM Technology Solu...
MAAD-011021-000DIE MA-COM-MAAD-011021-000DIE Datasheet
945Kb / 8P
   Digital Attenuator, 6-Bit, 0.5 dB LSB step
MAAD-011021-000DIE MA-COM-MAAD-011021-000DIE_16 Datasheet
987Kb / 9P
   Digital Attenuator, 6-Bit, 0.5 dB LSB step
logo
Advanced Semiconductor ...
AAT530B6 ASB-AAT530B6 Datasheet
199Kb / 6P
   0.5 ~ 3.0 GHz LSB 0.5 dB, 6 Bit Digital Attenuator
September. 2013
logo
TriQuint Semiconductor
TQP4M9072 TRIQUINT-TQP4M9072_15 Datasheet
579Kb / 12P
   High Linearity 6-Bit, 31.5 dB Digital Step Attenuator
logo
Qorvo, Inc
TQP4M9071 QORVO-TQP4M9071 Datasheet
388Kb / 11P
   High Linearity 6-Bit, 31.5 dB Digital Step Attenuator
logo
TriQuint Semiconductor
TQP4M9071 TRIQUINT-TQP4M9071_15 Datasheet
388Kb / 11P
   High Linearity 6-Bit, 31.5 dB Digital Step Attenuator
logo
Analog Devices
HMC8073 AD-HMC8073 Datasheet
284Kb / 13P
   0.6 GHz to 3.0 GHz, 0.5 dB LSB, 6-Bit, Silicon Digital Step Attenuator
logo
Integrated Device Techn...
IDTF1912NCGI IDT-IDTF1912NCGI_17 Datasheet
1Mb / 22P
   6 Bit Digital Step Attenuator
IDTF1912NCGI IDT-IDTF1912NCGI Datasheet
2Mb / 20P
   6 Bit Digital Step Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com