Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LQW15AN22NJ00D Datasheet(PDF) 4 Page - Integrated Device Technology

Part # LQW15AN22NJ00D
Description  RF to IF Single Downconverting Mixer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

LQW15AN22NJ00D Datasheet(HTML) 4 Page - Integrated Device Technology

  LQW15AN22NJ00D Datasheet HTML 1Page - Integrated Device Technology LQW15AN22NJ00D Datasheet HTML 2Page - Integrated Device Technology LQW15AN22NJ00D Datasheet HTML 3Page - Integrated Device Technology LQW15AN22NJ00D Datasheet HTML 4Page - Integrated Device Technology LQW15AN22NJ00D Datasheet HTML 5Page - Integrated Device Technology LQW15AN22NJ00D Datasheet HTML 6Page - Integrated Device Technology LQW15AN22NJ00D Datasheet HTML 7Page - Integrated Device Technology LQW15AN22NJ00D Datasheet HTML 8Page - Integrated Device Technology LQW15AN22NJ00D Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
RF to IF Single Downconverting Mixer
1400MHz to 2500MHz
IDT Zero-Distortion
TM Mixer
4
Rev1 December 2013
IDTF1751NBGI
Datasheet
IDTF1751 SPECIFICATION
Refer to Typical Application Circuit when operated with VCC = +5.0V, TC= +25°C, FRF = 1950 MHz, FIF = 200 MHz, FLO = 1750 MHz, PLO = 0
dBm, output power = +1dBm per tone, STBY = GND. Transformer loss is de-embedded unless otherwise noted.
Parameter
Comment
Symbol
min
typ
max
units
Logic Input High
For Standby Pin
VIH
2
V
Logic Input Low
For Standby Pin
VIL
0.8
1
V
Logic Current
For Standby Pin
IIH, IIL
-1
+1
μA
Supply Current
Total VCC
ISUPP
190
210
mA
Supply Current
Standby Mode
STBY = V
IH
ISTBY
25
30
mA
LO Power
PLO
-3
2
+3
dBm
Settling Time
 Pin = -13 dBm
 Gate STBY from V
IH to VIL
 Time for IF Signal to settle to
within 1 dB of final value
TSETT
130
nsec
Gain
F
RF = 1400MHz
F
LO = 1600MHz
GLB
11.5
dB
F
RF = 1950MHz
F
LO = 1750MHz
GMB
10.6
11.8
13
F
RF = 2500MHz
F
LO = 2300MHz
GHB
10.8
Noise Figure
F
RF = 1500MHz
F
LO = 1700MHz
NFLB
9.5
dB
F
RF = 1950MHz
F
LO = 1750MHz
NFMB
9.7
F
RF = 2400MHz
F
LO = 2200MHz
NFHB
10.5
NF w/Blocker
+100 MHz offset blocker
P
BLKR = +4 dBm
NFBLK
20
dB
Output IP3
F
RF1 = 1500MHz
F
LO = 1700MHz
P
IN = -10dBm per tone
5MHz Tone Separation
OIP3LB
32.5
36.5
dBm
F
RF1 = 1950MHz
F
LO = 1750MHz
P
IN = -10dBm per tone
5MHz Tone Separation
OIP3MBLSLO
30
37.5
F
RF1 = 1950MHz
F
LO = 2150MHz
P
IN = -10dBm per tone
5MHz Tone Separation
OIP3MBHSLO
41
F
RF1 = 2400MHz
F
LO = 2200MHz
P
IN = -10dBm per tone
5MHz Tone Separation
OIP3HB
38
44.5
2RF
– 2LO rejection
P
RF = -10dBm
Frequency = 1850MHz
2x2
-70
-64
dBc
2
nd Harmonic
Pout = -3dBm
H2
-68
-62
dBc


Similar Part No. - LQW15AN22NJ00D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQW15AN22NJ00D MURATA-LQW15AN22NJ00D Datasheet
103Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
logo
Integrated Device Techn...
LQW15AN22NJ00D IDT-LQW15AN22NJ00D Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
logo
Murata Manufacturing Co...
LQW15AN22NJ00D MURATA-LQW15AN22NJ00D Datasheet
73Kb / 2P
   Inductance
logo
Renesas Technology Corp
LQW15AN22NJ00D RENESAS-LQW15AN22NJ00D Datasheet
1Mb / 25P
   Ideal for Multi-Carrier Systems
Rev1 December 2013
LQW15AN22NJ00D RENESAS-LQW15AN22NJ00D Datasheet
1Mb / 25P
   Ideal for Multi-Carrier Systems
RevO December 2013
More results

Similar Description - LQW15AN22NJ00D

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTF1701NBGI IDT-IDTF1701NBGI Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
IDTF1763NBGI IDT-IDTF1763NBGI Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
logo
Renesas Technology Corp
F1100 RENESAS-F1100 Datasheet
1Mb / 18P
   RF to IF Dual Downconverting Mixer
logo
Integrated Device Techn...
F1152NBGI IDT-F1152NBGI Datasheet
1Mb / 20P
   RF to IF Dual Downconverting Mixer
IDTF1178NBGI IDT-IDTF1178NBGI Datasheet
4Mb / 21P
   RF to IF Dual Downconverting Mixer
F1100 IDT-F1100 Datasheet
956Kb / 17P
   RF to IF Dual Downconverting Mixer
F1150NBGI IDT-F1150NBGI Datasheet
1Mb / 26P
   RF to IF Dual Downconverting Mixer
F1102NBGI IDT-F1102NBGI Datasheet
4Mb / 26P
   RF to IF Dual Downconverting Mixer
F1162NBGI IDT-F1162NBGI Datasheet
1Mb / 26P
   RF to IF Dual Downconverting Mixer
logo
Linear Technology
LTC5567 LINER-LTC5567 Datasheet
192Kb / 4P
   300MHz to 4GHz Active Downconverting Mixer with Wideband IF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com