Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ERJ-2RKF8661X Datasheet(PDF) 10 Page - Integrated Device Technology

Part # ERJ-2RKF8661X
Description  RF to IF Single Downconverting Mixer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ERJ-2RKF8661X Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button ERJ-2RKF8661X Datasheet HTML 6Page - Integrated Device Technology ERJ-2RKF8661X Datasheet HTML 7Page - Integrated Device Technology ERJ-2RKF8661X Datasheet HTML 8Page - Integrated Device Technology ERJ-2RKF8661X Datasheet HTML 9Page - Integrated Device Technology ERJ-2RKF8661X Datasheet HTML 10Page - Integrated Device Technology ERJ-2RKF8661X Datasheet HTML 11Page - Integrated Device Technology ERJ-2RKF8661X Datasheet HTML 12Page - Integrated Device Technology ERJ-2RKF8661X Datasheet HTML 13Page - Integrated Device Technology ERJ-2RKF8661X Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
RF to IF Single Downconverting Mixer
1400MHz to 2500MHz
IDT Zero-Distortion
TM Mixer
10
Rev1 December 2013
IDTF1751NBGI
Datasheet
TOCS [IF = 200MHZ, HIGH SIDE INJECTION] Icc, LO-IF leakage [4]
Icc vs. TCASE
0.15
0.16
0.17
0.18
0.19
0.2
0.21
0.22
0.23
0.24
0.25
1300 1400 1500 1600 1700 1800 1900 2000 2100 2200 2300 2400 2500 2600
RF Frequency (MHz)
105degC - +5.0V - 0dBm
25degC - +5.0V - 0dBm
-40degC - +5.0V - 0dBm
Icc vs. Vcc
0.15
0.16
0.17
0.18
0.19
0.2
0.21
0.22
0.23
0.24
0.25
1300 1400 1500 1600 1700 1800 1900 2000 2100 2200 2300 2400 2500 2600
RF Frequency (MHz)
25degC - +4.75V - 0dBm
25degC - +5.0V - 0dBm
25degC - +5.25V - 0dBm
Lo to IF leakage vs. Lo Level
-60
-50
-40
-30
-20
-10
0
1300 1400 1500 1600 1700 1800 1900 2000 2100 2200 2300 2400 2500 2600
RF Frequency (MHz)
25degC - +5.0V - 0dBm
25degC - +5.0V - 3dBm
25degC - +5.0V - -3dBm
Icc vs. Lo Level
0.15
0.16
0.17
0.18
0.19
0.2
0.21
0.22
0.23
0.24
0.25
1300 1400 1500 1600 1700 1800 1900 2000 2100 2200 2300 2400 2500 2600
RF Frequency (MHz)
25degC - +5.0V - 0dBm
25degC - +5.0V - 3dBm
25degC - +5.0V - -3dBm
Lo to IF leakage vs. TCASE
-60
-50
-40
-30
-20
-10
0
1300 1400 1500 1600 1700 1800 1900 2000 2100 2200 2300 2400 2500 2600
RF Frequency (MHz)
105degC - +5.0V - 0dBm
25degC - +5.0V - 0dBm
-40degC - +5.0V - 0dBm
Lo to IF leakage vs. Vcc
-60
-50
-40
-30
-20
-10
0
1300 1400 1500 1600 1700 1800 1900 2000 2100 2200 2300 2400 2500 2600
RF Frequency (MHz)
25degC - +4.75V - 0dBm
25degC - +5.0V - 0dBm
25degC - +5.25V - 0dBm


Similar Part No. - ERJ-2RKF8661X

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ERJ-2RKF8661X RENESAS-ERJ-2RKF8661X Datasheet
1Mb / 25P
   Ideal for Multi-Carrier Systems
Rev1 December 2013
More results

Similar Description - ERJ-2RKF8661X

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTF1701NBGI IDT-IDTF1701NBGI Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
IDTF1763NBGI IDT-IDTF1763NBGI Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
logo
Renesas Technology Corp
F1100 RENESAS-F1100 Datasheet
1Mb / 18P
   RF to IF Dual Downconverting Mixer
logo
Integrated Device Techn...
F1152NBGI IDT-F1152NBGI Datasheet
1Mb / 20P
   RF to IF Dual Downconverting Mixer
IDTF1178NBGI IDT-IDTF1178NBGI Datasheet
4Mb / 21P
   RF to IF Dual Downconverting Mixer
F1100 IDT-F1100 Datasheet
956Kb / 17P
   RF to IF Dual Downconverting Mixer
F1150NBGI IDT-F1150NBGI Datasheet
1Mb / 26P
   RF to IF Dual Downconverting Mixer
F1102NBGI IDT-F1102NBGI Datasheet
4Mb / 26P
   RF to IF Dual Downconverting Mixer
F1162NBGI IDT-F1162NBGI Datasheet
1Mb / 26P
   RF to IF Dual Downconverting Mixer
logo
Linear Technology
LTC5567 LINER-LTC5567 Datasheet
192Kb / 4P
   300MHz to 4GHz Active Downconverting Mixer with Wideband IF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com