Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

961102-6404-AR Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 961102-6404-AR
Description  Matched Broadband RF VGA
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

961102-6404-AR Datasheet(HTML) 4 Page - Integrated Device Technology

  961102-6404-AR Datasheet HTML 1Page - Integrated Device Technology 961102-6404-AR Datasheet HTML 2Page - Integrated Device Technology 961102-6404-AR Datasheet HTML 3Page - Integrated Device Technology 961102-6404-AR Datasheet HTML 4Page - Integrated Device Technology 961102-6404-AR Datasheet HTML 5Page - Integrated Device Technology 961102-6404-AR Datasheet HTML 6Page - Integrated Device Technology 961102-6404-AR Datasheet HTML 7Page - Integrated Device Technology 961102-6404-AR Datasheet HTML 8Page - Integrated Device Technology 961102-6404-AR Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
Matched Broadband RF VGA
400MHz to 2700MHz
Glitch-Free
TM, Zero-DistortionTM, RF VGA
4
Rev 3, April 2015
IDTF0480NBGI
Datasheet
IDTF0480 SPECIFICATION
See F0480 Typical Application Circuit. Specifications apply when operated as an RF DVGA, VCC = +5.00 V,
TC = +25 °C, Max gain setting, output power = 0 dBm, ZRFI = ZRFO = 50 Ω, unless otherwise noted.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Logic Input High
VIH
JEDEC 3.3V logic
2.0
1
V
Logic Input Low
VIL
JEDEC 3.3V logic
0.8
V
Logic Input High
VIH
JEDEC 1.8V logic
1.1
V
Logic Input Low
VIL
JEDEC 1.8V logic
0.63
V
Logic Current
IIH, IIL
STBY, Band_Select
-10
+10
µA
SPI_
-4
+4
Logic CTL
-35
+35
Supply Current
3
ICC_LB
Low Band Configuration
100
mA
ICC_MB
Mid Band Configuration
117
128
ICC_HB
High Band Configuration
109
ICC_STBY
Standby Mode
1.3
1.7
Startup time
50% of STBY going low to
Gain within ± 1 dB with no
attenuation.
250
ns
Gain adjustment range
GADJ
23
dB
Gain step
GSTEP
1
dB
Max Attenuator Glitch
ATTNG
Step from 15 to 16 dB or 16 to
15 dB
0.5
dB
Gain Settling Time
GST
50% of CSb to ± 0.1 dB of
settled gain
500
ns
Serial Clock Speed
10
MHz
CSb to first serial clock
rising edge
A
SPI 3 wire Bus. 50% of CSb
falling edge to 50% of CLK
rising edge.
10
ns
Serial Data Hold Time
B
SPI 3 wire Bus. 50% of CLK
rising edge to 50% of Data
falling edge.
10
ns
Final serial clock rising
edge to CSb
C
SPI 3 wire Bus. 50% of CLK
rising edge to 50% of CSB
rising edge.
10
ns
Note 1: Items in min/max columns in
bold italics are Guaranteed by Test.
Note 2: Items in min/max columns that are not bold/italics are Guaranteed by Design Characterization.
Note 3: During standby mode, SPI is to be left ON and previous state shall be maintained when device is powered up.


Similar Part No. - 961102-6404-AR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
961102-6404-AR TI1-961102-6404-AR Datasheet
574Kb / 13P
[Old version datasheet]   DRV411EVM Users Guide
logo
Renesas Technology Corp
961102-6404-AR RENESAS-961102-6404-AR Datasheet
1Mb / 25P
   Ideal for Multi-Carrier Systems
Rev1 December 2013
logo
Integrated Device Techn...
961102-6404-AR IDT-961102-6404-AR Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
logo
Renesas Technology Corp
961102-6404-AR RENESAS-961102-6404-AR Datasheet
6Mb / 24P
   7-Bit 0.25 dB Wideband Digital Step Attenuator
logo
Integrated Device Techn...
961102-6404-AR IDT-961102-6404-AR Datasheet
4Mb / 26P
   RF to IF Dual Downconverting Mixer
More results

Similar Description - 961102-6404-AR

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F2480 IDT-F2480 Datasheet
3Mb / 34P
   Broadband RF Analog VGA 400 to 3000 MHz
logo
Renesas Technology Corp
F2480 RENESAS-F2480 Datasheet
4Mb / 35P
   Broadband RF Analog VGA 400 to 3000 MHz
F0440 RENESAS-F0440_V01 Datasheet
3Mb / 29P
   Dual Matched Broadband RF DVGA 400MHz to 2700MHz
November 4, 2021
F0440 RENESAS-F0440 Datasheet
2Mb / 31P
   Dual Matched Broadband RF DVGA 450MHz to 2700MHz
F0443 RENESAS-F0443 Datasheet
6Mb / 65P
   Dual Matched Broadband RF DVGA 0.6GHz to 2.7GHz
F0448 RENESAS-F0448 Datasheet
3Mb / 35P
   Dual Matched Broadband RF DVGA 3.4GHz to 3.8GHz
logo
Infineon Technologies A...
BFP843F INFINEON-BFP843F Datasheet
1Mb / 26P
   Robust Low Noise Broadband Pre-Matched Bipolar RF Transistor
Revision 1.0, 2013-06-19
BFP843 INFINEON-BFP843 Datasheet
1Mb / 26P
   Robust Low Noise Broadband Pre-Matched Bipolar RF Transistor
Revision 1.0, 2013-06-19
BFR843EL3 INFINEON-BFR843EL3 Datasheet
1Mb / 27P
   Robust Low Noise Broadband Pre-Matched Bipolar RF Transistor
Revision 1.0, 2014-08-05
logo
M/A-COM Technology Solu...
MRF154 MA-COM-MRF154 Datasheet
293Kb / 9P
   Broadband RF Power MOSFET Broadband RF Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com