Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

142-0701-851 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 142-0701-851
Description  DPD Demodulator for PA Linearization
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

142-0701-851 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 142-0701-851 Datasheet HTML 3Page - Integrated Device Technology 142-0701-851 Datasheet HTML 4Page - Integrated Device Technology 142-0701-851 Datasheet HTML 5Page - Integrated Device Technology 142-0701-851 Datasheet HTML 6Page - Integrated Device Technology 142-0701-851 Datasheet HTML 7Page - Integrated Device Technology 142-0701-851 Datasheet HTML 8Page - Integrated Device Technology 142-0701-851 Datasheet HTML 9Page - Integrated Device Technology 142-0701-851 Datasheet HTML 10Page - Integrated Device Technology 142-0701-851 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
DPD Demodulator for PA Linearization
1300MHz to 2900MHz
IDT Zero-Distortion
TM, Glitch-FreeTM DPD Receiver
7
Rev4, January 2014
PRELIMINARY DATASHEET
IDTF1370NBGI
Datasheet
TO PROGRAM THE SERIAL INTERFACE:
If CSb is de-asserted (set to high), the serial interface will ignore the CLK line. Once CSb is asserted (set to low), the
serial interface will recognize the CLK and any data present on DATA will be clocked into the registers with each
rising CLK edge. After the 16
th CLK cycle, and before the 17th CLK cycle, CSb must be de-asserted to successfully
program the part with the desired bytes. If CSb is de-asserted before the 16
th CLK cycle, or after the 17th CLK cycle,
there is no guarantee that the correct bytes will be programmed and the user will have to re-program the interface in
accordance with the aforementioned procedure.
SW_LATCH PROGRAMMING SEQUENCE
When SW_LATCH is pinned high during the programming sequence, “RFSW” and “ENb” registers cannot be
programmed and therefore will not toggle.
If SW_LATCH is pinned low during the programming sequence, the “RFSW” and “ENb” register will
toggle.
This can be prevented with the “Programming Sequence” below.
SEQUENCE FOR PROGRAMMING REGISTERS A<2>:A<0>
1) SW_Latch = 1; CSb = 0
2) CLK in 8- or 16-bit word, do not de-assert (pull high) CSb
3) Set SW_LATCH = 0 while CSb = 0 remains)
4) With SW_Latch = 0, set CSb = 1
5) Set SW_Latch = 1
6) Program complete
SPECIAL NOTE REGARDING PHASE OF I & Q:
When LO is high-side injected, IF_I leads IF_Q by 90 degrees
When LO is low-side injected, IF_Q leads IF_I by 90 degrees
SDATA
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
SCLK
0
0
0
0
0
1
0
1
RFSW
ENb
CSb (solid)
SW_LATCH (dashed)
RFSW


Similar Part No. - 142-0701-851

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
142-0701-851 RENESAS-142-0701-851 Datasheet
1Mb / 25P
   Ideal for Multi-Carrier Systems
Rev1 December 2013
logo
ON Semiconductor
142-0701-851 ONSEMI-142-0701-851 Datasheet
238Kb / 22P
   Evaluation Board Manual for High Frequency LQFP32
April, 2003 - Rev. 1
logo
Skyworks Solutions Inc.
142-0701-851 SKYWORKS-142-0701-851 Datasheet
644Kb / 11P
   High Power (26 dBm) 802.11n WLAN Power Amplifier with Integrated Power Detector
logo
Integrated Device Techn...
142-0701-851 IDT-142-0701-851 Datasheet
2Mb / 54P
   Sampling IF Receiver 1710MHz to 2050MHz
logo
Renesas Technology Corp
142-0701-851 RENESAS-142-0701-851 Datasheet
1Mb / 25P
   Ideal for Multi-Carrier Systems
RevO December 2013
More results

Similar Description - 142-0701-851

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTF1320NBGI IDT-IDTF1320NBGI Datasheet
1Mb / 28P
   DPD Demodulator for PA Linearization
IDTF1358NBGI IDT-IDTF1358NBGI Datasheet
1Mb / 37P
   DPD Demodulator for PA Linearization
logo
Renesas Technology Corp
F1375 RENESAS-F1375 Datasheet
1Mb / 27P
   DPD Demodulator for PA Linearization 1300MHz to 2900MHz
February 7, 2022
F1300 RENESAS-F1300 Datasheet
1Mb / 31P
   DPD Demodulator for PA Linearization 550MHz to 1150MHz
February 7, 2022
IDTF1350 RENESAS-IDTF1350 Datasheet
1Mb / 27P
   DPD Demodulator for PA Linearization, 1300MHz to 2900MHz
January 21, 2020
F1385 RENESAS-F1385 Datasheet
1Mb / 42P
   DPD Demodulator for PA Linearization 3200 to 4400 MHz
February 7, 2022
logo
Sony Corporation
CXA3018R SONY-CXA3018R Datasheet
485Kb / 17P
   Demodulator for Satellite Receivers
logo
Keysight Technologies
M9451A KEYSIGHT-M9451A Datasheet
588Kb / 10P
   M9451A-DPD PXIe Measurement Accelerator
logo
Sony Corporation
CXA3218N SONY-CXA3218N Datasheet
241Kb / 16P
   FM Demodulator for BS/CS
logo
NXP Semiconductors
TBA120U PHILIPS-TBA120U Datasheet
93Kb / 9P
   Sound I.F. amplifier/demodulator for TV
March 1986
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com