Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC4-1WG2+ Datasheet(PDF) 1 Page - Integrated Device Technology

Part # TC4-1WG2+
Description  RF to IF Dual Downconverting Mixer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

TC4-1WG2+ Datasheet(HTML) 1 Page - Integrated Device Technology

  TC4-1WG2+ Datasheet HTML 1Page - Integrated Device Technology TC4-1WG2+ Datasheet HTML 2Page - Integrated Device Technology TC4-1WG2+ Datasheet HTML 3Page - Integrated Device Technology TC4-1WG2+ Datasheet HTML 4Page - Integrated Device Technology TC4-1WG2+ Datasheet HTML 5Page - Integrated Device Technology TC4-1WG2+ Datasheet HTML 6Page - Integrated Device Technology TC4-1WG2+ Datasheet HTML 7Page - Integrated Device Technology TC4-1WG2+ Datasheet HTML 8Page - Integrated Device Technology TC4-1WG2+ Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
RF to IF Dual Downconverting Mixer
3400MHz –3800MHz
IDT Zero-Distortion
TM Mixer
1
Rev1, December 2014
IDTF1178NBGI
Datasheet
GENERAL DESCRIPTION
This document describes the specifications for the
IDTF1178 Zero-Distortion
TM RF to IF Downconverting
Dual Mixer. This device is part of a series of mixers
offered with high side and/or low side injection options
for all UTRA bands. See the Part# Matrix for pin
compatible & feature compatible devices in this series.
The F1178 dual channel device is designed to operate
with a single 5V supply. It is optimized for operation in
a Multi-mode, Multi-carrier BaseStation Receiver for RF
bands from 3400MHz - 3800MHz with Low Side LO
injection. IF frequencies from 30MHz to 550MHz are
supported. Nominally, the device offers +37.5dBm
Output IP3 with 297mA of ICC.
COMPETITIVE ADVANTAGE
In typical basestation receivers, the RF to IF mixer
dominates the linearity performance for the entire
receive system. The Zero-Distortion
TM family of mixers
dramatically improves the maximum signal levels (IM3
tones) that the BTS can withstand at a desired Signal to
Noise Ratio (SNR). Zero-Distortion
TM technology allows
realization of either benefit.
IP3O: ⇑
⇑ 9dB
Dissipation:
⇓ 23%
Noise Figure: 8.5dB
PART# MATRIX
Part#
RF freq
range
(MHz)
UTRA bands
IF freq
range
(MHz)
Typ.
Gain
(dB)
Injection
F1100
698 - 915
5,6,8,12,13,14,17,
19,20
150 - 450
9.0
High Side
F1102
400 - 1000
5,6,8,12,13,14,17,
19,20
50 - 300
9.0
Both
F1150
1700 - 2200
1,2,3,4,9,10, 33,
34,35, 36, 37,39
50 - 450
8.5
High Side
F1152
1400 - 2200
1,2,3,4,9,10,11
1,
21
1, 241, 33, 34,35,
36, 37,39
50 - 350
8.5
Low Side
F
F1
11
16
62
2
2
23
30
00
0
2
27
70
00
0
7
7,,3
38
8,,4
40
0,,4
41
1
5
50
0
5
50
00
0
8
8..9
9
B
Bo
otth
h
F
F1
11
17
78
8
3
34
40
00
0 -- 3
38
80
00
0
2
22
2,, 4
42
2,, 4
43
3
3
30
0 -- 5
55
50
0
9
9..0
0
L
Lo
ow
w S
Siid
de
e
1 – with High Side injection
FEATURES
Dual Path for Diversity Systems
Ideal for Multi-Carrier Systems
9dB Gain
Ultra linear +
+3
37
7..5
5d
dB
Bm
m I
IP
P3
3OO
8.5dB NF
200
output impedance
High +11dBm P1dBI
P
Piin
n &
& F
Fe
ea
attu
urre
e C
Co
om
mp
pa
attiib
blle
e
6mm x 6mm, 36-pin package
I
In
nd
diiv
viid
du
ua
all P
Pa
atth
h S
Stta
an
nd
db
by
y M
Mo
od
de
e
<400 nsec settling from Power Up
ICC = 297mA
DEVICE BLOCK DIAGRAM
ORDERING INFORMATION
IDTF1178NBGI8
0.8 mm height
package
Green
Industrial
Temp range
Tape &
Reel
Omit IDT
prefix
RF product Line


Similar Part No. - TC4-1WG2+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TC4-1WG2++ MINI-TC4-1WG2+ Datasheet
114Kb / 1P
   RF Transformer
TC4-1WG2++ MINI-TC4-1WG2+ Datasheet
89Kb / 1P
   Surface Mount RF Transformer
More results

Similar Description - TC4-1WG2+

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F1100 RENESAS-F1100 Datasheet
1Mb / 18P
   RF to IF Dual Downconverting Mixer
logo
Integrated Device Techn...
F1152NBGI IDT-F1152NBGI Datasheet
1Mb / 20P
   RF to IF Dual Downconverting Mixer
F1100 IDT-F1100 Datasheet
956Kb / 17P
   RF to IF Dual Downconverting Mixer
F1150NBGI IDT-F1150NBGI Datasheet
1Mb / 26P
   RF to IF Dual Downconverting Mixer
F1102NBGI IDT-F1102NBGI Datasheet
4Mb / 26P
   RF to IF Dual Downconverting Mixer
F1162NBGI IDT-F1162NBGI Datasheet
1Mb / 26P
   RF to IF Dual Downconverting Mixer
IDTF1751NBGI IDT-IDTF1751NBGI Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
IDTF1701NBGI IDT-IDTF1701NBGI Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
IDTF1763NBGI IDT-IDTF1763NBGI Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
logo
Renesas Technology Corp
F1192B RENESAS-F1192B Datasheet
1Mb / 36P
   RF Dual Wideband Gain-Settable Downconverting Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com