Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ERJ-2RKF2702X Datasheet(PDF) 5 Page - Integrated Device Technology

Part # ERJ-2RKF2702X
Description  Matched Broadband RF VGA
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ERJ-2RKF2702X Datasheet(HTML) 5 Page - Integrated Device Technology

  ERJ-2RKF2702X Datasheet HTML 1Page - Integrated Device Technology ERJ-2RKF2702X Datasheet HTML 2Page - Integrated Device Technology ERJ-2RKF2702X Datasheet HTML 3Page - Integrated Device Technology ERJ-2RKF2702X Datasheet HTML 4Page - Integrated Device Technology ERJ-2RKF2702X Datasheet HTML 5Page - Integrated Device Technology ERJ-2RKF2702X Datasheet HTML 6Page - Integrated Device Technology ERJ-2RKF2702X Datasheet HTML 7Page - Integrated Device Technology ERJ-2RKF2702X Datasheet HTML 8Page - Integrated Device Technology ERJ-2RKF2702X Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
Matched Broadband RF VGA
400MHz to 2700MHz
Glitch-Free
TM, Zero-DistortionTM, RF VGA
5
Rev 3, April 2015
IDTF0480NBGI
Datasheet
IDTF0480 SPECIFICATION - LOWBAND PERFORMANCE
See F0480 Typical Application Circuit. Specifications apply when operated as an RF DVGA, VCC = +5.00 V,
TC = +25 °C, FRF = 900 MHz, Band_Select = LB setting, Max gain setting, output power = 0 dBm,
ZRFI = ZRFO = 50 Ω, the evaluation board and connector losses are de-embedded, unless otherwise noted.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
RF input return loss
RLIN_LB
15
dB
RF output return loss
RLOut_LB
20
dB
Gain
GMAX_LB
11.5
12.6
13.4
dB
GMIN_LB
Maximum attenuation
-11.2
-10.2
-9.4
GTEMP_LB
Variation over Temperature
± 0.3
GVAR_LB
Max gain variation over
frequency
5
0.1
Step Error
GACC_LB
Between adjacent states
± 0.1
dB
Absolute Error
GABSACC_LB
Relative to maximum gain
± 0.2
dB
Phase deviation
GPH_ADJ_LB
Between adjacent states at
maximum gain
1
Deg
Noise Figure
NFLB
3.9
dB
NFLB_MG
Tcase = +105 °C
4.8
NFLB_RG
22 dB attenuation
25.9
Output Third Order
Intercept Point
OIP3_LB-1
Pout = 0 dBm/Tone,
1 MHz tone separation
41.5
dBm
OIP3_LB-2
Pout = -10 dBm/Tone,
1 MHz tone separation
40.5
OIP3_LB-3
Pout = 0 dBm/Tone,
1 MHz tone separation, Worst
case in the operating
temperature range
39
41
OIP3_LB-6dB
Pout = 0 dBm/Tone,
1 MHz tone separation with
6 dB attenuation
41
Output 1 dB Power
Compression
OP1dB_LB
20.6
22.2
dBm
Output 0.2 dB Power
Compression
OP0.2dB_LB
20
dBm
Output Saturated Power
PSAT_LB
3 dB compression
22.3
dBm
Reverse Isolation
REVISO_LB
18
dB
Note 5: Including frequency and ripple variations valid within each individual 3GPP band.


Similar Part No. - ERJ-2RKF2702X

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ERJ-2RKF2702X RENESAS-ERJ-2RKF2702X Datasheet
2Mb / 28P
   400 MHz ??2700 MHz 13 dB typical max gain
More results

Similar Description - ERJ-2RKF2702X

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F2480 IDT-F2480 Datasheet
3Mb / 34P
   Broadband RF Analog VGA 400 to 3000 MHz
logo
Renesas Technology Corp
F2480 RENESAS-F2480 Datasheet
4Mb / 35P
   Broadband RF Analog VGA 400 to 3000 MHz
F0440 RENESAS-F0440_V01 Datasheet
3Mb / 29P
   Dual Matched Broadband RF DVGA 400MHz to 2700MHz
November 4, 2021
F0440 RENESAS-F0440 Datasheet
2Mb / 31P
   Dual Matched Broadband RF DVGA 450MHz to 2700MHz
F0443 RENESAS-F0443 Datasheet
6Mb / 65P
   Dual Matched Broadband RF DVGA 0.6GHz to 2.7GHz
F0448 RENESAS-F0448 Datasheet
3Mb / 35P
   Dual Matched Broadband RF DVGA 3.4GHz to 3.8GHz
logo
Infineon Technologies A...
BFP843F INFINEON-BFP843F Datasheet
1Mb / 26P
   Robust Low Noise Broadband Pre-Matched Bipolar RF Transistor
Revision 1.0, 2013-06-19
BFP843 INFINEON-BFP843 Datasheet
1Mb / 26P
   Robust Low Noise Broadband Pre-Matched Bipolar RF Transistor
Revision 1.0, 2013-06-19
BFR843EL3 INFINEON-BFR843EL3 Datasheet
1Mb / 27P
   Robust Low Noise Broadband Pre-Matched Bipolar RF Transistor
Revision 1.0, 2014-08-05
logo
M/A-COM Technology Solu...
MRF154 MA-COM-MRF154 Datasheet
293Kb / 9P
   Broadband RF Power MOSFET Broadband RF Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com