Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDTF1701NBGI Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDTF1701NBGI
Description  RF to IF Single Downconverting Mixer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTF1701NBGI Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button IDTF1701NBGI Datasheet HTML 4Page - Integrated Device Technology IDTF1701NBGI Datasheet HTML 5Page - Integrated Device Technology IDTF1701NBGI Datasheet HTML 6Page - Integrated Device Technology IDTF1701NBGI Datasheet HTML 7Page - Integrated Device Technology IDTF1701NBGI Datasheet HTML 8Page - Integrated Device Technology IDTF1701NBGI Datasheet HTML 9Page - Integrated Device Technology IDTF1701NBGI Datasheet HTML 10Page - Integrated Device Technology IDTF1701NBGI Datasheet HTML 11Page - Integrated Device Technology IDTF1701NBGI Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
RF to IF Single Downconverting Mixer
600MHz to 1060MHz
IDT Zero-Distortion
TM Mixer
8
RevO December 2013
IDTF1701NBGI
Datasheet
TOCS [IF = 200MHZ, HIGH SIDE INJECTION] P1dBo, 2X2 (2)
P1dBO vs. TCASE
10
12
14
16
18
20
22
24
26
28
30
650
700
750
800
850
900
950
1000
1050
1100
RF Frequency (MHz)
105degC - +5.0V - 0dBm
25degC - +5.0V - 0dBm
-40degC - +5.0V - 0dBm
P1dBO vs. Vcc
10
12
14
16
18
20
22
24
26
28
30
650
700
750
800
850
900
950
1000
1050
1100
RF Frequency (MHz)
25degC - +4.75V - 0dBm
25degC - +5.0V - 0dBm
25degC - +5.25V - 0dBm
2x2 Rejection vs. Lo Level
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
650
700
750
800
850
900
950
1000
1050
1100
RF Frequency (MHz)
25degC - +5.0V - 0dBm
25degC - +5.0V - 3dBm
25degC - +5.0V - -3dBm
P1dBO vs. Lo Level
10
12
14
16
18
20
22
24
26
28
30
650
700
750
800
850
900
950
1000
1050
1100
RF Frequency (MHz)
25degC - +5.0V - 0dBm
25degC - +5.0V - 3dBm
25degC - +5.0V - -3dBm
2x2 Rejection vs. TCASE
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
650
700
750
800
850
900
950
1000
1050
1100
RF Frequency (MHz)
105degC - +5.0V - 0dBm
25degC - +5.0V - 0dBm
-40degC - +5.0V - 0dBm
2x2 Rejection vs. Vcc
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
650
700
750
800
850
900
950
1000
1050
1100
RF Frequency (MHz)
25degC - +4.75V - 0dBm
25degC - +5.0V - 0dBm
25degC - +5.25V - 0dBm


Similar Part No. - IDTF1701NBGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDTF1701NBGI8 RENESAS-IDTF1701NBGI8 Datasheet
1Mb / 25P
   Ideal for Multi-Carrier Systems
More results

Similar Description - IDTF1701NBGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTF1751NBGI IDT-IDTF1751NBGI Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
IDTF1763NBGI IDT-IDTF1763NBGI Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
logo
Renesas Technology Corp
F1100 RENESAS-F1100 Datasheet
1Mb / 18P
   RF to IF Dual Downconverting Mixer
logo
Integrated Device Techn...
F1152NBGI IDT-F1152NBGI Datasheet
1Mb / 20P
   RF to IF Dual Downconverting Mixer
IDTF1178NBGI IDT-IDTF1178NBGI Datasheet
4Mb / 21P
   RF to IF Dual Downconverting Mixer
F1100 IDT-F1100 Datasheet
956Kb / 17P
   RF to IF Dual Downconverting Mixer
F1150NBGI IDT-F1150NBGI Datasheet
1Mb / 26P
   RF to IF Dual Downconverting Mixer
F1102NBGI IDT-F1102NBGI Datasheet
4Mb / 26P
   RF to IF Dual Downconverting Mixer
F1162NBGI IDT-F1162NBGI Datasheet
1Mb / 26P
   RF to IF Dual Downconverting Mixer
logo
Linear Technology
LTC5567 LINER-LTC5567 Datasheet
192Kb / 4P
   300MHz to 4GHz Active Downconverting Mixer with Wideband IF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com